Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9016IRUGGZ-T Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL9016IRUGGZ-T
Description  150mA Dual LDO with Low Noise, High PSRR, and Low IQ
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9016IRUGGZ-T Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL9016IRUGGZ-T Datasheet HTML 3Page - Intersil Corporation ISL9016IRUGGZ-T Datasheet HTML 4Page - Intersil Corporation ISL9016IRUGGZ-T Datasheet HTML 5Page - Intersil Corporation ISL9016IRUGGZ-T Datasheet HTML 6Page - Intersil Corporation ISL9016IRUGGZ-T Datasheet HTML 7Page - Intersil Corporation ISL9016IRUGGZ-T Datasheet HTML 8Page - Intersil Corporation ISL9016IRUGGZ-T Datasheet HTML 9Page - Intersil Corporation ISL9016IRUGGZ-T Datasheet HTML 10Page - Intersil Corporation ISL9016IRUGGZ-T Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
FN6832.0
January 22, 2009
With output voltage externally held up higher than the input
voltage:
1. Input is pulled to ground;
2. input is left open circuit; and
3. input is pulled to some intermediate voltage
ISL9016 provides the reverse current protection to limit the
current flow from output to input under these situations. When
input is pulled to ground and output is held to 5.5V, the typical
reverse current from output to input side is less than 8µA.
Input and Output Capacitors
The ISL9016 provides a linear regulator that has low
quiescent current, fast transient response, and overall stability
across the recommended operating conditions. A ceramic
capacitor (X5R or X7R) with a capacitance of 1µF to 4.7µF
with an ESR up to 200m
Ω is suitable for ISL9016 to maintain
its output stability. The ground connection of the output
capacitor should be connected directly to the GND pin of the
device, and also placed close to the device. Similarly for the
input capacitor, usually a 1µF ceramic capacitor (X5R or X7R)
is suitable for most cases, but if large, fast rising-time load
transient condition is expected, a higher value input capacitor
may be necessary to achieve better performance.
Board Layout Recommendations
A good PCB layout will be an important step to achieve good
performance. It is recommended to design the board with
separate ground planes for input and output, and connect
both ground planes at the GND pin of the device.
Consideration should be taken when placing the
components and route the trace to minimize the ground
impedance, as well as keep the parasitic inductance low.
Usually the input/output capacitors should be placed close to
the device with good ground connection.
ISL9016


Similar Part No. - ISL9016IRUGGZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9016IRUGGZ-T INTERSIL-ISL9016IRUGGZ-T Datasheet
464Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
May 16, 2011
logo
Renesas Technology Corp
ISL9016IRUGGZ-T RENESAS-ISL9016IRUGGZ-T Datasheet
558Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
More results

Similar Description - ISL9016IRUGGZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9016A RENESAS-ISL9016A Datasheet
753Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR and Low IQ
August 3, 2016
ISL9016 RENESAS-ISL9016 Datasheet
558Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
logo
Intersil Corporation
ISL9016IRUWCZ-T INTERSIL-ISL9016IRUWCZ-T Datasheet
464Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
May 16, 2011
ISL9014A INTERSIL-ISL9014A Datasheet
214Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9014A RENESAS-ISL9014A Datasheet
606Kb / 13P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Intersil Corporation
ISL9011AIRNNZ INTERSIL-ISL9011AIRNNZ Datasheet
320Kb / 12P
   Dual LDO with Low Noise, Low IQ and High PSRR
September 1, 2015
ISL9014AIRNNZ INTERSIL-ISL9014AIRNNZ Datasheet
211Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
March 11, 2008
ISL9012 INTERSIL-ISL9012 Datasheet
233Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
ISL9011A INTERSIL-ISL9011A Datasheet
208Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9011A RENESAS-ISL9011A Datasheet
584Kb / 12P
   Dual LDO with Low Noise, Low IQ and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com