Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3803IS6-3 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3803IS6-3
Description  Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3803IS6-3 Datasheet(HTML) 5 Page - Linear Technology

  LTC3803IS6-3 Datasheet HTML 1Page - Linear Technology LTC3803IS6-3 Datasheet HTML 2Page - Linear Technology LTC3803IS6-3 Datasheet HTML 3Page - Linear Technology LTC3803IS6-3 Datasheet HTML 4Page - Linear Technology LTC3803IS6-3 Datasheet HTML 5Page - Linear Technology LTC3803IS6-3 Datasheet HTML 6Page - Linear Technology LTC3803IS6-3 Datasheet HTML 7Page - Linear Technology LTC3803IS6-3 Datasheet HTML 8Page - Linear Technology LTC3803IS6-3 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC3803-3
38033fa
Soft-Start Time vs Temperature
Peak Current Sense Voltage
vs Temperature
TEMPERATURE (
°C)
–50
100
110
130
110
38033 G13
90
80
–10
30
70
–30
10
50
90
120
95
105
85
115
VCC = 8V
TEMPERATURE (
°C)
–50
0
0.5
1.5
2.0
2.5
3.5
–30
50
90
38033 G14
1.0
3.0
30
130 150
–10 10
70
110
TYPICAL PERFOR A CE CHARACTERISTICS T
A = 25°C unless otherwise noted.
ITH/RUN Shutdown Threshold
vs Temperature
Start-Up ICC Supply Current
vs Temperature
TEMPERATURE (
°C)
–50
0
10
20
30
–10 10
30
50
70
90 110
70
38033 G10
–30
130
40
50
60
VCC = VTURNON – 0.1V
TEMPERATURE (
°C)
–50
300
350
400
70
90
38033 G11
250
200
–10 10
–30
30
50
130
110
150
100
450
ITH/RUN Start-Up Current Source
vs Temperature
TEMPERATURE (
°C)
–50
0
100
200
300
–10 10
30
50
70
90 110
700
38033 G12
–30
130
400
500
600
VCC = VTURNON + 0.1V
VITH/RUN = 0V


Similar Part No. - LTC3803IS6-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3803 LINER-LTC3803 Datasheet
181Kb / 12P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803 LINER-LTC3803 Datasheet
479Kb / 26P
   Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
LTC3803 LINER-LTC3803 Datasheet
313Kb / 24P
   100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
LTC3803 LINER-LTC3803 Datasheet
257Kb / 20P
   Isolated No Opto-Coupler Flyback Controller
LTC3803 LINER-LTC3803 Datasheet
337Kb / 24P
   Single IEEE 802.3af Compliant PSE Controller with Internal Switch
More results

Similar Description - LTC3803IS6-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3803 LINER-LTC3803_15 Datasheet
174Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-5 LINER-LTC3803-5 Datasheet
181Kb / 12P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803 LINER-LTC3803 Datasheet
181Kb / 12P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-3 LINER-LTC3803-3_15 Datasheet
180Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-5 LINER-LTC3803-5_15 Datasheet
172Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC1872B LINER-LTC1872B_15 Datasheet
204Kb / 12P
   Constant Frequency Current Mode Step-Up DC/DC Controller in ThinSOT
LTC1872B LINER-LTC1872B Datasheet
199Kb / 12P
   Constant Frequency Current Mode Step-Up DC/DC Controller in ThinSOT
LTC3873-5 LINER-LTC3873-5 Datasheet
169Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873 LINER-LTC3873 Datasheet
176Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3805 LINER-LTC3805_15 Datasheet
267Kb / 20P
   Adjustable Frequency Current Mode Flyback DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com