Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3805 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3805
Description  Adjustable Frequency Current Mode Flyback DC/DC Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3805 Datasheet(HTML) 4 Page - Linear Technology

  LTC3805 Datasheet HTML 1Page - Linear Technology LTC3805 Datasheet HTML 2Page - Linear Technology LTC3805 Datasheet HTML 3Page - Linear Technology LTC3805 Datasheet HTML 4Page - Linear Technology LTC3805 Datasheet HTML 5Page - Linear Technology LTC3805 Datasheet HTML 6Page - Linear Technology LTC3805 Datasheet HTML 7Page - Linear Technology LTC3805 Datasheet HTML 8Page - Linear Technology LTC3805 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC3805
4
3805fb
TEMPERATURE (°C)
–50
788
792
800
808
796
804
812
–25
0
25
50
3805 G01
75
100
125
TYPICAL PERFORMANCE CHARACTERISTICS
Reference Voltage
vs Temperature
Reference Voltage
vs Supply Voltage
Oscillator Frequency vs RFS
Oscillator Frequency
vs Supply Voltage
Oscillator Frequency
vs Temperature
RUN Undervoltage Lockout
Thresholds vs Temperature
RUN Hysteresis Current
vs Temperature
VCC Undervoltage Lockout
Thresholds vs Temperature
RFS (kΩ)
0
400
500
600
400
3805 G03
300
200
0
100
200
300
100
800
700
VCC (V)
4
0.799700
0.799800
0.799900
0.800000
0.800100
0.800200
0.800300
68
579
10
3805 G02
VCC (V)
4
201
202
203
8
3805 G04
200
199
567
9
198
197
196
RFS = 124kΩ
TEMPERATURE (°C)
–50
198
199
200
201
202
–25
0
25
50
3805 G05
75
100
125
RFS = 124kΩ
TEMPERATURE (°C)
–50
1.170
1.175
1.185
1.195
1.180
1.190
1.200
1.205
–25
0
25
50
3805 G06
75
100
125
VRUN(ON)
VRUN(OFF)
TEMPERATURE (°C)
–50
4.70
4.80
5.00
4.90
5.10
5.20
–25
0
25
50
3805 G07
75
100
125
TEMPERATURE (°C)
–50
3.50
4.50
6.50
8.50
5.50
7.50
9.50
–25
0
25
50
3805 G08
75
100
125
VTURN(ON)
VTURN(OFF)


Similar Part No. - LTC3805

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3805 LINER-LTC3805 Datasheet
479Kb / 26P
   Secondary-Side Opto-Coupler Driver Ground-Referenced Opto-Coupler Drive
LTC3805 LINER-LTC3805 Datasheet
504Kb / 42P
   Synchronous No-Opto Flyback Controller
LTC3805 LINER-LTC3805 Datasheet
313Kb / 24P
   100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
LTC3805 LINER-LTC3805 Datasheet
257Kb / 20P
   Isolated No Opto-Coupler Flyback Controller
logo
Analog Devices
LTC3805 AD-LTC3805 Datasheet
1Mb / 24P
   100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
More results

Similar Description - LTC3805

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3805 LINER-LTC3805_15 Datasheet
267Kb / 20P
   Adjustable Frequency Current Mode Flyback DC/DC Controller
LTC3805-5 LINER-LTC3805-5 Datasheet
212Kb / 20P
   Adjustable Frequency Current Mode Flyback/ Boost/SEPIC DC/DC Controller
LTC3805-5 LINER-LTC3805-5_15 Datasheet
264Kb / 20P
   Adjustable Frequency Current Mode Flyback/ Boost/SEPIC DC/DC Controller
LTC3873-5 LINER-LTC3873-5_15 Datasheet
181Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873 LINER-LTC3873_15 Datasheet
183Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3803 LINER-LTC3803 Datasheet
181Kb / 12P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-3 LINER-LTC3803-3_15 Datasheet
180Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-5 LINER-LTC3803-5_15 Datasheet
172Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-3 LINER-LTC3803-3 Datasheet
170Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803 LINER-LTC3803_15 Datasheet
174Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com