Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9016IRUJWZ-T Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL9016IRUJWZ-T
Description  150mA Dual LDO with Low Noise, High PSRR, and Low IQ
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9016IRUJWZ-T Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL9016IRUJWZ-T Datasheet HTML 3Page - Intersil Corporation ISL9016IRUJWZ-T Datasheet HTML 4Page - Intersil Corporation ISL9016IRUJWZ-T Datasheet HTML 5Page - Intersil Corporation ISL9016IRUJWZ-T Datasheet HTML 6Page - Intersil Corporation ISL9016IRUJWZ-T Datasheet HTML 7Page - Intersil Corporation ISL9016IRUJWZ-T Datasheet HTML 8Page - Intersil Corporation ISL9016IRUJWZ-T Datasheet HTML 9Page - Intersil Corporation ISL9016IRUJWZ-T Datasheet HTML 10Page - Intersil Corporation ISL9016IRUJWZ-T Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN6832.0
January 22, 2009
Ultra Thin Dual Flat No-Lead Plastic Package (UTDFN)
B
D
A
E
0.15 C
2X
PIN 1
TOP VIEW
0.15 C
2X
REFERENCE
DETAIL A
0.10 C
0.08 C
6X
A3
C
SEATING
PLANE
L
e
46
31
BOTTOM VIEW
SIDE VIEW
0.10
CAB
b6X
DETAIL A
0.127 +0.058
A1
A1
A
0.127±0.008
64
13
M
CO.2
1.00 REF
D2
DAP SIZE 1.30 x 0.76
E2
-0.008
TERMINAL THICKNESS
0.30
1.00
0.45
0.50
0.25
1.25
2.00
1.00
LAND PATTERN 6
L6.1.6x1.6A
6 LEAD ULTRA THIN DUAL FLAT NO-LEAD PLASTIC PACKAGE
SYMBOL
MILLIMETERS
NOTES
MIN
NOMINAL
MAX
A
0.45
0.50
0.55
-
A1
-
-
0.05
-
A3
0.127 REF
-
b
0.15
0.20
0.25
-
D
1.55
1.60
1.65
4
D2
0.40
0.45
0.50
-
E
1.55
1.60
1.65
4
E2
0.95
1.00
1.05
-
e
0.50 BSC
-
L
0.25
0.30
0.35
-
Rev. 1 6/06
NOTES:
1. Dimensions are in mm. Angles in degrees.
2. Coplanarity applies to the exposed pad as well as the terminals.
Coplanarity shall not exceed 0.08mm.
3. Warpage shall not exceed 0.10mm.
4. Package length/package width are considered as special
characteristics.
5. JEDEC Reference MO-229.
6. For additional information, to assist with the PCB Land Pattern
Design effort, see Intersil Technical Brief TB389.
ISL9016


Similar Part No. - ISL9016IRUJWZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9016IRUJWZ-T INTERSIL-ISL9016IRUJWZ-T Datasheet
464Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
May 16, 2011
logo
Renesas Technology Corp
ISL9016IRUJWZ-T RENESAS-ISL9016IRUJWZ-T Datasheet
558Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
More results

Similar Description - ISL9016IRUJWZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9016A RENESAS-ISL9016A Datasheet
753Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR and Low IQ
August 3, 2016
ISL9016 RENESAS-ISL9016 Datasheet
558Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
logo
Intersil Corporation
ISL9016IRUWCZ-T INTERSIL-ISL9016IRUWCZ-T Datasheet
464Kb / 11P
   150mA Dual LDO with Low Noise, High PSRR, and Low IQ
May 16, 2011
ISL9014A INTERSIL-ISL9014A Datasheet
214Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9014A RENESAS-ISL9014A Datasheet
606Kb / 13P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Intersil Corporation
ISL9011AIRNNZ INTERSIL-ISL9011AIRNNZ Datasheet
320Kb / 12P
   Dual LDO with Low Noise, Low IQ and High PSRR
September 1, 2015
ISL9014AIRNNZ INTERSIL-ISL9014AIRNNZ Datasheet
211Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
March 11, 2008
ISL9012 INTERSIL-ISL9012 Datasheet
233Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
ISL9011A INTERSIL-ISL9011A Datasheet
208Kb / 11P
   Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9011A RENESAS-ISL9011A Datasheet
584Kb / 12P
   Dual LDO with Low Noise, Low IQ and High PSRR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com