Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3805EMSE-TRPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3805EMSE-TRPBF
Description  Adjustable Frequency Current Mode Flyback DC/DC Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3805EMSE-TRPBF Datasheet(HTML) 3 Page - Linear Technology

  LTC3805EMSE-TRPBF Datasheet HTML 1Page - Linear Technology LTC3805EMSE-TRPBF Datasheet HTML 2Page - Linear Technology LTC3805EMSE-TRPBF Datasheet HTML 3Page - Linear Technology LTC3805EMSE-TRPBF Datasheet HTML 4Page - Linear Technology LTC3805EMSE-TRPBF Datasheet HTML 5Page - Linear Technology LTC3805EMSE-TRPBF Datasheet HTML 6Page - Linear Technology LTC3805EMSE-TRPBF Datasheet HTML 7Page - Linear Technology LTC3805EMSE-TRPBF Datasheet HTML 8Page - Linear Technology LTC3805EMSE-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC3805
3
3805fb
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3805E is guaranteed to meet specifications from 0°C to
85°C. Specifications over the –40°C to 85°C operating temperature range
are assured by design, characterization and correlation with statistical
process controls.
Note 3: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
TJ = TA + (PD • 45°C/W)
Note 4: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ICC
Input DC Supply Current
Normal Operation (fOSC = 200kHz)
(Note 4)
360
μA
VRUN < VRUNON or VCC < VTURNON – 100mV
(Micropower Start-Up)
40
90
μA
VRUNON
RUN Turn-On Voltage
VCC = VTURNON + 100mV
1.122
1.207
1.292
V
VRUNOFF
RUN Turn-Off Voltage
VCC = VTURNON + 100mV
1.092
1.170
1.248
V
IRUN(HYST)
RUN Hysteresis Current
4
5
5.8
μA
VFB
Regulated Feedback Voltage
0°C ≤ TA ≤ 85°C (Note 5)
–40°C ≤ TA ≤ 85°C (Note 5)
0.788
0.780
0.800
0.800
0.812
0.812
V
V
IFB
VFB Input Current
VITH = 1.3V (Note 5)
20
nA
gm
Error Amplifier Transconductance
ITH Pin Load = ±5μA (Note 5)
333
μA/V
ΔVO(LINE)
Output Voltage Line Regulation
VTURNOFF < VCC < VCLAMP1mA (Note 5)
0.05
mV/V
ΔVO(LOAD)
Output Voltage Load Regulation
ITH Sinking 5μA (Note 5)
ITH Sourcing 5μA (Note 5)
3
3
mV/μA
mV/μA
fOSC
Oscillator Frequency
RFS = 350k
70
kHz
RFS = 36k
700
kHz
DCON(MIN)
Minimum Switch-On Duty Cycle
fOSC = 200kHz
6
9
%
DCON(MAX)
Maximum Switch-On Duty Cycle
fOSC = 200kHz
70
80
95
%
fSYNC
As a Function of fOSC
70kHz < fOSC < 700kHz,
70kHz < fSYNC < 700kHz
67
133
%
VSYNC
Minimum SYNC Amplitude
2.9
V
ISS
Soft-Start Current
–6
μA
IFTO
Fault Timeout Current
2μA
tSS(INT)
Internal Soft-Start Time
No External Capacitor on SSFLT
1.8
ms
tFTO(INT)
Internal Fault Timeout
No External Capacitor on SSFLT
4.5
ms
tRISE
Gate Drive Rise Time
CLOAD = 3000pF
30
ns
tFALL
Gate Drive Fall Time
CLOAD = 3000pF
30
ns
VI(MAX)
Peak Current Sense Voltage
RSL = 0 (Note 6)
85
100
115
mV
ISL(MAX)
Peak Slope Compensation Output
Current
(Note 7)
10
μA
VOCT
Overcurrent Threshold
ROC = 0 (Note 8)
85
100
115
mV
IOC
Overcurrent Threshold Adjust Current
10
μA
Note 5: The LTC3805 is tested in a feedback loop that servos VFB to the
output of the error amplifier while maintaining ITH at the midpoint of the
current limit range.
Note 6: Peak current sense voltage is reduced dependent on duty cycle
and an optional external resistor in series with the SENSE pin. For
details, refer to Programmable Slope Compensation in the Applications
Information section.
Note 7: Guaranteed by design.
Note 8: Overcurrent threshold voltage is reduced dependent on an
optional external resistor in series with the OC pin. For details, refer to
Programmable Overcurrent in the Applications Information section.
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VCC = 8V, unless otherwise noted (Note 2).


Similar Part No. - LTC3805EMSE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3805EMSE-5-TRMPBF LINER-LTC3805EMSE-5-TRMPBF Datasheet
212Kb / 20P
   Adjustable Frequency Current Mode Flyback/ Boost/SEPIC DC/DC Controller
LTC3805EMSE-5-TRPBF LINER-LTC3805EMSE-5-TRPBF Datasheet
212Kb / 20P
   Adjustable Frequency Current Mode Flyback/ Boost/SEPIC DC/DC Controller
More results

Similar Description - LTC3805EMSE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3805 LINER-LTC3805_15 Datasheet
267Kb / 20P
   Adjustable Frequency Current Mode Flyback DC/DC Controller
LTC3805-5 LINER-LTC3805-5 Datasheet
212Kb / 20P
   Adjustable Frequency Current Mode Flyback/ Boost/SEPIC DC/DC Controller
LTC3805-5 LINER-LTC3805-5_15 Datasheet
264Kb / 20P
   Adjustable Frequency Current Mode Flyback/ Boost/SEPIC DC/DC Controller
LTC3873-5 LINER-LTC3873-5_15 Datasheet
181Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873 LINER-LTC3873_15 Datasheet
183Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3803 LINER-LTC3803 Datasheet
181Kb / 12P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-3 LINER-LTC3803-3_15 Datasheet
180Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-5 LINER-LTC3803-5_15 Datasheet
172Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-3 LINER-LTC3803-3 Datasheet
170Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803 LINER-LTC3803_15 Datasheet
174Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com