Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3810EUH-5-PBF Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3810EUH-5-PBF
Description  60V Current Mode Synchronous Switching Regulator Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3810EUH-5-PBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3810EUH-5-PBF Datasheet HTML 2Page - Linear Technology LTC3810EUH-5-PBF Datasheet HTML 3Page - Linear Technology LTC3810EUH-5-PBF Datasheet HTML 4Page - Linear Technology LTC3810EUH-5-PBF Datasheet HTML 5Page - Linear Technology LTC3810EUH-5-PBF Datasheet HTML 6Page - Linear Technology LTC3810EUH-5-PBF Datasheet HTML 7Page - Linear Technology LTC3810EUH-5-PBF Datasheet HTML 8Page - Linear Technology LTC3810EUH-5-PBF Datasheet HTML 9Page - Linear Technology LTC3810EUH-5-PBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
LTC3810-5
6
38105fc
Frequency vs Load Current
Current Sense Threshold
vs ITH Voltage
On-Time vs ION Current
On-Time vs VON Voltage
On-Time vs Temperature
Current Limit Foldback
Maximum Current Sense
Threshold vs VRNG Voltage
Maximum Current Sense
Threshold vs Temperature
Reference Voltage vs
Temperature
TYPICAL PERFORMANCE CHARACTERISTICS
LOAD CURRENT (A)
0
250
300
350
4
38105 G10
200
150
123
5
100
50
0
FORCED
CONTINUOUS
PULSE SKIP
ITH VOLTAGE (V)
0
–100
0
100
1.5
2.5
38105 G11
–200
–300
–400
0.5
1.0
2.0
200
300
400
3.0
VRNG = 2V
1.4V
1V
0.7V
0.5V
ION CURRENT (μA)
10
10
100
1000
10000
100
1000
10000
38105 G12
VON = INTVCC
VON VOLTAGE (V)
0
400
500
700
1.5
2.5
38105 G13
300
200
0.5
1
23
100
0
600
ION = 300μA
TEMPERATURE (°C)
–50
640
660
680
25
75
38105 G14
620
600
–25
0
50
100
125
580
560
ION = 300μA
VFB (V)
0
100
150
0.8
38105 G15
50
0
0.2
0.4
0.6
250
200
VRNG = INTVCC
VRNG VOLTAGE (V)
0.5
200
38105 G16
100
0
1
1.5
300
400
2
TEMPERATURE (°C)
–50
–25
180
200
230
0
50
75
38105 G17
190
220
210
25
100
125
VRNG = INTVCC
TEMPERATURE (°C)
–50
0.801
0.802
0.803
25
75
38105 G18
0.800
0.799
–25
0
50
100
125
0.798
0.797


Similar Part No. - LTC3810EUH-5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3810EG LINER-LTC3810EG Datasheet
487Kb / 36P
   100V Current Mode Synchronous Switching Regulator Controller
LTC3810EG-PBF LINER-LTC3810EG-PBF Datasheet
487Kb / 36P
   100V Current Mode Synchronous Switching Regulator Controller
LTC3810EG-TR LINER-LTC3810EG-TR Datasheet
487Kb / 36P
   100V Current Mode Synchronous Switching Regulator Controller
LTC3810EG-TRPBF LINER-LTC3810EG-TRPBF Datasheet
487Kb / 36P
   100V Current Mode Synchronous Switching Regulator Controller
More results

Similar Description - LTC3810EUH-5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3812-5 LINER-LTC3812-5_15 Datasheet
407Kb / 34P
   60V Current Mode Synchronous Switching Regulator Controller
LTC3812-5 LINER-LTC3812-5 Datasheet
431Kb / 32P
   60V Current Mode Synchronous Switching Regulator Controller
LTC3810-5 LINER-LTC3810-5_15 Datasheet
536Kb / 38P
   60V Current Mode Synchronous Switching Regulator Controller
LTC3703-5 LINER-LTC3703-5 Datasheet
445Kb / 32P
   60V Synchronous Switching Regulator Controller
LTC3703-5 LINER-LTC3703-5_15 Datasheet
382Kb / 32P
   60V Synchronous Switching Regulator Controller
LTC3810 LINER-LTC3810 Datasheet
487Kb / 36P
   100V Current Mode Synchronous Switching Regulator Controller
LTC3814-5 LINER-LTC3814-5_15 Datasheet
363Kb / 30P
   60V Current Mode Synchronous Step-Up Controller
LTC3814-5 LINER-LTC3814-5 Datasheet
356Kb / 28P
   60V Current Mode Synchronous Step-Up Controller
logo
Rohm
BD9610AMUV ROHM-BD9610AMUV Datasheet
1Mb / 30P
   60V Synchronous Step-down Switching Regulator(Controller type)
BD9611MUV ROHM-BD9611MUV Datasheet
2Mb / 40P
   60V Synchronous Step-down Switching Regulator (Controller Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com