Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3809EDD-TRPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3809EDD-TRPBF
Description  No RSENSE?? Low EMI, Synchronous DC/DC Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3809EDD-TRPBF Datasheet(HTML) 4 Page - Linear Technology

  LTC3809EDD-TRPBF Datasheet HTML 1Page - Linear Technology LTC3809EDD-TRPBF Datasheet HTML 2Page - Linear Technology LTC3809EDD-TRPBF Datasheet HTML 3Page - Linear Technology LTC3809EDD-TRPBF Datasheet HTML 4Page - Linear Technology LTC3809EDD-TRPBF Datasheet HTML 5Page - Linear Technology LTC3809EDD-TRPBF Datasheet HTML 6Page - Linear Technology LTC3809EDD-TRPBF Datasheet HTML 7Page - Linear Technology LTC3809EDD-TRPBF Datasheet HTML 8Page - Linear Technology LTC3809EDD-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC3809
4
3809fc
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Load Current
Maximum Current Sense Voltage
vs ITH Pin Voltage
Load Step
(Burst Mode Operation)
Load Step (Pulse-Skipping Mode)
Start-Up with Internal Soft-Start
TA = 25°C unless otherwise noted.
LOAD CURRENT (mA)
100
90
80
70
95
85
75
65
60
1
100
1k
10k
3809 G01
10
VOUT = 3.3V
VOUT = 2.5V
VOUT = 1.8V
VOUT = 1.2V
FIGURE 10 CIRCUIT
SYNC/MODE = VIN
VIN = 5V
LOAD CURRENT (mA)
100
90
80
70
95
85
75
65
50
55
60
3809 G02
1
100
1k
10k
10
FIGURE 10 CIRCUIT
VIN = 5V, VOUT = 2.5V
FORCED
CONTINUOUS
(SYNC/MODE = 0V)
PULSE SKIPPING
(SYNC/MODE = 0.6V)
BURST MODE
(SYNC/MODE =
VIN)
ITH VOLTAGE (V)
0.5
–20
0
20
40
60
100
1
1.5
3809 G03
2
80
Burst Mode OPERATION
(ITH RISING)
Burst Mode OPERATION
(ITH FALLING)
FORCED CONTINUOUS
MODE
PULSE SKIPPING
MODE
Efficiency vs Load Current
VOUT
200mV/DIV
AC COUPLED
IL
2A/DIV
100μs/DIV
VIN = 3.3V
VOUT = 1.8V
ILOAD = 300mA TO 3A
SYNC/MODE = VIN
FIGURE 10 CIRCUIT
3809 G04
VOUT
200mV/DIV
AC COUPLED
IL
2A/DIV
100μs/DIV
VIN = 3.3V
VOUT = 1.8V
ILOAD = 300mA TO 3A
SYNC/MODE = 0V
FIGURE 10 CIRCUIT
3809 G05
Load Step
(Forced Continuous Mode)
VOUT
200mV/DIV
AC COUPLED
IL
2A/DIV
100μs/DIV
VIN = 3.3V
VOUT = 1.8V
ILOAD = 300mA TO 3A
SYNC/MODE = VFB
FIGURE 10 CIRCUIT
3809 G06
VOUT
1.8V
500mV/DIV
200μs/DIV
VIN = 4.2V
RLOAD = 1Ω
FIGURE 10 CIRCUIT
3809 G07


Similar Part No. - LTC3809EDD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3809EDD-1 LINER-LTC3809EDD-1 Datasheet
260Kb / 24P
   No RSENSETM, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
LTC3809EDD-1-PBF LINER-LTC3809EDD-1-PBF Datasheet
260Kb / 24P
   No RSENSETM, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
LTC3809EDD-1-TR LINER-LTC3809EDD-1-TR Datasheet
260Kb / 24P
   No RSENSETM, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
LTC3809EDD-1-TRPBF LINER-LTC3809EDD-1-TRPBF Datasheet
260Kb / 24P
   No RSENSETM, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
More results

Similar Description - LTC3809EDD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3809 LINER-LTC3809_15 Datasheet
296Kb / 24P
   No RSENSE, Low EMI, Synchronous DC/DC Controller
LTC3808 LINER-LTC3808_15 Datasheet
382Kb / 28P
   No RSENSE, Low EMI, Synchronous DC/DC Controller with Output Tracking
LTC3808 LINER-LTC3808 Datasheet
376Kb / 28P
   No RSENSE TM, Low EMI, Synchronous DC/DC Controller with Output Tracking
LTC1700 LINER-LTC1700_15 Datasheet
206Kb / 16P
   No RSENSE Synchronous Step-Up DC/DC Controller
LTC1700 LINER-LTC1700 Datasheet
194Kb / 16P
   No RSENSE Synchronous Step-Up DC/DC Controller
LTC3822-1 LINER-LTC3822-1 Datasheet
375Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3822-1 LINER-LTC3822-1_15 Datasheet
385Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3809-1 LINER-LTC3809-1_15 Datasheet
266Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
LTC3713 LINER-LTC3713 Datasheet
325Kb / 24P
   Low Input Voltage, High Power, No RSENSE Synchronous Buck DC/DC Controller
LTC3713 LINER-LTC3713_15 Datasheet
290Kb / 24P
   Low Input Voltage, High Power, No RSENSE Synchronous Buck DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com