Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3809IDD-1 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3809IDD-1
Description  No RSENSETM, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3809IDD-1 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3809IDD-1 Datasheet HTML 2Page - Linear Technology LTC3809IDD-1 Datasheet HTML 3Page - Linear Technology LTC3809IDD-1 Datasheet HTML 4Page - Linear Technology LTC3809IDD-1 Datasheet HTML 5Page - Linear Technology LTC3809IDD-1 Datasheet HTML 6Page - Linear Technology LTC3809IDD-1 Datasheet HTML 7Page - Linear Technology LTC3809IDD-1 Datasheet HTML 8Page - Linear Technology LTC3809IDD-1 Datasheet HTML 9Page - Linear Technology LTC3809IDD-1 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC3809-1
6
38091fc
TEMPERATURE (°C)
–60
–10
–8
–6
–4
–2
0
4
–20
20
60
100
38091 G17
8
2
6
10
–40
0
40
80
INPUT VOLTAGE (V)
2
–5
–4
–3
–2
–1
0
2
46
8
10
38091 G18
4
1
3
5
35
7
9
INPUT VOLTAGE (V)
2
0
2
4
6
8
12
46
8
10
38091 G19
16
10
14
18
35
7
9
INPUT VOLTAGE (V)
2
70
80
100
46
8
10
38091 G20
120
90
110
130
35
7
9
TRACK/SS VOLTAGE (V)
0
0.84
1.00
0.88
0.2
0.4
0.6
0.7
38091 G21
0.92
0.96
1.04
0.1
0.3
0.5
Oscillator Frequency
vs Temperature
Oscillator Frequency
vs Input Voltage
Shutdown Quiescent Current
vs Input Voltage
Sleep Current vs Input Voltage
TRACK/SS Start-Up Current
vs TRACK/SS Voltage
TYPICAL PERFORMANCE CHARACTERISTICS TA = 25°C, unless otherwise noted.


Similar Part No. - LTC3809IDD-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3809 LINER-LTC3809 Datasheet
291Kb / 24P
   No RSENSE?? Low EMI, Synchronous DC/DC Controller
LTC3809 LINER-LTC3809 Datasheet
424Kb / 32P
   Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3809 LINER-LTC3809 Datasheet
296Kb / 24P
   No RSENSE, Low EMI, Synchronous DC/DC Controller
LTC3809-1 LINER-LTC3809-1 Datasheet
424Kb / 32P
   Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3809-1 LINER-LTC3809-1_15 Datasheet
266Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
More results

Similar Description - LTC3809IDD-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3809-1 LINER-LTC3809-1_15 Datasheet
266Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous DC/DC Controller with Output Tracking
LTC3822 LINER-LTC3822 Datasheet
237Kb / 20P
   No RSENSETM, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3808 LINER-LTC3808_15 Datasheet
382Kb / 28P
   No RSENSE, Low EMI, Synchronous DC/DC Controller with Output Tracking
LTC3808 LINER-LTC3808 Datasheet
376Kb / 28P
   No RSENSE TM, Low EMI, Synchronous DC/DC Controller with Output Tracking
LTC3822-1 LINER-LTC3822-1_15 Datasheet
385Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3822-1 LINER-LTC3822-1 Datasheet
375Kb / 24P
   No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller
LTC3737 LINER-LTC3737 Datasheet
303Kb / 24P
   Dual 2-Phase, No RSENSE DC/DC Controller with Output Tracking
LTC3737 LINER-LTC3737_15 Datasheet
280Kb / 24P
   Dual 2-Phase, No RSENSE, DC/DC Controller with Output Tracking
LTC3709 LINER-LTC3709 Datasheet
290Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
LTC3709 LINER-LTC3709_15 Datasheet
326Kb / 24P
   Fast 2-Phase, No RSENSE Synchronous DC/DC Controller with Tracking/Sequencing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com