Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3812IFE-5-PBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3812IFE-5-PBF
Description  60V Current Mode Synchronous Switching Regulator Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3812IFE-5-PBF Datasheet(HTML) 4 Page - Linear Technology

  LTC3812IFE-5-PBF Datasheet HTML 1Page - Linear Technology LTC3812IFE-5-PBF Datasheet HTML 2Page - Linear Technology LTC3812IFE-5-PBF Datasheet HTML 3Page - Linear Technology LTC3812IFE-5-PBF Datasheet HTML 4Page - Linear Technology LTC3812IFE-5-PBF Datasheet HTML 5Page - Linear Technology LTC3812IFE-5-PBF Datasheet HTML 6Page - Linear Technology LTC3812IFE-5-PBF Datasheet HTML 7Page - Linear Technology LTC3812IFE-5-PBF Datasheet HTML 8Page - Linear Technology LTC3812IFE-5-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LTC3812-5
4
38125fb
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3812E-5 is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls. The LTC3812I-5 is guaranteed to meet
performance specifications over the full –40°C to 125°C operating
temperature range.
Note 3: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
LTC3812-5: TJ = TA + (PD • 38°C/W)
Note 4: The LTC3812-5 is tested in a feedback loop that servos VFB to the
reference voltage with the ITH pin forced to a voltage between 1V and 2V.
Note 5: The dynamic input supply current is higher due to the power
MOSFET gate charging being delivered at the switching frequency
(QG • fOSC).
Note 6: Guaranteed by design. Not subject to test.
Note 7: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 8: ICC is the sum of current into NDRV and INTVCC.
The
l denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, INTVCC = VBOOST = VRNG = VEXTVCC = VNDRV = 5V, VFCB = VSW = 0V,
unless otherwise specified.
ELECTRICAL CHARACTERISTICS
PARAMETER
LTC3810
LTC3810-5
LTC3812-5
Maximum VIN
100V
60V
60V
MOSFET Gate Drive
6.35V to 14V
4.5V to 14V
4.5V to 14V
INTVCC UV+
6.2V
4.2V
4.2V
INTVCC UV
6V
4V
4V
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IPGOOD
PGOOD Leakage Current
VPGOOD = 5V
0
2
μA
PG Delay
PGOOD Delay
VFB Falling
120
μs
VCC Regulators
VEXTVCC
EXTVCC Switchover Voltage
EXTVCC Rising
EXTVCC Hysterisis
l
4.5
0.1
4.7
0.25
0.4
V
V
VINTVCC,1
INTVCC Voltage from EXTVCC
6V < VEXTVCC < 15V
5.2
5.5
5.8
V
ΔVEXTVCC,1
VEXTVCC - VINTVCC at Dropout
ICC = 20mA, VEXTVCC = 5V
75
150
mV
ΔVLOADREG,1
INTVCC Load Regulation from EXTVCC
ICC = 0mA to 20mA, VEXTVCC = 10V
0.01
%
VINTVCC,2
INTVCC Voltage from NDRV Regulator
Linear Regulator in Operation
5.2
5.5
5.8
V
ΔVLOADREG,2
INTVCC Load Regulation from NDRV
ICC = 0mA to 20mA, VEXTVCC = 0
0.01
%
INDRV
Current into NDRV Pin
VNDRV – VINTVCC = 3V
20
40
60
μA
INDRVTO
Linear Regulator Timeout Enable
Threshold
210
270
350
μA
VCCSR
Maximum Supply Voltage
Trickle Charger Shunt Regulator
15
V
ICCSR
Maximum Current into NDRV/INTVCC
Trickle Charger Shunt Regulator,
INTVCC ≤ 16.7V (Note 8)
10
mA


Similar Part No. - LTC3812IFE-5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3812-5 LINER-LTC3812-5_15 Datasheet
407Kb / 34P
   60V Current Mode Synchronous Switching Regulator Controller
More results

Similar Description - LTC3812IFE-5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3812-5 LINER-LTC3812-5_15 Datasheet
407Kb / 34P
   60V Current Mode Synchronous Switching Regulator Controller
LTC3810-5 LINER-LTC3810-5 Datasheet
1Mb / 36P
   60V Current Mode Synchronous Switching Regulator Controller
LTC3810-5 LINER-LTC3810-5_15 Datasheet
536Kb / 38P
   60V Current Mode Synchronous Switching Regulator Controller
LTC3703-5 LINER-LTC3703-5 Datasheet
445Kb / 32P
   60V Synchronous Switching Regulator Controller
LTC3703-5 LINER-LTC3703-5_15 Datasheet
382Kb / 32P
   60V Synchronous Switching Regulator Controller
LTC3810 LINER-LTC3810 Datasheet
487Kb / 36P
   100V Current Mode Synchronous Switching Regulator Controller
LTC3814-5 LINER-LTC3814-5_15 Datasheet
363Kb / 30P
   60V Current Mode Synchronous Step-Up Controller
LTC3814-5 LINER-LTC3814-5 Datasheet
356Kb / 28P
   60V Current Mode Synchronous Step-Up Controller
logo
Rohm
BD9610AMUV ROHM-BD9610AMUV Datasheet
1Mb / 30P
   60V Synchronous Step-down Switching Regulator(Controller type)
BD9611MUV ROHM-BD9611MUV Datasheet
2Mb / 40P
   60V Synchronous Step-down Switching Regulator (Controller Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com