Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L-31111 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # L-31111
Description  EE Style Low Profile Surface Mount Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

L-31111 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  L-31111 Datasheet HTML 1Page - Rhombus Industries Inc. L-31111 Datasheet HTML 2Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EM-SMT - 9/95
Transformers & Magnetic Products
Industries Inc.
Rhombus
15801 Chemical Lane
Huntington Beach, California 92649-1595
Phone: (714) 898-0960 • FAX: (714) 896-0971
Specifications are subject to change without notice
36
.080
(2.0)
TYP.
.618
(15.7)
.024
(0.6)
TYP.
.024
(0.6)
TYP.
Footprint of
Contact Surface Area,
Not PCB Pad Layout.
L
DCR
I
I
Part
+ 30%
Max.
Sat.
Max.
Size
Number
( mH )
( Ω )
( mA )
( mA )
Code
L-31101
0.150
0.28
96.0
840
D
L-31102
0.220
0.34
79.0
760
D
L-31103
0.330
0.41
65.0
690
D
L-31104
0.470
0.49
54.0
630
D
L-31105
0.680
0.59
45.0
570
D
L-31106
1.000
0.72
37.0
520
D
L-31107
1.500
0.88
30.0
470
D
L-31108
2.200
1.07
25.0
430
D
L-31109
3.300
1.31
20.0
390
D
L-31110
4.700
1.56
17.0
350
D
L-31111
6.800
1.88
14.0
320
D
L-31112
10.000
7.17
12.0
160
D
L-31113
15.000
8.78
10.0
150
D
L-31114
22.000
10.60
8.0
140
D
L-31115
33.000
13.00
6.5
120
D
L-31116
47.000
15.50
5.4
110
D
L-31117
68.000
18.70
4.5
100
D
L-31118
100.000
37.70
3.7
70
D
L-31119
150.000
46.20
3.0
60
D
Electrical Specifications at 25OC
EE Style Low Profile
Surface Mount Inductors
8 Pin Low Profile EE Surface Mount
Size Code "D"
Compatible with Pick & Place
and reflow solder systems
500 VRMS Isolation
Designed for Filtering,
Impedance Matching and Line
Coupling Applications
Ungapped Ferrite Power Material
(Gapped Versions Available)
Packages on this page are also
available in Transformer
design configurations.
Tape & Reel
Available
These products should be considered in any situation which
calls for low profile surface mount inductors. Applications
include notebook computers, pagers, GPS etc.
1
4
Schematic
"D"


Similar Part No. - L-31111

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-311 RHOMBUS-IND-L-311 Datasheet
26Kb / 1P
   Surface Mount Common Mode Choke
L-31101 RHOMBUS-IND-L-31101_98 Datasheet
75Kb / 3P
   Self-Shielded Audio Transformers
More results

Similar Description - L-31111

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM77 BITECH-HM77 Datasheet
651Kb / 2P
   Low Profile Surface Mount Inductors
logo
TT Electronics.
HM77 TTELEC-HM77 Datasheet
897Kb / 2P
   Low Profile Surface Mount Inductors
logo
Bi technologies
HM77 BITECH-HM77_15 Datasheet
883Kb / 2P
   Low Profile Surface Mount Inductors
logo
List of Unclassifed Man...
HM77 ETC-HM77 Datasheet
59Kb / 4P
   Low Profile Surface Mount Inductors
logo
Rhombus Industries Inc.
L-31200 RHOMBUS-IND-L-31200 Datasheet
41Kb / 2P
   ER Style Surface Mount Inductors
logo
TT Electronics.
HM73 TTELEC-HM73 Datasheet
330Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
Bi technologies
HM73 BITECH-HM73_15 Datasheet
306Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
List of Unclassifed Man...
HM73 ETC1-HM73 Datasheet
370Kb / 3P
   Shielded Low Profile Surface Mount Inductors
logo
Bi technologies
HM64 BITECH-HM64 Datasheet
601Kb / 2P
   Micropower Low Profile Surface Mount Inductors
HM73 BITECH-HM73 Datasheet
853Kb / 3P
   Shielded Low Profile Surface Mount Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com