Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL62386 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL62386
Description  High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL62386 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL62386 Datasheet HTML 1Page - Intersil Corporation ISL62386 Datasheet HTML 2Page - Intersil Corporation ISL62386 Datasheet HTML 3Page - Intersil Corporation ISL62386 Datasheet HTML 4Page - Intersil Corporation ISL62386 Datasheet HTML 5Page - Intersil Corporation ISL62386 Datasheet HTML 6Page - Intersil Corporation ISL62386 Datasheet HTML 7Page - Intersil Corporation ISL62386 Datasheet HTML 8Page - Intersil Corporation ISL62386 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
®
FN6831.0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2009. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL62386
High-Efficiency, Quad Output System
Power Supply Controller for Notebook
Computers
The ISL62386 controller generates supply voltages for
battery-powered systems. The ISL62386 includes two
pulse-width modulation (PWM) controllers, adjustable from
0.6V to 5.5V, and two linear regulators, LDO5 and LDO3,
that generate a fixed 5V output and a fixed 3.3V output
respectively. Each can deliver up to 100mA. The Channel 2
switching regulator will automatically take over the LDO5
load when programmed to 5V output. This provides a large
power saving and boosts efficiency. The ISL62386 includes
on-board power-up sequencing, one power-good (PGOOD)
output, digital soft-start, and an internal soft-stop output
discharge that prevents negative voltages on shutdown.
The patented R3 PWM control scheme provides a low jitter
system with fast response to load transients. Light-load
efficiency is improved with period-stretching discontinuous
conduction mode (DCM) operation. To eliminate noise in
audio frequency applications, an ultrasonic DCM mode is
included, which limits the minimum switching frequency to
approximately 28kHz.
The ISL62386 is available in a 32 Ld 5x5 TQFN package,
and can operate over the extended temperature range
(-10°C to +100°C).
Features
• High Performance R3 Technology
• Fast Transient Response
• ±1% Output Voltage Accuracy: -10°C to +100°C
• Two Fully Programmable Switch-Mode Power Supplies
with Independent Operation
• Programmable Switching Frequency
• Integrated MOSFET Drivers and Bootstrap Diode
• Fixed +3.3V LDO Output with Enable Control
• Fixed +5V LDO with Automatic Switchover to SMPS2
• Internal Soft-Start and Soft-Stop Output Discharge
• Wide Input Voltage Range: +5.5V to +25V
• Full and Ultrasonic Pulse-Skipping Mode
• Power-Good Indicator
• Overvoltage, Undervoltage and Overcurrent Protection
• Thermal Monitor and Protection
• Pb-Free (RoHS Compliant)
Applications
• Notebook and Sub-Notebook Computers
• PDAs and Mobile Communication Devices
• 3-Cell and 4-Cell Li+ Battery-Powered Devices
• General Purpose Switching Buck Regulators
Pinout
ISL62386
(32 LD 5X5 TQFN)
TOP VIEW
Ordering Information
PART
NUMBER
(Note)
PART
MARKING
TEMP
RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL62386HRTZ
62386 HRTZ -10 to +100 32 Ld 5x5 TQFN L32.5x5A
ISL62386HRTZ-T* 62386 HRTZ -10 to +100 32 Ld 5x5 TQFN L32.5x5A
*Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ special
Pb-free material sets, molding compounds/die attach materials, and 100%
matte tin plate plus anneal (e3 termination finish, which is RoHS compliant
and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures
that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
FSET2
FCCM
AGND2
VCC
AGND1
LDO3EN
FSET1
PGOOD
BOOT2
LGATE2
PGND
LDO5
VIN
LDO3
LGATE1
BOOT1
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
32
31
30
29 28
27
26
25
9
1011
12 13
1415
16
THERMAL PAD
(AGND)
Data Sheet
February 4, 2009


Similar Part No. - ISL62386

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL62386 RENESAS-ISL62386 Datasheet
929Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
ISL62386HRTZ RENESAS-ISL62386HRTZ Datasheet
929Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
ISL62386HRTZ-T RENESAS-ISL62386HRTZ-T Datasheet
929Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
More results

Similar Description - ISL62386

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL62386 RENESAS-ISL62386 Datasheet
929Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL62381 INTERSIL-ISL62381_11 Datasheet
521Kb / 23P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
ISL62381 INTERSIL-ISL62381 Datasheet
472Kb / 23P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL62381 RENESAS-ISL62381 Datasheet
1Mb / 24P
   High-Efficiency, Quad or Triple-Output System Power Supply Controller for Notebook Computers
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
ISL62391 RENESAS-ISL62391 Datasheet
1Mb / 22P
   High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL62391 INTERSIL-ISL62391 Datasheet
513Kb / 20P
   High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
ISL6232 INTERSIL-ISL6232 Datasheet
671Kb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
logo
Renesas Technology Corp
ISL6236 RENESAS-ISL6236 Datasheet
3Mb / 36P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com