Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3814EFE-5-TRPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3814EFE-5-TRPBF
Description  60V Current Mode Synchronous Step-Up Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3814EFE-5-TRPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3814EFE-5-TRPBF Datasheet HTML 3Page - Linear Technology LTC3814EFE-5-TRPBF Datasheet HTML 4Page - Linear Technology LTC3814EFE-5-TRPBF Datasheet HTML 5Page - Linear Technology LTC3814EFE-5-TRPBF Datasheet HTML 6Page - Linear Technology LTC3814EFE-5-TRPBF Datasheet HTML 7Page - Linear Technology LTC3814EFE-5-TRPBF Datasheet HTML 8Page - Linear Technology LTC3814EFE-5-TRPBF Datasheet HTML 9Page - Linear Technology LTC3814EFE-5-TRPBF Datasheet HTML 10Page - Linear Technology LTC3814EFE-5-TRPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LTC3814-5
7
38145fb
TYPICAL PERFORMANCE CHARACTERISTICS
INTVCC Current vs INTVCC Voltage
INTVCC Shutdown Current
vs INTVCC Voltage
RUN/SS Pull-Up Current
vs Temperature
Shutdown Threshold
vs Temperature
INTVCC VOLTAGE (V)
0
2.0
2.5
3.5
610
38145 G22
1.5
1.0
24
812
14
0.5
0
3.0
INTVCC VOLTAGE (V)
0
200
250
350
610
38145 G23
150
100
24
812
14
50
0
300
TEMPERATURE (°C)
–50
2
3
25
75
38145 G24
1
–25
0
50
100
125
0
RUN/SS = 0V
TEMPERATURE (°C)
–50
2.0
25
38145 G25
1.4
1.0
–25
0
50
0.8
0.6
2.2
1.8
1.6
1.2
75
100
125


Similar Part No. - LTC3814EFE-5-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3814-5 LINER-LTC3814-5_15 Datasheet
363Kb / 30P
   60V Current Mode Synchronous Step-Up Controller
More results

Similar Description - LTC3814EFE-5-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3814-5 LINER-LTC3814-5_15 Datasheet
363Kb / 30P
   60V Current Mode Synchronous Step-Up Controller
LTC3813 LINER-LTC3813 Datasheet
449Kb / 32P
   100V Current Mode Synchronous Step-Up Controller
LTC3813 LINER-LTC3813_15 Datasheet
460Kb / 32P
   100V Current Mode Synchronous Step-Up Controller
logo
Monolithic Power System...
MP9928 MPS-MP9928 Datasheet
1Mb / 25P
   4V-60V Input, Current Mode, Synchronous Step-Down Controller
EV9928-F-00B MPS-EV9928-F-00B Datasheet
660Kb / 9P
   60V Current Mode, Synchronous Step-Down Controller Evaluation Board
MP2908A MPS-MP2908A Datasheet
1Mb / 22P
   4V-60V Input, Current Mode, Synchronous Step-Down Controller
EV9928-L-00C MPS-EV9928-L-00C Datasheet
758Kb / 9P
   60V Current Mode, Synchronous Step-Down Controller Evaluation Board
logo
Linear Technology
LTC3812-5 LINER-LTC3812-5_15 Datasheet
407Kb / 34P
   60V Current Mode Synchronous Switching Regulator Controller
LTC3810-5 LINER-LTC3810-5 Datasheet
1Mb / 36P
   60V Current Mode Synchronous Switching Regulator Controller
LTC3810-5 LINER-LTC3810-5_15 Datasheet
536Kb / 38P
   60V Current Mode Synchronous Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com