Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3813EG Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3813EG
Description  100V Current Mode Synchronous Step-Up Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3813EG Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3813EG Datasheet HTML 2Page - Linear Technology LTC3813EG Datasheet HTML 3Page - Linear Technology LTC3813EG Datasheet HTML 4Page - Linear Technology LTC3813EG Datasheet HTML 5Page - Linear Technology LTC3813EG Datasheet HTML 6Page - Linear Technology LTC3813EG Datasheet HTML 7Page - Linear Technology LTC3813EG Datasheet HTML 8Page - Linear Technology LTC3813EG Datasheet HTML 9Page - Linear Technology LTC3813EG Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LTC3813
6
3813fb
Off-Time vs Temperature
Maximum Current Sense
Threshold vs VRNG Voltage
Maximum Current Sense
Threshold vs Temperature
Feedback Reference Voltage
vs Temperature
Driver Peak Source Current
vs Temperature
Driver Pulldown RDS(ON)
vs Temperature
Driver Peak Source Current
vs Supply Voltage
Driver Pulldown RDS(ON)
vs Supply Voltage
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (°C)
–50
640
660
680
25
75
3813 G10
620
600
–25
0
50
100
125
580
560
IOFF = 300μA
VRNG VOLTAGE (V)
0.5
200
3813 G11
100
0
1
1.5
300
400
2
TEMPERATURE (°C)
–50
–25
180
200
230
0
50
75
3813 G12
190
220
210
25
100
125
VRNG = INTVCC
TEMPERATURE (°C)
–50
–25
0.797
0.799
0.803
0
50
75
3813 G13
0.798
0.802
0.801
0.800
25
100
125
TEMPERATURE (°C)
–50
1
1.5
2.0
2.5
–25
0
25
50
3813 G14
75
100
125
VBOOST = VINTVCC = 10V
TEMPERATURE (°C)
–50
1.25
1.50
0
25
75
3813 G15
1.00
0.75
–25
0
50
100
125
0.50
0.25
VBOOST = VINTVCC = 10V
DRVCC/BOOST VOLTAGE (V)
56
8
10
12
14
3.0
2.5
2.0
1.5
1.0
0.5
0
7
9
11
13
3813 G16
15
DRVCC/BOOST VOLTAGE (V)
6
0.6
0.8
0.9
1.0
1.1
8
10
11
15
3813 G17
0.7
79
12
13
14


Similar Part No. - LTC3813EG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3813 LINER-LTC3813_15 Datasheet
460Kb / 32P
   100V Current Mode Synchronous Step-Up Controller
More results

Similar Description - LTC3813EG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3813 LINER-LTC3813_15 Datasheet
460Kb / 32P
   100V Current Mode Synchronous Step-Up Controller
LTC3814-5 LINER-LTC3814-5_15 Datasheet
363Kb / 30P
   60V Current Mode Synchronous Step-Up Controller
LTC3814-5 LINER-LTC3814-5 Datasheet
356Kb / 28P
   60V Current Mode Synchronous Step-Up Controller
LTC3810 LINER-LTC3810 Datasheet
487Kb / 36P
   100V Current Mode Synchronous Switching Regulator Controller
LT3800 LINER-LT3800_15 Datasheet
264Kb / 24P
   High-Voltage Synchronous Current Mode Step-Down Controller
LT3800 LINER-LT3800 Datasheet
314Kb / 24P
   High-Voltage Synchronous Current Mode Step-Down Controller
logo
Analog Devices
LT8277 AD-LT8277 Datasheet
601Kb / 31P
   Multiphase Current Mode Step-Up DC/DC Controller
Rev 0
logo
National Semiconductor ...
LM5020 NSC-LM5020 Datasheet
229Kb / 12P
   100V Current Mode PWM Controller
LM5020 NSC-LM5020_06 Datasheet
629Kb / 13P
   100V Current Mode PWM Controller
logo
Texas Instruments
SM74202 TI1-SM74202 Datasheet
179Kb / 12P
[Old version datasheet]   100V Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com