Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KC2520C-C1 Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # KC2520C-C1
Description  CMOS/ 1.8V/ 2.5횞2.0mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

KC2520C-C1 Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  KC2520C-C1 Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
• Miniature ceramic package
2.5 (L) ×2.0 (W) ×0.7 (H) mm (Typ.)
• High Stability Output Frequency
±10×10-6 (-10 to +70°C)
±15×10-6 (-40 to +85°C)
• CMOS output
• Supply voltage VCC=1.8V
Table 1
Freq. Tol.
Operating
Temperature
Range (°C)
Note
Code
× 10-6
Y
±10 -10 to +70 With only certain
frequencies
K
±20 -40 to +85
L
±15
Standard specifications
How to Order
KC2520C 40.0000 C 1 L E 00
③ ④ ⑤ ⑥ ⑦
① Type (2.5×2.0mm SMD)
② Output Frequency
③ Output Type (CMOS)
④ Supply Voltage (1.8V)
⑤ Frequency Tolerance (See Table 1)
⑥ Symmetry/ Enable Function
(45/ 55%, Stand-by)
⑦ Customer Special Model Suffix
(STD Specification is “00”)
  Packaging (Tape & Reel 2000 pcs./ reel)
Pb Free
RoHS Compliant
Specifications
Item
Symbol
Conditions
Min.
Max.
Units
Output Frequency Range
fo
1.5
50
MHz
Frequency Tolerance
f_tol
Initial tolerance, Operating temperature range,
Rated power supply voltage change, Aging
(1 year @25°C), Shock and vibration
Op. Temp.: -40 to +85°C
-15
+15
ppm
Op. Temp.: -40 to +85°C
-20
+20
Op. Temp.: -10 to +70°C
-10
+10
Storage Temperature Range
T_stg
-55
+125
°C
Operating Temperature Range
T_use
-10
+70
°C
-40
+85
Max. Supply Voltage
-0.6
+4
V
Supply Voltage
VCC
1.6
2
V
Current Consumption
(Maximum Loaded)
ICC
No-load
1.5≤fo<24MHz
3
mA
24≤fo≤50MHz
3.5
CL<15pF
1.5≤fo<24MHz
4
24≤fo≤50MHz
4.5
Stand-by Current
I_std
5
µA
Symmetry
SYM
@50% VCC
45
55
%
Rise/ Fall Time
(10% VCC to 90% VCC Maximum Loaded)
tr/ tf
4
nS
Low Level Output Voltage
VOL
IOL=4mA
10% VCC
V
High Level Output Voltage
VOH
IOH=-4mA
90% VCC
V
CMOS Load
L_CMOS CMOS Output
15
pF
Input Voltage Range
VIN
0
VCC
V
Low Level Input Voltage
VIL
30% VCC
V
High Level Input Voltage
VIH
70% VCC
V
Disable Time
t_dis
100
nS
Enable Time
t_ena
5
mS
Start-up Time
t_str
@Minimum operation voltage to be 0 sec.
10
mS
Note: All electrical characteristics are defined at the maximum load and operating temperature range.
Please contact us for inquiry about operating temperature range, available frequencies and other conditions.
Dimensions
(Unit: mm)
Plating: Ni Au
Tolerance: 0.1
Pad Connections
① Enable/ Disable
② Case GND
③ Output
④ VCC
Enable/ Disable Function
Pad1
Pad3 (Output)
Open
Active
"H" Level
Active
"L" Level High Z (No-Oscillation)
2.5
0.7
0.9
0.7
0.15
Recommended Land Pattern (Unit: mm)
Note: A capacitor of value 0.01 F between VCC
and GND is recommended.
1.85
1.05
CMOS/ 1.8V/ 2.5
×2.0mm
Clock Oscillators Surface Mount Type
KC2520C-C1 Series


Similar Part No. - KC2520C-C1

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KC2520C-C1 KSS-KC2520C-C1 Datasheet
62Kb / 1P
   High Stability Clock Oscillators
KC2520C-C1 KSS-KC2520C-C1_18 Datasheet
62Kb / 1P
   High Stability Clock Oscillators
More results

Similar Description - KC2520C-C1

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KC2520A-C1 KSS-KC2520A-C1 Datasheet
56Kb / 1P
   CMOS/ 1.8V/ 2.5V/ 3.3V/ 2.5횞2.0mm
KC2520M KSS-KC2520M Datasheet
132Kb / 1P
   CMOS/ 1.8V, 2.5V, 3.3V Compatible/ 2.5횞2.0mm
KC2520B-C2 KSS-KC2520B-C2 Datasheet
126Kb / 1P
   CMOS/ 2.5V, 3.3V Compatible/ 2.5횞2.0mm
KC2520C-C2 KSS-KC2520C-C2 Datasheet
132Kb / 1P
   CMOS/ 2.5V, 3.3V Compatible/ 2.5횞2.0mm
logo
Pericom Semiconductor C...
KN-1.8V PERICOM-KN-1.8V Datasheet
633Kb / 2P
   1.8V CMOS 32.768kHz
KJ-1.8V PERICOM-KJ-1.8V Datasheet
662Kb / 2P
   1.8V CMOS 32.768kHz
KK-1.8V PERICOM-KK-1.8V Datasheet
602Kb / 2P
   1.8V CMOS 32.768kHz
logo
Kyocera Kinseki Corpota...
KC7050A-C1 KSS-KC7050A-C1 Datasheet
127Kb / 1P
   CMOS/ 1.8V/ 7.0횞5.0mm
logo
Golledge Electronics Lt...
GXOU114 GOLLEDGE-GXOU114 Datasheet
58Kb / 1P
   1.8V CMOS Oscillator
logo
Pericom Semiconductor C...
KD-1.8V PERICOM-KD-1.8V Datasheet
602Kb / 2P
   1.8V CMOS 32.768kHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com