Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KC3225A-C2 Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # KC3225A-C2
Description  CMOS/ 2.5V/ 3.2횞2.5mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

KC3225A-C2 Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  KC3225A-C2 Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
• Miniature ceramic package
• Highly reliable with seam welding
• CMOS output
• Supply voltage VCC=2.5V
Lower voltage available
• ±25×10-6 available
Table 1
Freq. Tol.
Operating
Temperature
Range (°C)
Note
Code
× 10-6
0
± 50
-10 to +70
Standard specifications
S
± 30
With only certain
frequencies
U
± 25
F
±100 -40 to +85
G
± 50
How to Order
KC3225A 25.0000 C 2 0 E 00
③ ④ ⑤ ⑥ ⑦
① Type (3.2×2.5mm SMD)
② Output Frequency
③ Output Type (CMOS)
④ Supply Voltage (2.5V)
⑤ Frequency Tolerance (See Table 1)
⑥ Symmetry/ Enable Function
(45/ 55%, Stand-by)
⑦ Customer Special Model Suffix
(STD Specification is “00”)
  Packaging (Tape & Reel 2000 pcs./ reel)
Pb Free
RoHS Compliant
Specifications
Item
Symbol
Conditions
Min.
Max.
Units
Output Frequency Range
fo
1.5
125
MHz
Frequency Tolerance
f_tol
Initial tolerance, Operating tem-
perature range, Rated power supply
voltage change, Load change, Aging
(1 year @25°C), Shock and vibration
Op. Temp.: -40 to +85°C
-100
+100
×10-6
Op. Temp.: -10 to +70°C/ -40 to +85°C
-50
+50
Op. Temp.: -10 to +70°C
-30
+30
Op. Temp.: -10 to +70°C
-25
+25
Storage Temperature Range
T_stg
-55
+125
°C
Operating Temperature Range
T_use
Standard Specifications
-10
+70
°C
Extend (Option)
-40
+85
Max. Supply Voltage
-0.5
+7
V
Supply Voltage
VCC
Freq. Tol.Code: 0, S, F
2.38
2.62
V
Freq. Tol.Code: U, G
2.43
2.57
Current Consumption
(Maximum Loaded)
ICC
1.5≤fo≤26MHz
4
mA
26<fo≤50MHz
6
50<fo≤67.5MHz
9
67.5<fo≤95MHz
14
95<fo≤125MHz
18
Stand-by Current
I_std
10
µA
Symmetry
SYM
@50% VCC
45
55
%
Rise/ Fall Time
(10% VCC to 90% VCC Maximum Loaded)
tr/ tf
1.5≤fo≤67.5MHz
6
nS
67.5<fo≤125MHz
4
Low Level Output Voltage
VOL
IOL=4mA
10% VCC
V
High Level Output Voltage
VOH
IOH=-4mA
90% VCC
V
CMOS Load
L_CMOS CMOS Output
15
pF
Input Voltage Range
VIN
0
VCC
V
Low Level Input Voltage
VIL
30% VCC
V
High Level Input Voltage
VIH
70% VCC
V
Disable Time
t_dis
150
nS
Enable Time
t_ena
5
mS
Start-up Time
t_str
@Minimum operation voltage to be 0 sec.
10
mS
1 Sigma Jitter
JSigma
Measured with Wavecrest DTS-2079
VISI 6.3.1
1.5≤fo≤60MHz
8
pS
60<fo≤125MHz
5
pS
Peak to Peak Jitter
JPK-PK
1.5≤fo≤60MHz
80
pS
60<fo≤125MHz
40
pS
Note: All electrical characteristics are defined at the maximum load and operating temperature range.
Please contact us for inquiry about operating temperature range, available frequencies and other conditions.
Dimensions
(Unit: mm)
Plating: Ni Au
Tolerance: 0.1
Pad Connections
① Enable/ Disable
② Case GND
③ Output
④ VCC
Enable/ Disable Function
Pad1
Pad3 (Output)
Open
Active
"H" Level
Active
"L" Level High Z (No-Oscillation)
② ①
3.2
0.90
1.00
Recommended Land Pattern (Unit: mm)
CMOS/ 2.5V/ 3.2
×2.5mm
Clock Oscillators Surface Mount Type
KC3225A-C2 Series (K25-2C Series)


Similar Part No. - KC3225A-C2

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KC3225A-C2 KSS-KC3225A-C2 Datasheet
63Kb / 1P
   Clock Oscillators
KC3225A-C2 KSS-KC3225A-C2_18 Datasheet
63Kb / 1P
   Clock Oscillators
More results

Similar Description - KC3225A-C2

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KC3225A-C3 KSS-KC3225A-C3 Datasheet
125Kb / 1P
   CMOS/ 3.3V/ 3.2횞2.5mm
CX3225SA KSS-CX3225SA Datasheet
119Kb / 1P
   3.2횞2.5mm for Automotive
CX3225GA KSS-CX3225GA Datasheet
153Kb / 1P
   3.2횞2.5mm for Automotive
CX3225CA KSS-CX3225CA Datasheet
98Kb / 1P
   3.2횞2.5mm for Automotive
logo
Pericom Semiconductor C...
KJ-2.5V PERICOM-KJ-2.5V Datasheet
743Kb / 2P
   2.5V CMOS 32.768kHz
MK-2.5V PERICOM-MK-2.5V Datasheet
709Kb / 4P
   2.5V CMOS SSXO
MD-2.5V PERICOM-MD-2.5V Datasheet
752Kb / 4P
   2.5V CMOS SSXO
MN-2.5V PERICOM-MN-2.5V Datasheet
736Kb / 4P
   2.5V CMOS SSXO
KN-2.5V PERICOM-KN-2.5V Datasheet
621Kb / 2P
   2.5V CMOS 32.768kHz
logo
Kyocera Kinseki Corpota...
KC7050A-C2 KSS-KC7050A-C2 Datasheet
127Kb / 1P
   CMOS/ 2.5V/ 7.0횞5.0mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com