Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T-14000 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # T-14000
Description  Ethernet Application Transformers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-14000 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  T-14000 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Tel: (714) 898-0960 • Fax: (714) 896-0971
Rhombus
Industries Inc.
25
ETHRQUAD- 7/97
Ethernet Application
Transformers
Triple & Quad Packages
D
G
J
100 mil 16-Pin DIP/SMD Packages
(Add
G or J to P/N for SMD)
See pg. 40, fig. 4, 5 & 6
.015
(0.38)
TYP.
.505
(12.83)
MAX.
.016
(0.41)
TYP.
.205
(5.21)
MAX.
.360 (9.14)
.380 (9.65)
.285
(7.24)
MAX.
.025
(0.64)
TYP.
.050
(1.27)
TYP.
.010
(0.25)
TYP.
50 mil Package Dimensions in Inches (mm)
Electrical Specifications at 25o C
Triple
Triple
Turns
OCL
E-T
Rise
Pri./Sec.
LL
DCR
50 mil
100 mil
Schem.
Ratio
(
µH )
min.
Time max. CW/W max. max.
max.
SMD P/N
DIP P/N
Style
(
+ 5%)
(
+20%)
( V-
µS)
( ns )
( pF )
(
µH )
(
Ω)
T-14000
T-10902
Triple
1:1
50
2.1
3.0
9
.20
.20
T-14001
T-10903
Triple
1:1
75
2.3
3.0
10
.25
.25
T-14002
T-10905
Triple
1:1
100
2.7
3.5
10
.30
.30
T-14003
T-10906
Triple
1:1
150
3.0
3.5
12
.35
.35
T-14004
T-10907
Triple
1:1
200
3.5
3.5
15
.40
.40
T-14005
T-10908
Triple
1:1
250
3.5
3.5
15
.45
.45
T-14055
T-10913
Triple
1:1.41
50
2.1
3.0
9
.20
.20
T-14056
T-10914
Triple
1:1.41
75
2.3
3.0
10
.25
.25
T-14057
T-10916
Triple
1:1.41
100
2.7
3.5
10
.30
.30
T-14058
T-10917
Triple
1:1.41
150
3.0
3.5
12
.35
.35
T-14059
T-10918
Triple
1:1.41
200
3.5
3.5
15
.40
.40
T-14060
T-10919
Triple
1:1.41
250
3.5
3.5
15
.45
.45
T-14061
T-10922
Triple
1:2
50
2.1
3.0
9
.20
.20
T-14062
T-10923
Triple
1:2
75
2.3
3.0
10
.25
.25
T-14063
T-10925
Triple
1:2
100
2.7
3.5
10
.30
.30
T-14064
T-10926
Triple
1:2
150
3.0
3.5
12
.35
.35
T-14065
T-10927
Triple
1:2
200
3.5
3.5
15
.40
.40
T-14066
T-10928
Triple
1:2
250
3.5
3.5
15
.45
.45
Quad
Quad
Turns
OCL
E-T
Rise
Pri./Sec.
LL
DCR
50 mil
100 mil
Schem.
Ratio
(
µH )
min.
Time max. CW/W max. max.
max.
SMD P/N
DIP P/N
Style
(
+ 5%)
(
+20%)
( V-
µS)
( ns )
( pF )
(
µH )
(
Ω)
T-50801
T-50501
Quad
1:1
50
2.1
3.0
9
.20
.20
T-50811
T-50511
Quad
1:1
75
2.3
3.0
10
.25
.25
T-50802
T-50502
Quad
1:1
100
2.7
3.5
10
.30
.30
T-50813
T-50513
Quad
1:1
150
3.0
3.5
12
.35
.35
T-50803
T-50503
Quad
1:1
200
3.5
3.5
15
.40
.40
T-50816
T-50516
Quad
1:1
250
3.5
3.5
15
.45
.45
T-50817
T-50517
Quad
1:1.41
50
2.1
3.0
9
.20
.20
T-50818
T-50518
Quad
1:1.41
75
2.3
3.0
10
.25
.25
T-50819
T-50519
Quad
1:1.41
100
2.7
3.5
10
.30
.30
T-50814
T-50514
Quad
1:1.41
150
3.0
3.5
12
.35
.35
T-50820
T-50520
Quad
1:1.41
200
3.5
3.5
15
.40
.40
T-50821
T-50521
Quad
1:1.41
250
3.5
3.5
15
.45
.45
T-50822
T-50522
Quad
1:2
50
2.1
3.0
9
.20
.20
T-50823
T-50523
Quad
1:2
75
2.3
3.0
10
.25
.25
T-50824
T-50524
Quad
1:2
100
2.7
3.5
10
.30
.30
T-50825
T-50525
Quad
1:2
150
3.0
3.5
12
.35
.35
T-50826
T-50526
Quad
1:2
200
3.5
3.5
15
.40
.40
T-50827
T-50527
Quad
1:2
250
3.5
3.5
15
.45
.45
16-Pin Triple Schematic
16 Pin QUAD Schematic
SMD versions
available on
Tape & Reel
IEEE 802.3 (10 BASE 2, 10 BASE 5)
& ECMA Compatible
High Isolation 2000 V
RMS
Fast Rise Times
Transfer Molded DIP / SMD Packages


Similar Part No. - T-14000

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-1400 RHOMBUS-IND-T-1400 Datasheet
22Kb / 1P
   MULTI-PURPOSE PULSE TRANSFORMER
T-14001 RHOMBUS-IND-T-14001 Datasheet
34Kb / 1P
   10BASE-T/ETHERNET ISOLATION TRANSFORMER
T-14002 RHOMBUS-IND-T-14002 Datasheet
33Kb / 1P
   10BASE-T/ETHERNET ISOLATION TRANSFORMER
More results

Similar Description - T-14000

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF12261X XFMRS-XF12261X Datasheet
134Kb / 2P
   ETHERNET AUI TRANSFORMERS
XF12261A XFMRS-XF12261A Datasheet
134Kb / 2P
   ETHERNET AUI TRANSFORMERS
XF12261X XFMRS-XF12261X_15 Datasheet
134Kb / 2P
   ETHERNET AUI TRANSFORMERS
logo
Rhombus Industries Inc.
T-50701 RHOMBUS-IND-T-50701 Datasheet
28Kb / 1P
   ETHERNET APPLICATIONS TRANSFORMERS
logo
XFMRS Inc.
XF12261X XFMRS-XF12261X Datasheet
134Kb / 2P
   ETHERNET AUI TRANSFORMERS
logo
Nuvotem Talema
TAM-40A-J TALEMA-TAM-40A-J Datasheet
82Kb / 1P
   AUI Ethernet Isolation Transformers
logo
Bothhand USA, LP.
TS5723 BOTHHAND-TS5723 Datasheet
199Kb / 1P
   IAOLATION TRANSFORMERS FOR ETHERNET
TA035-01 BOTHHAND-TA035-01 Datasheet
33Kb / 1P
   ISOLATION TRANSFORMERS FOR ETHERNET APPLICATIONS
logo
Premier Magnetics, Inc.
A8DB101150 PMI-A8DB101150 Datasheet
64Kb / 2P
   ETHERNET / CHEAPERNET LAN COUPLING TRANSFORMERS
logo
Keysight Technologies
U7236B KEYSIGHT-U7236B Datasheet
2Mb / 20P
   Ethernet Electrical Conformance Application
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com