Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T-60202 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # T-60202
Description  Standard EI PC Power Transformers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-60202 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  T-60202 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15801 Chemical Lane
Huntington Beach, California 92649-1595
Phone: (714) 898-0960 • FAX: (714) 896-0971
Transformers & Magnetic Products
Rhombus
Rhombus
Rhombus
Rhombus
Rhombus
Industries Inc.
Industries Inc.
Industries Inc.
Industries Inc.
Industries Inc.
Specifications are subject to change without notice
EI-PC2 - 11/95
Single
Dual
SECONDARY
Part No.
Part No.
--- Series ---
--- Parallel ---
115V
115/230V
VA
V
I (mA)
V
I (mA)
T-60100
T-60200
1.1
10.0
110
5.0
220
T-60101
T-60201
2.4
10.0
240
5.0
480
T-60102
T-60202
6.0
10.0
600
5.0
1200
T-60103
T-60203
12.0
10.0
1200
5.0
2400
T-60104
T-60204
20.0
10.0
2000
5.0
4000
T-60105
T-60205
36.0
10.0
3600
5.0
7200
T-60106
T-60206
1.1
12.6
87
6.3
175
T-60107
T-60207
2.4
12.6
190
6.3
381
T-60108
T-60208
6.0
12.6
476
6.3
952
T-60109
T-60209
12.0
12.6
952
6.3
1905
T-60110
T-60210
20.0
12.6
1587
6.3
3175
T-60111
T-60211
36.0
12.6
2857
6.3
5714
T-60112
T-60212
1.1
16.0
69
8.0
138
T-60113
T-60213
2.4
16.0
150
8.0
300
T-60114
T-60214
6.0
16.0
375
8.0
750
T-60115
T-60215
12.0
16.0
750
8.0
1500
T-60116
T-60216
20.0
16.0
1250
8.0
2500
T-60117
T-60217
36.0
16.0
2250
8.0
4500
T-60118
T-60218
1.1
20.0
55
10.0
110
T-60119
T-60219
2.4
20.0
120
10.0
240
T-60120
T-60220
6.0
20.0
300
10.0
600
T-60121
T-60221
12.0
20.0
600
10.0
1200
T-60122
T-60222
20.0
20.0
1000
10.0
2000
T-60123
T-60223
36.0
20.0
1800
10.0
3600
T-60124
T-60224
1.1
24.0
46
12.0
92
T-60125
T-60225
2.4
24.0
100
12.0
200
T-60126
T-60226
6.0
24.0
250
12.0
500
T-60127
T-60227
12.0
24.0
500
12.0
1000
T-60128
T-60228
20.0
24.0
833
12.0
1667
T-60129
T-60229
36.0
24.0
1500
12.0
3000
Single
Dual
SECONDARY
Part No.
Part No.
--- Series ---
--- Parallel ---
115V
115/230V
VA
V
I (mA)
V
I (mA)
T-60130
T-60230
1.1
28.0
39
14.0
79
T-60131
T-60231
2.4
28.0
86
14.0
171
T-60132
T-60232
6.0
28.0
214
14.0
429
T-60133
T-60233
12.0
28.0
429
14.0
857
T-60134
T-60234
20.0
28.0
714
14.0
1429
T-60135
T-60235
36.0
28.0
1286
14.0
2571
T-60136
T-60236
1.1
36.0
31
18.0
61
T-60137
T-60237
2.4
36.0
67
18.0
133
T-60138
T-60238
6.0
36.0
167
18.0
333
T-60139
T-60239
12.0
36.0
333
18.0
667
T-60140
T-60240
20.0
36.0
556
18.0
1111
T-60141
T-60241
36.0
36.0
1000
18.0
2000
T-60142
T-60242
1.1
48.0
23
24.0
46
T-60143
T-60243
2.4
48.0
50
24.0
100
T-60144
T-60244
6.0
48.0
125
24.0
250
T-60145
T-60245
12.0
48.0
250
24.0
500
T-60146
T-60246
20.0
48.0
417
24.0
833
T-60147
T-60247
36.0
48.0
750
24.0
1500
T-60148
T-60248
1.1
56.0
20
28.0
39
T-60149
T-60249
2.4
56.0
43
28.0
86
T-60150
T-60250
6.0
56.0
107
28.0
214
T-60151
T-60251
12.0
56.0
214
28.0
429
T-60152
T-60252
20.0
56.0
357
28.0
714
T-60153
T-60253
36.0
56.0
643
28.0
1286
T-60154
T-60254
1.1
120.0
9
60.0
18
T-60155
T-60255
2.4
120.0
20
60.0
40
T-60156
T-60256
6.0
120.0
50
60.0
100
T-60157
T-60257
12.0
120.0
100
60.0
200
T-60158
T-60258
20.0
120.0
167
60.0
333
T-60159
T-60259
36.0
120.0
300
60.0
600
Standard EI PC Power Transformers
C
D
D
G
B
F
A
E
Size
Dimensions in Inches
(VA)
A
B
C
D
E
F
G
1.1
1.375
1.125
0.937
0.250
0.250
1.200
N/A
2.4
1.375
1.125
1.187
0.250
0.250
1.200
N/A
6.0
1.625
1.312
1.290
0.250
0.350
1.270
1.062
12.0
1.875
1.562
1.437
0.300
0.400
1.410
1.250
20.0
2.250
1.875
1.410
0.300
0.400
1.610
1.500
36.0
2.625
2.187
1.562
0.400
0.400
1.850
*****
* 4 Corner Mounting Holes 2.187" x 1.75" Centers
Split Bobbin Construction,
Non-Concentric Winding
Eliminates the need for Electrostatic Sheilding.
Center Flange Insulation Barrier provides High
Insulation and low capacitive coupling, thereby
minimizing line noise and false triggering.
Hi-pot 2500 V
RMS
6 VA Ratings
Single or Dual Primary
Dual Schematic
8
2
1
7
4
3
6
5
8
1
7
4
6
5
Single Schematic
Dual Versions only,
External Connections
For Series:
2-3 & 6-7
For Parallel: 1-3, 2-4
& 5-7, 6-8
Lead Length .200" typ.
5


Similar Part No. - T-60202

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
T-60 TOTAL-POWER-T-60 Datasheet
34Kb / 1P
   T60 AC-DC 60W POWER SUPPLY
logo
Mean Well Enterprises C...
T-60 MEANWELL-T-60 Datasheet
386Kb / 2P
   60W Triple Output Switching Power Supply
logo
RSG Electronic Componen...
T-60 RSG-T-60 Datasheet
163Kb / 2P
   60W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
T-60 MEANWELL-T-60 Datasheet
394Kb / 2P
   60W Triple Output Switching Power Supply
logo
Rhombus Industries Inc.
T-600 RHOMBUS-IND-T-600 Datasheet
18Kb / 1P
   Modem Coupling Transformer
More results

Similar Description - T-60202

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-1324 RHOMBUS-IND-T-1324 Datasheet
19Kb / 1P
   EI PC Power Transformer
logo
API Delevan
6023-036 API-6023-036 Datasheet
1Mb / 1P
   Horizontal PC Power Transformers
6015-010 API-6015-010 Datasheet
1Mb / 1P
   Horizontal PC Power Transformers
6022R-010 API-6022R-010 Datasheet
1Mb / 1P
   Horizontal PC Power Transformers
6014R-010 API-6014R-010 Datasheet
1Mb / 1P
   Horizontal PC Power Transformers
6024-020 API-6024-020 Datasheet
1Mb / 1P
   Horizontal PC Power Transformers
6022-010 API-6022-010 Datasheet
1Mb / 1P
   Horizontal PC Power Transformers
6023R-010 API-6023R-010 Datasheet
1Mb / 1P
   Horizontal PC Power Transformers
6023-010 API-6023-010 Datasheet
1Mb / 1P
   Horizontal PC Power Transformers
6012R-6017R API-6012R-6017R Datasheet
1Mb / 1P
   Horizontal PC Power Transformers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com