Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3827-1 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3827-1
Description  Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3827-1 Datasheet(HTML) 3 Page - Linear Technology

  LTC3827-1 Datasheet HTML 1Page - Linear Technology LTC3827-1 Datasheet HTML 2Page - Linear Technology LTC3827-1 Datasheet HTML 3Page - Linear Technology LTC3827-1 Datasheet HTML 4Page - Linear Technology LTC3827-1 Datasheet HTML 5Page - Linear Technology LTC3827-1 Datasheet HTML 6Page - Linear Technology LTC3827-1 Datasheet HTML 7Page - Linear Technology LTC3827-1 Datasheet HTML 8Page - Linear Technology LTC3827-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LTC3827-1
3
38271fe
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, VRUN/SS1, 2 = 5V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Main Control Loops
VFB1, 2
Regulated Feedback Voltage
(Note 4) ITH1, 2 Voltage = 1.2V
0.792
0.800
0.808
V
IVFB1, 2
Feedback Current
(Note 4)
– 5
–50
nA
VREFLNREG
Reference Voltage Line Regulation
VIN = 4V to 30V (Note 4)
0.002
0.02
%/V
VLOADREG
Output Voltage Load Regulation
(Note 4)
Measured in Servo Loop; ΔITH Voltage = 1.2V to 0.7V
Measured in Servo Loop; ΔITH Voltage = 1.2V to 2V
0.1
– 0.1
0.5
–0.5
%
%
gm1, 2
Transconductance Amplifier gm
ITH1, 2 = 1.2V; Sink/Source 5μA (Note 4)
1.55
mmho
IQ
Input DC Supply Current
Sleep Mode (Channel 1 On)
Sleep Mode (Channel 2 On)
Shutdown
Sleep Mode (Both Channels)
(Note 5)
RUN1 = 5V, RUN2 = 0V, VFB1 = 0.83V (No Load)
RUN1 = 0V, RUN2 = 5V, VFB2 = 0.83V (No Load)
VRUN1, 2 = 0V
RUN1,2 = 5V, VFB1 = VFB2 = 0.83V
80
80
8
115
125
125
20
160
μA
μA
μA
μA
UVLO
Undervoltage Lockout
VIN Ramping Down
3.5
4
V
VOVL
Feedback Overvoltage Lockout
Measured at VFB1, 2, Relative to Regulated VFB1, 2
810
12
%
ISENSE
Sense Pins Total Source Current
(Each Channel) VSENSE1, 2– = VSENSE1+, 2+ = 0V
–660
μA
DFMAX
Maximum Duty Factor
In Dropout
98
99.4
%
ITRACK/SS1, 2 Soft-Start Charge Current
VTRACK1, 2 = 0V
0.75
1.0
1.35
μA
VRUN1, 2 ON RUN Pin ON Threshold
VRUN1, VRUN2 Rising
0.5
0.7
0.9
V
VSENSE(MAX) Maximum Current Sense Threshold
VFB1, 2 = 0.7V, VSENSE1–, 2– = 3.3V
VFB1, 2 = 0.7V, VSENSE1–, 2– = 3.3V
90
80
100
100
110
115
mV
mV
TG1, 2 tr
TG1, 2 tf
TG Transition Time:
Rise Time
Fall Time
(Note 6)
CLOAD = 3300pF
CLOAD = 3300pF
50
50
90
90
ns
ns
BG1, 2 tr
BG1, 2 tf
BG Transition Time:
Rise Time
Fall Time
(Note 6)
CLOAD = 3300pF
CLOAD = 3300pF
40
40
90
80
ns
ns
TG/BG t1D
Top Gate Off to Bottom Gate On Delay
Synchronous Switch-On Delay Time
CLOAD = 3300pF Each Driver
70
ns
BG/TG t2D
Bottom Gate Off to Top Gate On Delay
Top Switch-On Delay Time
CLOAD = 3300pF Each Driver
70
ns
tON(MIN)
Minimum On-Time
(Note 7)
180
ns
INTVCC Linear Regulator
VINTVCCVIN
Internal VCC Voltage
8.5V < VIN < 30V, VEXTVCC = 0V
5.0
5.25
5.5
V
VLDOVIN
INTVCC Load Regulation
ICC = 0mA to 20mA, VEXTVCC = 0V
0.2
1.0
%
VINTVCCEXT
Internal VCC Voltage
VEXTVCC = 8.5V
7.2
7.5
7.8
V
VLDOEXT
INTVCC Load Regulation
ICC = 0mA to 20mA, VEXTVCC = 8.5V
0.2
1.0
%
VEXTVCC
EXTVCC Switchover Voltage
EXTVCC Ramping Positive
4.5
4.7
V
VLDOHYS
EXTVCC Hysteresis
0.2
V
Oscillator and Phase-Locked Loop
fNOM
Nominal Frequency
VPLLLPF = Floating; PLLIN/MODE = DC Voltage
360
400
440
kHz


Similar Part No. - LTC3827-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3827-1 LINER-LTC3827-1 Datasheet
312Kb / 26P
   Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start
LTC3827-1 LINER-LTC3827-1 Datasheet
374Kb / 16P
   UV, OV and Reverse Supply Protection Controller Low Operating Current: 125關A
LTC3827-1 LINER-LTC3827-1 Datasheet
291Kb / 24P
   High Voltage Surge
LTC3827-1 LINER-LTC3827-1 Datasheet
1Mb / 30P
   Low IQ Synchronous Step-Down Controller
logo
Linear Integrated Syste...
LTC3827-1 LINEAR-LTC3827-1 Datasheet
241Kb / 26P
   Surge Stopper
More results

Similar Description - LTC3827-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3827-1 LINER-LTC3827-1_15 Datasheet
452Kb / 32P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858-1 LINER-LTC3858-1_15 Datasheet
434Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868 LINER-LTC3868_15 Datasheet
402Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3857 LINER-LTC3857 Datasheet
531Kb / 38P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858-1 LINER-LTC3858-1 Datasheet
591Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868-1 LINER-LTC3868-1 Datasheet
595Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3827 LINER-LTC3827 Datasheet
446Kb / 36P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3857 LINER-LTC3857_15 Datasheet
447Kb / 38P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858 LINER-LTC3858_15 Datasheet
429Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3858-2 LINER-LTC3858-2 Datasheet
442Kb / 40P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3867 LINER-LTC3867_15 Datasheet
389Kb / 36P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com