Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3826IG-1-TRPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3826IG-1-TRPBF
Description  30關A IQ, Dual, 2-Phase Synchronous Step-Down Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3826IG-1-TRPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3826IG-1-TRPBF Datasheet HTML 4Page - Linear Technology LTC3826IG-1-TRPBF Datasheet HTML 5Page - Linear Technology LTC3826IG-1-TRPBF Datasheet HTML 6Page - Linear Technology LTC3826IG-1-TRPBF Datasheet HTML 7Page - Linear Technology LTC3826IG-1-TRPBF Datasheet HTML 8Page - Linear Technology LTC3826IG-1-TRPBF Datasheet HTML 9Page - Linear Technology LTC3826IG-1-TRPBF Datasheet HTML 10Page - Linear Technology LTC3826IG-1-TRPBF Datasheet HTML 11Page - Linear Technology LTC3826IG-1-TRPBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LTC3826-1
8
38261fb
PIN FUNCTIONS
RUN1, RUN2 (Pins 8, 9): Digital Run Control Inputs for
Each Controller. Forcing either of these pins below 0.7V
shuts down that controller. Forcing both of these pins
below 0.7V shuts down the entire LTC3826-1, reducing
quiescent current to approximately 4μA.
INTVCC (Pin 19): Output of the Internal Linear Low Dropout
Regulator. The driver and control circuits are powered
from this voltage source. Must be decoupled to power
ground with a minimum of 4.7μF tantalum or other low
ESR capacitor.
EXTVCC (Pin 20): External Power Input to an Internal LDO
Connected to INTVCC. This LDO supplies INTVCC power,
bypassing the internal LDO powered from VIN whenever
EXTVCC is higher than 4.7V. See EXTVCC Connection in
the Applications Information section. Do not exceed 10V
on this pin.
PGND(Pin21):DriverPowerGround.Connectstothesources
of bottom (synchronous) N-channel MOSFETs, anodes of
the Schottky rectifiers and the (–) terminal(s) of CIN.
VIN (Pin 22): Main Supply Pin. A bypass capacitor should
be tied between this pin and the signal ground pin.
BG1, BG2 (Pins 23, 18): High Current Gate Drives for Bot-
tom (Synchronous) N-Channel MOSFETs. Voltage swing
at these pins is from ground to INTVCC.
BOOST1, BOOST2 (Pins 24, 17): Bootstrapped Supplies
to the Topside Floating Drivers. Capacitors are connected
between the BOOST and SW pins and Schottky diodes are
tied between the BOOST and INTVCC pins. Voltage swing
at the BOOST pins is from INTVCC to (VIN + INTVCC).
SW1, SW2 (Pins 25, 16): Switch Node Connections to
Inductors. Voltage swing at these pins is from a Schottky
diode (external) voltage drop below ground to VIN.
TG1, TG2 (Pins 26, 15): High Current Gate Drives for
Top N-Channel MOSFETs. These are the outputs of float-
ing drivers with a voltage swing equal to INTVCC – 0.5V
superimposed on the switch node voltage SW.
PGOOD1 (Pin 27): Open-Drain Logic Output. PGOOD1 is
pulled to ground when the voltage on the VFB1 pin is not
within ±10% of its set point.
TRACK/SS1, TRACK/SS2 (Pins 28, 14): External Track-
ing and Soft-Start Input. The LTC3826-1 regulates the
VFB1,2 voltage to the smaller of 0.8V or the voltage on the
TRACK/SS1,2 pin. A internal 1μA pull-up current source
is connected to this pin. A capacitor to ground at this
pin sets the ramp time to final regulated output voltage.
Alternatively, a resistor divider on another voltage supply
connected to this pin allows the LTC3826-1 output to track
the other supply during startup.


Similar Part No. - LTC3826IG-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3826IUH LINER-LTC3826IUH Datasheet
474Kb / 36P
   30關A IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3826IUH-PBF LINER-LTC3826IUH-PBF Datasheet
474Kb / 36P
   30關A IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3826IUH-TR LINER-LTC3826IUH-TR Datasheet
474Kb / 36P
   30關A IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3826IUH-TRPBF LINER-LTC3826IUH-TRPBF Datasheet
474Kb / 36P
   30關A IQ, Dual, 2-Phase Synchronous Step-Down Controller
More results

Similar Description - LTC3826IG-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3826 LINER-LTC3826 Datasheet
474Kb / 36P
   30關A IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3834 LINER-LTC3834 Datasheet
426Kb / 28P
   30關A IQ Synchronous Step-Down Controller
LTC3834-1 LINER-LTC3834-1 Datasheet
301Kb / 28P
   30關A IQ Synchronous Step-Down Controller
LTC3827-1 LINER-LTC3827-1_15 Datasheet
452Kb / 32P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3826 LINER-LTC3826_15 Datasheet
479Kb / 36P
   30A IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858-1 LINER-LTC3858-1_15 Datasheet
434Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868 LINER-LTC3868_15 Datasheet
402Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3857 LINER-LTC3857 Datasheet
531Kb / 38P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858-1 LINER-LTC3858-1 Datasheet
591Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868-1 LINER-LTC3868-1 Datasheet
595Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com