Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV7644DW-125.0M-T500 Datasheet(PDF) 7 Page - Pletronics, Inc.

Part # LV7644DW-125.0M-T500
Description  LVDS Clock Oscillators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

LV7644DW-125.0M-T500 Datasheet(HTML) 7 Page - Pletronics, Inc.

  LV7644DW-125.0M-T500 Datasheet HTML 1Page - Pletronics, Inc. LV7644DW-125.0M-T500 Datasheet HTML 2Page - Pletronics, Inc. LV7644DW-125.0M-T500 Datasheet HTML 3Page - Pletronics, Inc. LV7644DW-125.0M-T500 Datasheet HTML 4Page - Pletronics, Inc. LV7644DW-125.0M-T500 Datasheet HTML 5Page - Pletronics, Inc. LV7644DW-125.0M-T500 Datasheet HTML 6Page - Pletronics, Inc. LV7644DW-125.0M-T500 Datasheet HTML 7Page - Pletronics, Inc. LV7644DW-125.0M-T500 Datasheet HTML 8Page - Pletronics, Inc. LV7644DW-125.0M-T500 Datasheet HTML 9Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
LV76D / LV78D Series 2.5 V
LVDS Clock Oscillators
January 2008
www.pletronics.com
425-776-1880
7
Mechanical (obsolete version):
The cover is no longer being supplied over this part. This part is made with a hermetically sealed
LV77xxDW series oscillator. This part is now exposed.
The cover has been deleted, the cover was causing problems with the newer high temperature RoHS lead
free processes. The cover purpose was only cosmetic.
All parts with 2008 date codes will be made in the new fashion.
There is no change in electrical properties.
Pletronics does recommend that all designs should transition to the LV77xxDW ceramic part.
Inches
mm
A
0.351 +
_0.003
8.91 +
_0.07
B
0.356 +
_0.005
9.04 +
_0.13
C
0.103 +
_0.005
2.62 +
_0.13
D
1
0.324
8.23
E
1
0.316
8.03
F
1
0.050
1.27
Cover:
Centered on the base
304 Stainless Steel
0.010 inch (0.25mm)
Electroless Nickel Plated
1 µinch (25 µm) typical
Label:
White Kapton with Black Letters
–or--
Blue Epoxy heat cure ink covering
top with laser marked lettering
FR4 PCB Base:
Solder masked
Solder masked
All via holes tented on bottom
Copper Clad 670 µinch (17 µm)
Nickel plated 118 µinch (3 µm)
Gold plated 0.8 µinch (0.02 µm)
Typical thicknesses
Pin 3 Ground plane is typical
Not to scale
G
1
0.040
1.02
H
1
0.059
1.50
I
1
0.020
0.51
J
1
0.040
1.02
K
1
0.100
2.54
L
1
0.026 typical
0.66
The package is not hermetically sealed.
The sides are intentionally left open to permit cleaning material to freely flow in the package, thus
minimizing the accumulation of contaminants during cleaning processes.
The internal part of the package must be thoroughly dry before operating.


Similar Part No. - LV7644DW-125.0M-T500

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
LV7644DEV-125.0M PLETRONICS-LV7644DEV-125.0M Datasheet
160Kb / 8P
   LVDS Clock Oscillators
LV7644DEV-125.0M-1K PLETRONICS-LV7644DEV-125.0M-1K Datasheet
160Kb / 8P
   LVDS Clock Oscillators
LV7644DEV-125.0M-T250 PLETRONICS-LV7644DEV-125.0M-T250 Datasheet
160Kb / 8P
   LVDS Clock Oscillators
LV7644DEV-125.0M-T500 PLETRONICS-LV7644DEV-125.0M-T500 Datasheet
160Kb / 8P
   LVDS Clock Oscillators
LV7644DV-125.0M PLETRONICS-LV7644DV-125.0M Datasheet
160Kb / 8P
   LVDS Clock Oscillators
More results

Similar Description - LV7644DW-125.0M-T500

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
LV7745DEX PLETRONICS-LV7745DEX Datasheet
149Kb / 8P
   LVDS Clock Oscillators
LV7745DEW PLETRONICS-LV7745DEW Datasheet
148Kb / 8P
   LVDS Clock Oscillators
LV1145BEV PLETRONICS-LV1145BEV Datasheet
129Kb / 8P
   LVDS Clock Oscillators
LV7845DEV PLETRONICS-LV7845DEV Datasheet
161Kb / 8P
   LVDS Clock Oscillators
LV7645DEV PLETRONICS-LV7645DEV Datasheet
160Kb / 8P
   LVDS Clock Oscillators
LV7745DEV PLETRONICS-LV7745DEV Datasheet
148Kb / 8P
   LVDS Clock Oscillators
LV9345DEV PLETRONICS-LV9345DEV Datasheet
116Kb / 8P
   LVDS Clock Oscillators
LV5545DEW PLETRONICS-LV5545DEW Datasheet
110Kb / 8P
   LVDS Clock Oscillators
LV5545DEV PLETRONICS-LV5545DEV Datasheet
109Kb / 8P
   LVDS Clock Oscillators
LV8845DEV-D PLETRONICS-LV8845DEV-D Datasheet
149Kb / 8P
   LVDS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com