Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3827 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3827
Description  Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3827 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3827 Datasheet HTML 3Page - Linear Technology LTC3827 Datasheet HTML 4Page - Linear Technology LTC3827 Datasheet HTML 5Page - Linear Technology LTC3827 Datasheet HTML 6Page - Linear Technology LTC3827 Datasheet HTML 7Page - Linear Technology LTC3827 Datasheet HTML 8Page - Linear Technology LTC3827 Datasheet HTML 9Page - Linear Technology LTC3827 Datasheet HTML 10Page - Linear Technology LTC3827 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
LTC3827
7
3827ff
TYPICAL PERFORMANCE CHARACTERISTICS
TRACK/SS Pull-Up Current
vs Temperature
Shutdown (RUN) Threshold
vs Temperature
Regulated Feedback Voltage
vs Temperature
Sense Pins Total Input Current
vs Temperature
Shutdown Current
vs Input Voltage
Oscillator Frequency
vs Temperature
TEMPERATURE (°C)
–45
1.00
1.05
1.10
75
3827 G19
0.95
0.90
0.80
–15
15
45
–30
90
0
30
60
0.85
1.20
1.15
TEMPERATURE (°C)
–45
0.80
0.85
0.90
75
3827 G20
0.75
0.65
0.50
–15
15
45
–30
90
0
30
60
0.55
0.70
0.60
1.00
0.95
TEMPERATURE (°C)
–45
800
802
804
75
3827 G21
798
796
792
–15
15
45
–30
90
0
30
60
794
808
806
TEMPERATURE (°C)
–45
–800
–700
–500
–400
–300
200
–100
–15
15
30
90
3827 G22
–600
0
100
–200
–30
0
45
60
75
VOUT = OV
VOUT = 3.3V
VOUT = 10V
INPUT VOLTAGE (V)
510
0
10
25
15
25
30
3827 G23
5
20
15
20
35
TEMPERATURE (°C)
–45
0
100
300
400
500
800
700
–5
35
55
3827 G24
200
600
–25
15
75
95
VPLLLPF = INTVCC
VPLLLPF = FLOAT
VPLLLPF = GND
Undervoltage Lockout Threshold
vs Temperature
Oscillator Frequency
vs Input Voltage
Shutdown Current
vs Temperature
TEMPERATURE (°C)
–45
3.2
3.3
3.5
3.6
3.7
4.2
3.9
–15
15
30
3827 G25
3.4
4.0
4.1
3.8
–30
0
60
45
75
90
FALLING
RISING
INPUT VOLTAGE (V)
510
15
25
30
3827 G26
20
35
392
394
398
400
402
396
404
TEMPERATURE (°C)
–45
75
3827 G27
–15
15
45
–30
90
0
30
60
0
2
6
8
10
4
12


Similar Part No. - LTC3827

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3827 LINER-LTC3827 Datasheet
312Kb / 26P
   Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start
LTC3827 LINER-LTC3827 Datasheet
374Kb / 16P
   UV, OV and Reverse Supply Protection Controller Low Operating Current: 125關A
LTC3827 LINER-LTC3827 Datasheet
291Kb / 24P
   High Voltage Surge
LTC3827 LINER-LTC3827 Datasheet
1Mb / 30P
   Low IQ Synchronous Step-Down Controller
logo
Linear Integrated Syste...
LTC3827 LINEAR-LTC3827 Datasheet
241Kb / 26P
   Surge Stopper
More results

Similar Description - LTC3827

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3827-1 LINER-LTC3827-1_15 Datasheet
452Kb / 32P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858-1 LINER-LTC3858-1_15 Datasheet
434Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868 LINER-LTC3868_15 Datasheet
402Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3857 LINER-LTC3857 Datasheet
531Kb / 38P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858-1 LINER-LTC3858-1 Datasheet
591Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868-1 LINER-LTC3868-1 Datasheet
595Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3857 LINER-LTC3857_15 Datasheet
447Kb / 38P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858 LINER-LTC3858_15 Datasheet
429Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3858-2 LINER-LTC3858-2 Datasheet
442Kb / 40P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3867 LINER-LTC3867_15 Datasheet
389Kb / 36P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com