Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3827 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3827
Description  Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3827 Datasheet(HTML) 1 Page - Linear Technology

  LTC3827 Datasheet HTML 1Page - Linear Technology LTC3827 Datasheet HTML 2Page - Linear Technology LTC3827 Datasheet HTML 3Page - Linear Technology LTC3827 Datasheet HTML 4Page - Linear Technology LTC3827 Datasheet HTML 5Page - Linear Technology LTC3827 Datasheet HTML 6Page - Linear Technology LTC3827 Datasheet HTML 7Page - Linear Technology LTC3827 Datasheet HTML 8Page - Linear Technology LTC3827 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
LTC3827
1
3827ff
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Low IQ, Dual, 2-Phase
Synchronous Step-Down Controller
The LTC®3827 is a high performance dual step-down
switching regulator controller that drives all N-channel
synchronous power MOSFET stages. A constant frequency
current mode architecture allows a phase-lockable fre-
quency of up to 650kHz. Power loss and noise due to the
ESR of the input capacitor ESR are minimized by operating
the two controller output stages out of phase.
The 80μA no-load quiescent current extends operating
life in battery-powered systems. OPTI-LOOP compensa-
tion allows the transient response to be optimized over
a wide range of output capacitance and ESR values. The
LTC3827 features a precision 0.8V reference and a power
good output indicator. A wide 4V to 36V input supply range
encompasses all battery chemistries.
Independent TRACK/SS pins for each controller ramp the
output voltage during start-up. Current foldback limits
MOSFET heat dissipation during short-circuit conditions.
The PLLIN/MODE pin selects among Burst Mode opera-
tion, pulse skipping mode, or continuous inductor cur-
rent mode at light loads. For a leaded package version
(28-lead SSOP), see the LTC3827-1 datasheet.
High Efficiency Dual 8.5V/3.3V Step-Down Converter
n Wide Output Voltage Range: 0.8V ≤ VOUT ≤ 10V
n Low Operating IQ: 80μA (One Channel On)
n Out-of-Phase Controllers Reduce Required Input
Capacitance and Power Supply Induced Noise
n OPTI-LOOP® Compensation Minimizes COUT
n ±1% Output Voltage Accuracy
n Wide VIN Range: 4V to 36V Operation
n Phase-Lockable Fixed Frequency 140kHz to 650kHz
n Selectable Continuous, Pulse Skipping or Low Ripple
Burst Mode® Operation at Light Loads
n Dual N-Channel MOSFET Synchronous Drive
n Very Low Dropout Operation: 99% Duty Cycle
n Adjustable Output Voltage Soft-Start or Tracking
n Output Current Foldback Limiting
n Power Good Output Voltage Monitor
n Output Overvoltage Protection
n Low Shutdown IQ: 8μA
n Internal LDO Powers Gate Drive from VIN or VOUT
n Small 5mm × 5mm QFN Package
n Automotive Systems
n Battery-Operated Digital Devices
n Distributed DC Power Systems
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
Burst Mode and OPTI-LOOP are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners. Protected by U.S. Patents
including 5481178, 5929620, 6177787, 6144194, 5408150, 6580258, 6304066, 570919.
Efficiency and Power Loss
vs Load Current
+
4.7μF
0.1μF
62.5k
3.3μH
220pF
150μF
1μF
22μF
50V
0.015Ω
20k
15k
VOUT1
3.3V
5A
150μF
0.1μF
192.5k
7.2μH
220pF
0.015Ω
20k
15k
VOUT2
8.5V
3.5A
TG1
TG2
BOOST1
BOOST2
SW1
SW2
BG1
BG2
SGND
PGND
SENSE1+
SENSE2+
SENSE1
SENSE2
VFB1
VFB2
ITH1
ITH2
VIN
INTVCC
TRACK/SS1
TRACK/SS2
VIN
4V TO 36V
3827 TA01
0.1μF
0.1μF
LTC3827
LOAD CURRENT (mA)
0.01
0.1
1
10
100
1000 10000
3827 TA01b
0.001
1
10
1000
100
0.1
100000
10000
40
50
60
70
80
30
20
10
0
90
100
POWER LOSS
EFFICIENCY
VIN = 12V; VOUT = 3.3V
FIGURE 13 CIRCUIT


Similar Part No. - LTC3827

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3827 LINER-LTC3827 Datasheet
312Kb / 26P
   Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start
LTC3827 LINER-LTC3827 Datasheet
374Kb / 16P
   UV, OV and Reverse Supply Protection Controller Low Operating Current: 125關A
LTC3827 LINER-LTC3827 Datasheet
291Kb / 24P
   High Voltage Surge
LTC3827 LINER-LTC3827 Datasheet
1Mb / 30P
   Low IQ Synchronous Step-Down Controller
logo
Linear Integrated Syste...
LTC3827 LINEAR-LTC3827 Datasheet
241Kb / 26P
   Surge Stopper
More results

Similar Description - LTC3827

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3827-1 LINER-LTC3827-1_15 Datasheet
452Kb / 32P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858-1 LINER-LTC3858-1_15 Datasheet
434Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868 LINER-LTC3868_15 Datasheet
402Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3857 LINER-LTC3857 Datasheet
531Kb / 38P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858-1 LINER-LTC3858-1 Datasheet
591Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868-1 LINER-LTC3868-1 Datasheet
595Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3857 LINER-LTC3857_15 Datasheet
447Kb / 38P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858 LINER-LTC3858_15 Datasheet
429Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3858-2 LINER-LTC3858-2 Datasheet
442Kb / 40P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3867 LINER-LTC3867_15 Datasheet
389Kb / 36P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com