Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3827EUH Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3827EUH
Description  Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3827EUH Datasheet(HTML) 4 Page - Linear Technology

  LTC3827EUH Datasheet HTML 1Page - Linear Technology LTC3827EUH Datasheet HTML 2Page - Linear Technology LTC3827EUH Datasheet HTML 3Page - Linear Technology LTC3827EUH Datasheet HTML 4Page - Linear Technology LTC3827EUH Datasheet HTML 5Page - Linear Technology LTC3827EUH Datasheet HTML 6Page - Linear Technology LTC3827EUH Datasheet HTML 7Page - Linear Technology LTC3827EUH Datasheet HTML 8Page - Linear Technology LTC3827EUH Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
LTC3827
4
3827ff
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3827E is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls. The LTC3827I is guaranteed to meet
performance specifications over the full –40°C to 85°C operating
temperature range.
Note 3: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formulas:
TJ = TA + (PD • 34 °C/W)
Note 4: The LTC3827 is tested in a feedback loop that servos VITH1, 2 to a
specified voltage and measures the resultant VFB1, 2.
Note 5: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency. See Applications Information.
Note 6: Rise and fall times are measured using 10% and 90% levels. Delay
times are measured using 50% levels.
Note 7: The minimum on-time condition is specified for an inductor
peak-to-peak ripple current ≥ 40% of IMAX (see minimum on-time
considerations in the Applications Information section).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fSYNCMAX
Maximum Synchronizable Frequency
PLLIN/MODE = External Clock; VPLLLPF = 2V
650
800
kHz
IPLLLPF
Phase Detector Output Current
Sinking Capability
Sourcing Capability
fPLLIN/MODE < fOSC
fPLLIN/MODE > fOSC
–5
5
μA
μA
PGOOD Output
VPGL
PGOOD Voltage Low
IPGOOD = 2mA
0.1
0.3
V
IPGOOD
PGOOD Leakage Current
VPGOOD = 5V
±1
μA
VPG
PGOOD Trip Level
VFB with Respect to Set Regulated Voltage
VFB Ramping Negative
VFB Ramping Positive
–12
8
–10
10
–8
12
%
%
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, VRUN/SS1, 2 = 5V unless otherwise noted.


Similar Part No. - LTC3827EUH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3827EG-1 LINER-LTC3827EG-1 Datasheet
443Kb / 32P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3827EG-1-PBF LINER-LTC3827EG-1-PBF Datasheet
443Kb / 32P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3827EG-1-TR LINER-LTC3827EG-1-TR Datasheet
443Kb / 32P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3827EG-1-TRPBF LINER-LTC3827EG-1-TRPBF Datasheet
443Kb / 32P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
More results

Similar Description - LTC3827EUH

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3827-1 LINER-LTC3827-1_15 Datasheet
452Kb / 32P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858-1 LINER-LTC3858-1_15 Datasheet
434Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868 LINER-LTC3868_15 Datasheet
402Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3857 LINER-LTC3857 Datasheet
531Kb / 38P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858-1 LINER-LTC3858-1 Datasheet
591Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868-1 LINER-LTC3868-1 Datasheet
595Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3857 LINER-LTC3857_15 Datasheet
447Kb / 38P
   Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858 LINER-LTC3858_15 Datasheet
429Kb / 38P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3858-2 LINER-LTC3858-2 Datasheet
442Kb / 40P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3867 LINER-LTC3867_15 Datasheet
389Kb / 36P
   Low IQ, Dual 2-Phase Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com