Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV7644DEV-125.0M-T250 Datasheet(PDF) 5 Page - Pletronics, Inc.

Part # LV7644DEV-125.0M-T250
Description  LVDS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

LV7644DEV-125.0M-T250 Datasheet(HTML) 5 Page - Pletronics, Inc.

  LV7644DEV-125.0M-T250 Datasheet HTML 1Page - Pletronics, Inc. LV7644DEV-125.0M-T250 Datasheet HTML 2Page - Pletronics, Inc. LV7644DEV-125.0M-T250 Datasheet HTML 3Page - Pletronics, Inc. LV7644DEV-125.0M-T250 Datasheet HTML 4Page - Pletronics, Inc. LV7644DEV-125.0M-T250 Datasheet HTML 5Page - Pletronics, Inc. LV7644DEV-125.0M-T250 Datasheet HTML 6Page - Pletronics, Inc. LV7644DEV-125.0M-T250 Datasheet HTML 7Page - Pletronics, Inc. LV7644DEV-125.0M-T250 Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LV76D Series 3.3 V
LVDS Clock Oscillators
January 2008
www.pletronics.com
425-776-1880
5
Reliability: Environmental Compliance
Parameter
Condition
Mechanical Shock
MIL-STD-883 Method 2002, Condition B
Vibration
MIL-STD-883 Method 2007, Condition A
Solderability
MIL-STD-883 Method 2003
Thermal Shock
MIL-STD-883 Method 1011, Condition A
ESD Rating
Model
Minimum Voltage
Conditions
Human Body Model
1500
MIL-STD-883 Method 3115
Charged Device Model
1000
JESD 22-C101
Package Labeling
Label is 1" x 2.6" (25.4mm x 66.7mm)
Label is 1" x 2.6" (25.4mm x 66.7mm)
Font is Courier New
Font is Arial
Bar code is 39-Full ASCII
Layout and application information
Recommend connecting Pad 1 and Pad 2 together to permit the design to accept Enable/Disable on both
input pads (see LV78D for E/D on pad 2)
For Optimum Jitter Performance, Pletronics recommends:
a ground plane under the device
no large transient signals (both current and voltage) should be routed under the device
do not layout near a large magnetic field such as a high frequency switching power supply
do not place near piezoelectric buzzers or mechanical fans.


Similar Part No. - LV7644DEV-125.0M-T250

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
LV7644DEW-125.0M PLETRONICS-LV7644DEW-125.0M Datasheet
200Kb / 9P
   LVDS Clock Oscillators
LV7644DEW-125.0M-1K PLETRONICS-LV7644DEW-125.0M-1K Datasheet
200Kb / 9P
   LVDS Clock Oscillators
LV7644DEW-125.0M-T250 PLETRONICS-LV7644DEW-125.0M-T250 Datasheet
200Kb / 9P
   LVDS Clock Oscillators
LV7644DEW-125.0M-T500 PLETRONICS-LV7644DEW-125.0M-T500 Datasheet
200Kb / 9P
   LVDS Clock Oscillators
More results

Similar Description - LV7644DEV-125.0M-T250

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
LV7745DEX PLETRONICS-LV7745DEX Datasheet
149Kb / 8P
   LVDS Clock Oscillators
LV7745DEW PLETRONICS-LV7745DEW Datasheet
148Kb / 8P
   LVDS Clock Oscillators
LV1145BEV PLETRONICS-LV1145BEV Datasheet
129Kb / 8P
   LVDS Clock Oscillators
LV7845DEV PLETRONICS-LV7845DEV Datasheet
161Kb / 8P
   LVDS Clock Oscillators
LV7745DEV PLETRONICS-LV7745DEV Datasheet
148Kb / 8P
   LVDS Clock Oscillators
LV9345DEV PLETRONICS-LV9345DEV Datasheet
116Kb / 8P
   LVDS Clock Oscillators
LV5545DEW PLETRONICS-LV5545DEW Datasheet
110Kb / 8P
   LVDS Clock Oscillators
LV5545DEV PLETRONICS-LV5545DEV Datasheet
109Kb / 8P
   LVDS Clock Oscillators
LV7X45DEW PLETRONICS-LV7X45DEW Datasheet
200Kb / 9P
   LVDS Clock Oscillators
LV8845DEV-D PLETRONICS-LV8845DEV-D Datasheet
149Kb / 8P
   LVDS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com