Selected language     English  ▼


T-10905 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. T-10905
Description  Ethernet Application Transformers
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Tel: (714) 898-0960 • Fax: (714) 896-0971
Rhombus
Industries Inc.
25
ETHRQUAD- 7/97
Ethernet Application
Transformers
Triple & Quad Packages
D
G
J
100 mil 16-Pin DIP/SMD Packages
(Add
G or J to P/N for SMD)
See pg. 40, fig. 4, 5 & 6
.015
(0.38)
TYP.
.505
(12.83)
MAX.
.016
(0.41)
TYP.
.205
(5.21)
MAX.
.360 (9.14)
.380 (9.65)
.285
(7.24)
MAX.
.025
(0.64)
TYP.
.050
(1.27)
TYP.
.010
(0.25)
TYP.
50 mil Package Dimensions in Inches (mm)
Electrical Specifications at 25o C
Triple
Triple
Turns
OCL
E-T
Rise
Pri./Sec.
LL
DCR
50 mil
100 mil
Schem.
Ratio
(
µH )
min.
Time max. CW/W max. max.
max.
SMD P/N
DIP P/N
Style
(
+ 5%)
(
+20%)
( V-
µS)
( ns )
( pF )
(
µH )
(
Ω)
T-14000
T-10902
Triple
1:1
50
2.1
3.0
9
.20
.20
T-14001
T-10903
Triple
1:1
75
2.3
3.0
10
.25
.25
T-14002
T-10905
Triple
1:1
100
2.7
3.5
10
.30
.30
T-14003
T-10906
Triple
1:1
150
3.0
3.5
12
.35
.35
T-14004
T-10907
Triple
1:1
200
3.5
3.5
15
.40
.40
T-14005
T-10908
Triple
1:1
250
3.5
3.5
15
.45
.45
T-14055
T-10913
Triple
1:1.41
50
2.1
3.0
9
.20
.20
T-14056
T-10914
Triple
1:1.41
75
2.3
3.0
10
.25
.25
T-14057
T-10916
Triple
1:1.41
100
2.7
3.5
10
.30
.30
T-14058
T-10917
Triple
1:1.41
150
3.0
3.5
12
.35
.35
T-14059
T-10918
Triple
1:1.41
200
3.5
3.5
15
.40
.40
T-14060
T-10919
Triple
1:1.41
250
3.5
3.5
15
.45
.45
T-14061
T-10922
Triple
1:2
50
2.1
3.0
9
.20
.20
T-14062
T-10923
Triple
1:2
75
2.3
3.0
10
.25
.25
T-14063
T-10925
Triple
1:2
100
2.7
3.5
10
.30
.30
T-14064
T-10926
Triple
1:2
150
3.0
3.5
12
.35
.35
T-14065
T-10927
Triple
1:2
200
3.5
3.5
15
.40
.40
T-14066
T-10928
Triple
1:2
250
3.5
3.5
15
.45
.45
Quad
Quad
Turns
OCL
E-T
Rise
Pri./Sec.
LL
DCR
50 mil
100 mil
Schem.
Ratio
(
µH )
min.
Time max. CW/W max. max.
max.
SMD P/N
DIP P/N
Style
(
+ 5%)
(
+20%)
( V-
µS)
( ns )
( pF )
(
µH )
(
Ω)
T-50801
T-50501
Quad
1:1
50
2.1
3.0
9
.20
.20
T-50811
T-50511
Quad
1:1
75
2.3
3.0
10
.25
.25
T-50802
T-50502
Quad
1:1
100
2.7
3.5
10
.30
.30
T-50813
T-50513
Quad
1:1
150
3.0
3.5
12
.35
.35
T-50803
T-50503
Quad
1:1
200
3.5
3.5
15
.40
.40
T-50816
T-50516
Quad
1:1
250
3.5
3.5
15
.45
.45
T-50817
T-50517
Quad
1:1.41
50
2.1
3.0
9
.20
.20
T-50818
T-50518
Quad
1:1.41
75
2.3
3.0
10
.25
.25
T-50819
T-50519
Quad
1:1.41
100
2.7
3.5
10
.30
.30
T-50814
T-50514
Quad
1:1.41
150
3.0
3.5
12
.35
.35
T-50820
T-50520
Quad
1:1.41
200
3.5
3.5
15
.40
.40
T-50821
T-50521
Quad
1:1.41
250
3.5
3.5
15
.45
.45
T-50822
T-50522
Quad
1:2
50
2.1
3.0
9
.20
.20
T-50823
T-50523
Quad
1:2
75
2.3
3.0
10
.25
.25
T-50824
T-50524
Quad
1:2
100
2.7
3.5
10
.30
.30
T-50825
T-50525
Quad
1:2
150
3.0
3.5
12
.35
.35
T-50826
T-50526
Quad
1:2
200
3.5
3.5
15
.40
.40
T-50827
T-50527
Quad
1:2
250
3.5
3.5
15
.45
.45
16-Pin Triple Schematic
16 Pin QUAD Schematic
SMD versions
available on
Tape & Reel
IEEE 802.3 (10 BASE 2, 10 BASE 5)
& ECMA Compatible
High Isolation 2000 V
RMS
Fast Rise Times
Transfer Molded DIP / SMD Packages




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AEP900-TADSL Transformers for Legerity AMD Chipsets 1 Nuvotem Talema
TAM-40A-JAUI Ethernet Isolation Transformers 1 Nuvotem Talema
T-50701ETHERNET APPLICATIONS TRANSFORMERS 1 Rhombus Industries Inc.
2SB688HIGH POWER AMPLIFIER APPLICATION 1 2 Unisonic Technologies
B8103IF Filters for Cordless Phones and ISM-Band Application 1 2 3 4 5 MoreEPCOS
MC2845FOR GENERAL SWITCHING APPLICATION SILICON EPITAXIAL TYPE SERIES TYPE 1 2 3 4 Isahaya Electronics Corporation
2SC6053FOR HIGH CURRENT DRIVE APPLICATION SILICON NPN EPITAXIAL TYPE 1 2 3 4 Isahaya Electronics Corporation
KTK697TVN CHANNEL JUNCTION FIELD EFFECT TRANSISTOR CONDENSER MICROPHONE APPLICATION 1 2 3 KEC(Korea Electronics)
PS12018-AApplication Specific Intelligent Power Module FLAT-BASE TYPE INSULATED PACKAGE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
QEV4DIL 8 Pin Half Size VCXO - Communications Equipment Application 1 2 3 TEMEX

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl