Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3834-1 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3834-1
Description  30關A IQ Synchronous Step-Down Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3834-1 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3834-1 Datasheet HTML 2Page - Linear Technology LTC3834-1 Datasheet HTML 3Page - Linear Technology LTC3834-1 Datasheet HTML 4Page - Linear Technology LTC3834-1 Datasheet HTML 5Page - Linear Technology LTC3834-1 Datasheet HTML 6Page - Linear Technology LTC3834-1 Datasheet HTML 7Page - Linear Technology LTC3834-1 Datasheet HTML 8Page - Linear Technology LTC3834-1 Datasheet HTML 9Page - Linear Technology LTC3834-1 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
LTC3834-1
38341f
TYPICAL PERFOR A CE CHARACTERISTICS T
A = 25ºC, unless otherwise noted.
TRACK/SS Pull-Up Current vs
Temperature
Shutdown (RUN) Threshold vs
Temperature
Regulated Feedback Voltage vs
Temperature
Undervoltage Lockout Threshold
vs Temperature
SENSE Pins Total Input Bias
Current vs Temperature
Shutdown Current vs Input
Voltage
Oscillator Frequency vs
Temperature
TEMPERATURE (
°C)
1.05
1.10
1.20
1.25
1.30
45
38341 G19
1.00
0.95
0
–15
–30
–45
15
30
60
75
90
0.90
1.15
TEMPERATURE (
°C)
0.80
0.75
0.70
0.65
0.60
0.55
0.50
1.00
0.95
0.90
0.85
45
60
75
90
38341 G20
0
–15
–30
–45
15
30
TEMPERATURE (
°C)
800
798
796
794
792
808
806
804
802
45
60
75
90
38341 G21
0
–15
–30
–45
15
30
TEMPERATURE (
°C)
–120
–150
–180
–210
–240
30
0
–30
–60
–90
60
45
60
75
90
38341 G22
–270
0
–15
–30
–45
15
30
–300
VOUT = 10V
VOUT = 3.3V
VOUT = 0V
INPUT VOLTAGE (V)
8
10
35
38341 G23
6
4
20
15
10
525
30
2
0
12
TEMPERATURE (
°C)
400
500
700
800
55
38341 G24
300
200
–5
–25
–45
15
35
75
95
100
0
600
VPLLLPF = INTVCC
VPLLLPF = FLOAT
VPLLLPF = GND
TEMPERATURE (
°C)
3.6
3.5
3.4
3.3
3.2
4.1
4.0
3.9
3.8
3.7
4.2
45
60
75
90
38341 G25
0
–15
–30
–45
15
30
RISING
FALLING
SENSE Pins Total Input Bias
Current vs ITH
ITH VOLTAGE (V)
2
3
4
1.2
38341 G18
1
0.6
0.4
0.2
0
0.8
1.0
1.4
0


Similar Part No. - LTC3834-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3834-1 LINER-LTC3834-1 Datasheet
315Kb / 26P
   High Voltage, Current Mode Switching Regulator Controller Thermal Shutdown
LTC3834-1 LINER-LTC3834-1 Datasheet
312Kb / 26P
   Dual, 2-Phase Step-Down Switching Controller Programmable Soft-Start
LTC3834-1 LINER-LTC3834-1 Datasheet
541Kb / 36P
   60V Low IQ Inverting DC/DC Controller Wide Operating VIN Range: 3.5V to 60V
LTC3834-1 LINER-LTC3834-1 Datasheet
487Kb / 28P
   60V Low IQ Step-Down DC/DC Controller with 100% Duty Cycle Capability
LTC3834-1 LINER-LTC3834-1 Datasheet
422Kb / 40P
   60V Low IQ, Dual, 2-Phase Synchronous Step-Down DC/DC Controller
More results

Similar Description - LTC3834-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3834 LINER-LTC3834 Datasheet
426Kb / 28P
   30關A IQ Synchronous Step-Down Controller
LTC3826 LINER-LTC3826 Datasheet
474Kb / 36P
   30關A IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3826-1 LINER-LTC3826-1 Datasheet
424Kb / 32P
   30關A IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3834 LINER-LTC3834_15 Datasheet
780Kb / 30P
   30A IQ Synchronous Step-Down Controller
LTC3835-1 LINER-LTC3835-1 Datasheet
299Kb / 28P
   Low IQ Synchronous Step-Down Controller
LTC3835 LINER-LTC3835 Datasheet
323Kb / 28P
   Low IQ Synchronous Step-Down Controller
LTC3834-1 LINER-LTC3834-1_15 Datasheet
298Kb / 28P
   30A IQ Synchronous Step-Down Controller
LTC3835EUFD LINER-LTC3835EUFD Datasheet
1Mb / 30P
   Low IQ Synchronous Step-Down Controller
LTC3835-1 LINER-LTC3835-1_15 Datasheet
297Kb / 28P
   Low IQ Synchronous Step-Down Controller
LTC3835 LINER-LTC3835_15 Datasheet
418Kb / 30P
   Low IQ Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com