Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L-31240 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # L-31240
Description  ER Style Surface Mount Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

L-31240 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  L-31240 Datasheet HTML 1Page - Rhombus Industries Inc. L-31240 Datasheet HTML 2Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Transformers & Magnetic Products
Industries Inc.
Rhombus
Specifications are subject to change without notice
ER-SMT - 5/97
15801 Chemical Lane
Huntington Beach, California 92649-1595
Phone: (714) 898-0960 l FAX: (714) 896-0971
34
L
DCR
I
I
Part
+ 30%
Max.
Sat.
Max.
Size
Number
( mH )
( Ω )
( mA )
( mA )
Code
L-31200
0.10
0.17
48.0
880
A
L-31201
0.15
0.21
39.0
790
A
L-31202
0.22
0.25
33.0
720
A
L-31203
0.33
0.30
27.0
650
A
L-31204
0.47
0.36
22.0
600
A
L-31205
0.68
0.44
19.0
540
A
L-31206
1.00
0.53
15.0
490
A
L-31207
1.50
0.65
12.0
450
A
L-31208
2.20
0.79
10.0
400
A
L-31209
3.30
1.55
8.0
290
A
L-31210
4.70
1.85
7.0
260
A
L-31211
6.80
4.36
6.0
170
A
L-31212
10.00
5.29
5.0
160
A
L-31213
15.00
6.48
4.0
140
A
L-31214
22.00
13.10
3.0
100
A
L-31215
33.00
16.00
3.0
90
A
L-31216
47.00
19.10
2.0
80
A
L-31217
0.15
0.20
75.0
790
B
L-31218
0.22
0.24
62.0
720
B
L-31219
0.33
0.29
50
650
B
L-31220
0.47
0.35
42
590
B
L-31221
0.68
0.42
35
540
B
L-31222
1.00
0.51
29
490
B
L-31223
1.50
0.63
24
440
B
L-31224
2.20
0.76
20
400
B
L-31225
3.30
1.00
18
350
B
L-31226
4.70
2.24
13
240
B
L-31227
6.80
2.70
11
210
B
L-31228
10.00
3.27
9
190
B
L-31229
15.00
6.26
8
140
B
L-31230
22.00
7.58
6
130
B
L-31231
33.00
9.50
5
110
B
L-31232
47.00
18.50
4
80
B
L-31233
68.00
24.10
3
70
B
L-31234
0.22
0.28
100
900
C
L-31235
0.33
0.34
82
810
C
L-31236
0.47
0.40
69
740
C
L-31237
0.68
0.48
57
670
C
L-31238
1.00
0.59
47
610
C
L-31239
1.50
0.72
39
550
C
L-31240
2.20
0.87
32
500
C
L-31241
3.30
1.07
26
450
C
L-31242
4.70
1.27
22
410
C
L-31243
6.80
1.53
18
380
C
L-31244
10.00
1.86
15
340
C
L-31245
15.00
2.27
12
310
C
L-31246
22.00
8.67
10
160
C
L-31247
33.00
10.6
8
140
C
L-31248
47.00
12.7
7
130
C
L-31249
68.00
15.2
6
120
C
L-31250
100.00
18.5
5
110
C
L-31251
150.00
37.7
4
80
C
L-31252
220.00
45.6
3.2
70
C
L-31253
330.00
53.7
2.6
60
C
Electrical Specifications at 25OC
1
4
Schematic
"A"
1
5
Schematic
"B" & "C"
Compatible with Pick & Place
and reflow solder systems
500 VRMS Isolation
Designed for Filtering,
Impedance Matching and Line
Coupling Applications
Ungapped Ferrite Power Material
(Gapped Versions Available)
Packages on this page are also
available in Transformer
design configurations.
See next page for dimensions.
Tape & Reel Available
ER Style
Surface Mount
Inductors
These products should be considered
in any situation which calls for low
profile surface mount inductors.
Applications include notebook
computers, pagers, GPS etc.


Similar Part No. - L-31240

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-311 RHOMBUS-IND-L-311 Datasheet
26Kb / 1P
   Surface Mount Common Mode Choke
L-31101 RHOMBUS-IND-L-31101 Datasheet
34Kb / 2P
   EE Style Low Profile Surface Mount Inductors
L-31101 RHOMBUS-IND-L-31101_98 Datasheet
75Kb / 3P
   Self-Shielded Audio Transformers
L-31102 RHOMBUS-IND-L-31102 Datasheet
34Kb / 2P
   EE Style Low Profile Surface Mount Inductors
L-31103 RHOMBUS-IND-L-31103 Datasheet
34Kb / 2P
   EE Style Low Profile Surface Mount Inductors
More results

Similar Description - L-31240

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-31101 RHOMBUS-IND-L-31101 Datasheet
34Kb / 2P
   EE Style Low Profile Surface Mount Inductors
logo
NIC-Components Corp.
NRD NIC-NRD Datasheet
248Kb / 2P
   Surface Mount Silicon Rectifi er Diode
NRD4004TR-5KF NIC-NRD4004TR-5KF Datasheet
248Kb / 2P
   Surface Mount Silicon Rectifi er Diode
NSD NIC-NSD Datasheet
347Kb / 5P
   Surface Mount Schottky Barrier Rectifi er Diode
logo
Rhombus Industries Inc.
L-15100 RHOMBUS-IND-L-15100 Datasheet
36Kb / 1P
   Surface Mount Inductors
logo
API Delevan
M0820-00K API-M0820-00K Datasheet
42Kb / 1P
   Surface Mount Inductors
logo
TOKO, Inc
888FU-101M TOKO-888FU-101M Datasheet
29Kb / 1P
   Surface mount inductors
logo
XFMRS Inc.
XF0256S7 XFMRS-XF0256S7 Datasheet
55Kb / 1P
   SURFACE MOUNT INDUCTORS
XF0036S5 XFMRS-XF0036S5 Datasheet
54Kb / 1P
   SURFACE MOUNT INDUCTORS
XF677240 XFMRS-XF677240 Datasheet
76Kb / 2P
   SURFACE MOUNT INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com