Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE43702MLI-Z Datasheet(PDF) 6 Page - Peregrine Semiconductor Corp.

Part # PE43702MLI-Z
Description  50 廓 RF Digital Attenuator 7-bit, 31.75 dB, DC-4.0 GHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE43702MLI-Z Datasheet(HTML) 6 Page - Peregrine Semiconductor Corp.

Back Button PE43702MLI-Z Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE43702MLI-Z Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE43702MLI-Z Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE43702MLI-Z Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE43702MLI-Z Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE43702MLI-Z Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE43702MLI-Z Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE43702MLI-Z Datasheet HTML 9Page - Peregrine Semiconductor Corp. PE43702MLI-Z Datasheet HTML 10Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Product Specification
PE43702
Page 6 of 11
©2008-2009 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0244-03
│ UltraCMOS™ RFIC Solutions
Programming Options
Parallel/Serial Selection
Either a parallel or serial interface can be used to
control the PE43702. The P/S bit provides this
selection, with P/S=LOW selecting the parallel
interface and P/S=HIGH selecting the serial
interface.
Parallel Mode Interface
The parallel interface consists of seven CMOS-
compatible control lines that select the desired
attenuation state, as shown in Table 7.
The parallel interface timing requirements are
defined by Fig. 16 (Parallel Interface Timing
Diagram), Table 11 (Parallel Interface AC
Characteristics), and switching speed (Table 1).
For latched-parallel programming the Latch
Enable (LE) should be held LOW while changing
attenuation state control values, then pulse LE
HIGH to LOW (per Fig. 16) to latch new
attenuation state into device.
For direct parallel programming, the Latch Enable
(LE) line should be pulled HIGH. Changing
attenuation state control values will change device
state to new attenuation. Direct Mode is ideal for
manual control of the device (using hardwire,
switches, or jumpers).
Serial Interface
The serial interface is a 8-bit serial-in, parallel-out
shift register buffered by a transparent latch. The
8-bits make up the Attenuation Word that controls
the DSA. Fig. 15 illustrates a example timing
diagram for programming a state.
The serial-interface is controlled using three
CMOS-compatible signals: Serial-In (SI), Clock
(CLK), and Latch Enable (LE). The SI and CLK
inputs allow data to be serially entered into the
shift register. Serial data is clocked in LSB first.
The shift register must be loaded while LE is held
LOW to prevent the attenuator value from
changing as data is entered. The LE input should
then be toggled HIGH and brought LOW again,
latching the new data into the DSA. Attenuation
Word truth table is listed in Table 9. A
programming example of the serial register is
illustrated in Table 8. The serial timing diagram is
illustrated in Fig. 15. It is recommended that all
parallel pins be grounded when the DSA is used
in serial mode.
Power-up Control Settings
The PE43702 will always initialize to the maximum
attenuation setting (31.75 dB) on power-up for
both the serial and latched-parallel modes of
operation and will remain in this setting until the
user latches in the next programming word. In
direct-parallel mode, the DSA can be preset to
any state within the 31.75 dB range by pre-setting
the parallel control pins prior to power-up. In this
mode, there is a 400-
µs delay between the time
the DSA is powered-up to the time the desired
state is set. During this power-up delay, the
device attenuates to the maximum attenuation
setting (31.75 dB) before defaulting to the user
defined state. If the control pins are left floating in
this mode during power-up, the device will default
to the minimum attenuation setting (insertion loss
state).


Similar Part No. - PE43702MLI-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE43702 PSEMI-PE43702 Datasheet
471Kb / 11P
   RF Digital Attenuator
PE43702 PSEMI-PE43702_14 Datasheet
1,012Kb / 11P
   50 廓 RF Digital Attenuator
More results

Similar Description - PE43702MLI-Z

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE43701 PEREGRINE-PE43701 Datasheet
404Kb / 13P
   50 廓 RF Digital Attenuator 7-bit, 31.75 dB, DC-4.0 GHz
PE43073 PEREGRINE-PE43073 Datasheet
452Kb / 15P
   50 廓 RF Digital Attenuator 7-bit, Product Description 31.75 dB, DC-6.0 GHz
PE4306 PEREGRINE-PE4306 Datasheet
451Kb / 11P
   50 廓 RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
PE4309 PEREGRINE-PE4309_07 Datasheet
337Kb / 9P
   50 廓 RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHz
PE4305 PEREGRINE-PE4305 Datasheet
457Kb / 11P
   50 廓 RF Digital Attenuator 5-bit, 15.5 dB, DC - 4.0 GHz
logo
Peregrine Semiconductor
PE43705 PSEMI-PE43705 Datasheet
711Kb / 18P
   RF Digital Step Attenuator, 7-bit, 31.75 dB 50 MHz ??8 GHz
PE43705 PSEMI-PE43705_15 Datasheet
711Kb / 18P
   UltraCMOS RF Digital Step Attenuator, 7-bit, 31.75 dB 50 MHz - 8 GHz
logo
Peregrine Semiconductor...
PE4302 PEREGRINE-PE4302 Datasheet
470Kb / 11P
   50 -RF Digital Attenuator 6-bit, 31.5 dB, DC - 4.0 GHz
PE4306 PEREGRINE-PE4306_08 Datasheet
454Kb / 11P
   50 RF Digital Attenuator 5-bit, 31 dB, DC - 4.0 GHz
logo
Peregrine Semiconductor
PE43703MLI-Z PSEMI-PE43703MLI-Z Datasheet
1Mb / 15P
   50 廓 RF Digital Attenuator 7-bit, 31.75 dB, 9 kHz - 6000 MHz VssEXT option
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com