Selected language     English  ▼


F-120 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. F-120
Description  High Frequency Data Line Filter (4 Lines - Two Coils)
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
Rhombus
Transformers & Magnetic Products
Industries Inc.
www.rhombus-ind.com
PARAMETER
UNITS
1Inductance Min.
28
µH
1Leakage Inductance
0.2 Max.
µH
1Interwinding Capacitance
12 Max.
pF
DC Resistance
0.20 +15%
Isolation (HI-POT)
500 Min.
V
RMS
SRF (Ref.)
12
MHz
Insulation Resistance
10k Min.
M
Power Rating
250
mW
1Tested at 100KHz and 100 mV
RMS
Turns ratio 1:1
+ 1%
10/17/96
F-120
High Frequency
Data Line Filter
(4 Lines - Two Coils)
Physical Dimensions in inches (mm)
Schematic Diagram
(Coil #1 Pins 1-16 & 3-14)
(Coil #2 Pins 5-12 & 7-10)




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
F-119High Frequency Data Line Filter 1 Rhombus Industries Inc.
STTH16003High frequency secondary rectifier 1 2 3 4 5 MoreSTMicroelectronics
PJSLC05_06ULTRA LOW CAPACITANCE SINGLE TVS FOR HIGH SPEED DATA LINES 1 2 3 4 Pan Jit International Inc.
PJSLC054LOW CAPACITANCE SINGLE TVS 350W FOR HIGH SPEED DATA LINES 1 2 3 4 Pan Jit International Inc.
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
NUP4202W1Low Capacitance SC−88 Diode−TVS Array for High Speed Data Lines Protection 1 2 3 4 5 MoreON Semiconductor
LTC1064-2_09Low Noise High Frequency 8th Order Butterworth Lowpass Filter 1 2 3 4 5 MoreLinear Technology
LTC1064-3_09Low Noise High Frequency 8th Order Linear Phase Lowpass Filter 1 2 3 4 5 MoreLinear Technology
CM1233PicoGuard XSTM eXtreme Speed ESD Clamp Array For High Speed Data Line Protection 1 2 3 4 5 MoreCalifornia Micro Devices Corp
NUP2201MR6_06Low Capacitance TSOP−6 Diode−TVS Array for High Speed Data Lines Protection 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl