Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EK43404-01 Datasheet(PDF) 4 Page - Peregrine Semiconductor Corp.

Part # EK43404-01
Description  75 -RF Digital Attenuator 4-bit, 15 dB, DC - 2.0 GHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

EK43404-01 Datasheet(HTML) 4 Page - Peregrine Semiconductor Corp.

  EK43404-01 Datasheet HTML 1Page - Peregrine Semiconductor Corp. EK43404-01 Datasheet HTML 2Page - Peregrine Semiconductor Corp. EK43404-01 Datasheet HTML 3Page - Peregrine Semiconductor Corp. EK43404-01 Datasheet HTML 4Page - Peregrine Semiconductor Corp. EK43404-01 Datasheet HTML 5Page - Peregrine Semiconductor Corp. EK43404-01 Datasheet HTML 6Page - Peregrine Semiconductor Corp. EK43404-01 Datasheet HTML 7Page - Peregrine Semiconductor Corp. EK43404-01 Datasheet HTML 8Page - Peregrine Semiconductor Corp. EK43404-01 Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Product Specification
PE43404
Page 4 of 11
©2008 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0258-02
│ UltraCMOS™ RFIC Solutions
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
0
500
1000
1500
2000
RF Frequency (MHz)
-40C
25C
85C
Typical Performance Data @ 25°C, VDD = 3.0 V
Figure 7. Attenuation at Major steps
Figure 9. Output Return Loss at Major
Attenuation Steps (Zo=75 ohms)
Figure 8. Input Return Loss at Major
Attenuation Steps (Zo=75 ohms)
Figure 6. Insertion Loss (Zo=75 ohms)
0
2
4
6
8
10
12
14
16
0
500
1000
1500
2000
RF Frequency (MHz)
15dB
8dB
4dB
2dB
1dB
-30
-25
-20
-15
-10
-5
0
0
500
1000
1500
2000
RF Frequency (MHz)
15dB
8dB
4dB
-50
-40
-30
-20
-10
0
0
500
1000
1500
2000
RF Frequency (MHz)


Similar Part No. - EK43404-01

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
EK4312-13 PSEMI-EK4312-13 Datasheet
730Kb / 13P
   UltraCMOS짰 RF Digital Step Attenuator 6-bit, 31.5 dB, 1 MHz?? GHz
EK4314-01 PSEMI-EK4314-01 Datasheet
1Mb / 27P
   UltraCMOS RF Digital Step Attenuator, 1 MHz??.5 GHz
EK43650-01 PSEMI-EK43650-01 Datasheet
590Kb / 17P
   50Ω RF Digital Step Attenuator 5-bit, 15.5 dB, 9 kHz–6 GHz
11/2021
logo
Peregrine Semiconductor...
EK43701-01 PEREGRINE-EK43701-01 Datasheet
404Kb / 13P
   50 廓 RF Digital Attenuator 7-bit, 31.75 dB, DC-4.0 GHz
EK43702-01 PEREGRINE-EK43702-01 Datasheet
464Kb / 11P
   50 廓 RF Digital Attenuator 7-bit, 31.75 dB, DC-4.0 GHz
More results

Similar Description - EK43404-01

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE43404MLI-Z PSEMI-PE43404MLI-Z Datasheet
964Kb / 11P
   75 廓 RF Digital Attenuator 4-bit, 15 dB, DC ??2.0 GHz
logo
Tyco Electronics
MAATSS0015 MACOM-MAATSS0015 Datasheet
111Kb / 3P
   Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAATSS0015 MA-COM-MAATSS0015 Datasheet
82Kb / 3P
   Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
AT-210 MA-COM-AT-210 Datasheet
90Kb / 3P
   Digital Attenuator, 15 dB, 4-Bit DC - 2.0 GHz
logo
Peregrine Semiconductor...
PE4307 PEREGRINE-PE4307 Datasheet
547Kb / 11P
   75 廓 RF Digital Attenuator 5-bit, 15.5 dB, DC - 2.0 GHz
PE4304 PEREGRINE-PE4304 Datasheet
543Kb / 11P
   75 Ohm RF Digital Attenuator 6-bit, 31.5 dB, DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAADSS0008 MA-COM-MAADSS0008 Datasheet
78Kb / 3P
   Digital Attenuator, 1-Bit, 15 dB DC - 2.0 GHz
AT-267 MA-COM-AT-267 Datasheet
81Kb / 3P
   Digital Attenuator, 1-Bit, 15 dB DC - 2.0 GHz
logo
Tyco Electronics
AT-267 MACOM-AT-267 Datasheet
81Kb / 3P
   Digital Attenuator, 1 Bit, 15 dB Step DC - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-220 MA-COM-AT-220 Datasheet
72Kb / 3P
   Digital Attenuator, 30 dB, 4-Bit DC - 2.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com