Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV7745DEX-125.0M-1K Datasheet(PDF) 4 Page - Pletronics, Inc.

Part # LV7745DEX-125.0M-1K
Description  LVDS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

LV7745DEX-125.0M-1K Datasheet(HTML) 4 Page - Pletronics, Inc.

  LV7745DEX-125.0M-1K Datasheet HTML 1Page - Pletronics, Inc. LV7745DEX-125.0M-1K Datasheet HTML 2Page - Pletronics, Inc. LV7745DEX-125.0M-1K Datasheet HTML 3Page - Pletronics, Inc. LV7745DEX-125.0M-1K Datasheet HTML 4Page - Pletronics, Inc. LV7745DEX-125.0M-1K Datasheet HTML 5Page - Pletronics, Inc. LV7745DEX-125.0M-1K Datasheet HTML 6Page - Pletronics, Inc. LV7745DEX-125.0M-1K Datasheet HTML 7Page - Pletronics, Inc. LV7745DEX-125.0M-1K Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LV77D Series 1.8 V
LVDS Clock Oscillators
April 2007
www.pletronics.com
425-776-1880
4
-160
-140
-120
-100
-80
-60
-40
-20
0
10
1,000
100,000
10,000,000
Frequency (Hz)
Showing Out Measurement only
Trise
Symmetry
20%
Vlow
50%
80%
Vhigh
Tfall
Out*
Out
Typical Phase-Noise Response
Load Circuit
Test Waveform


Similar Part No. - LV7745DEX-125.0M-1K

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
LV7745DEV PLETRONICS-LV7745DEV Datasheet
148Kb / 8P
   LVDS Clock Oscillators
LV7745DEV-125.0M PLETRONICS-LV7745DEV-125.0M Datasheet
148Kb / 8P
   LVDS Clock Oscillators
LV7745DEV-125.0M-1K PLETRONICS-LV7745DEV-125.0M-1K Datasheet
148Kb / 8P
   LVDS Clock Oscillators
LV7745DEV-125.0M-T250 PLETRONICS-LV7745DEV-125.0M-T250 Datasheet
148Kb / 8P
   LVDS Clock Oscillators
LV7745DEV-125.0M-T500 PLETRONICS-LV7745DEV-125.0M-T500 Datasheet
148Kb / 8P
   LVDS Clock Oscillators
More results

Similar Description - LV7745DEX-125.0M-1K

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
LV7745DEW PLETRONICS-LV7745DEW Datasheet
148Kb / 8P
   LVDS Clock Oscillators
LV1145BEV PLETRONICS-LV1145BEV Datasheet
129Kb / 8P
   LVDS Clock Oscillators
LV7845DEV PLETRONICS-LV7845DEV Datasheet
161Kb / 8P
   LVDS Clock Oscillators
LV7645DEV PLETRONICS-LV7645DEV Datasheet
160Kb / 8P
   LVDS Clock Oscillators
LV7745DEV PLETRONICS-LV7745DEV Datasheet
148Kb / 8P
   LVDS Clock Oscillators
LV9345DEV PLETRONICS-LV9345DEV Datasheet
116Kb / 8P
   LVDS Clock Oscillators
LV5545DEW PLETRONICS-LV5545DEW Datasheet
110Kb / 8P
   LVDS Clock Oscillators
LV5545DEV PLETRONICS-LV5545DEV Datasheet
109Kb / 8P
   LVDS Clock Oscillators
LV7X45DEW PLETRONICS-LV7X45DEW Datasheet
200Kb / 9P
   LVDS Clock Oscillators
LV8845DEV-D PLETRONICS-LV8845DEV-D Datasheet
149Kb / 8P
   LVDS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com