Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE97022-99 Datasheet(PDF) 11 Page - Peregrine Semiconductor Corp.

Part # PE97022-99
Description  3500 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE97022-99 Datasheet(HTML) 11 Page - Peregrine Semiconductor Corp.

Back Button PE97022-99 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE97022-99 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE97022-99 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE97022-99 Datasheet HTML 9Page - Peregrine Semiconductor Corp. PE97022-99 Datasheet HTML 10Page - Peregrine Semiconductor Corp. PE97022-99 Datasheet HTML 11Page - Peregrine Semiconductor Corp. PE97022-99 Datasheet HTML 12Page - Peregrine Semiconductor Corp. PE97022-99 Datasheet HTML 13Page - Peregrine Semiconductor Corp. PE97022-99 Datasheet HTML 14Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Product Specification
PE97022
Page 11 of 14
Document No. 70-0235-04
│ www.psemi.com
©2007-2008 Peregrine Semiconductor Corp. All rights reserved.
Figure 8. Serial Interface Mode Timing Diagram
Figure 7. Parallel Interface Mode Timing Diagram
t
DHLD
t
DSU
t
PW
t
CWR
t
WRC
t
PW
D
M1_WR
M2_WR
A_WR
E_WR
Hop_WR
[]
0
:
7
t
DHLD
t
DSU
t
ClkH
t
ClkL
t
CWR
t
PW
t
WRC
t
EC
t
CE
E_WR
Sdata
Sclk
S_WR


Similar Part No. - PE97022-99

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE97022 PSEMI-PE97022 Datasheet
561Kb / 14P
   3.5 GHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
More results

Similar Description - PE97022-99

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE9704 PEREGRINE-PE9704_06 Datasheet
246Kb / 10P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor
PE9704 PSEMI-PE9704 Datasheet
248Kb / 10P
   3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor...
PE9702 PEREGRINE-PE9702_06 Datasheet
260Kb / 13P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor
PE9702 PSEMI-PE9702 Datasheet
263Kb / 13P
   3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor...
PE9701 PEREGRINE-PE9701 Datasheet
280Kb / 13P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor
PE9701 PSEMI-PE9701 Datasheet
287Kb / 13P
   3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
PE97042 PSEMI-PE97042 Datasheet
461Kb / 11P
   3.5 GHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
PE97022 PSEMI-PE97022 Datasheet
561Kb / 14P
   3.5 GHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
PE9601 PSEMI-PE9601 Datasheet
490Kb / 14P
   2200 MHz UltraCMOS Integer-N PLL for Rad Hard Applications
logo
Peregrine Semiconductor...
PE9601 PEREGRINE-PE9601 Datasheet
258Kb / 14P
   2200 MHz UltraCMOS??Integer-N PLL for Rad Hard Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com