Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YB1685SPX8P Datasheet(PDF) 1 Page - YOBON TECHNOLOGIES,INC.

Part # YB1685SPX8P
Description  2A 380KHz 32V PWM Buck DC/DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.

YB1685SPX8P Datasheet(HTML) 1 Page - YOBON TECHNOLOGIES,INC.

  YB1685SPX8P Datasheet HTML 1Page - YOBON TECHNOLOGIES,INC. YB1685SPX8P Datasheet HTML 2Page - YOBON TECHNOLOGIES,INC. YB1685SPX8P Datasheet HTML 3Page - YOBON TECHNOLOGIES,INC. YB1685SPX8P Datasheet HTML 4Page - YOBON TECHNOLOGIES,INC. YB1685SPX8P Datasheet HTML 5Page - YOBON TECHNOLOGIES,INC. YB1685SPX8P Datasheet HTML 6Page - YOBON TECHNOLOGIES,INC. YB1685SPX8P Datasheet HTML 7Page - YOBON TECHNOLOGIES,INC. YB1685SPX8P Datasheet HTML 8Page - YOBON TECHNOLOGIES,INC. YB1685SPX8P Datasheet HTML 9Page - YOBON TECHNOLOGIES,INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
YB1685
2A 380KHz 32V PWM Buck DC/DC Converter
YB1685 Rev.1.0
www.yobon.com.tw
1
Description
The YB1685 is a 380 KHz fixed frequency
monolithic
step
down
switch
mode
regulator with a built in internal Power
MOSFET. It achieves 2A continuous output
current over a wide input supply range with
excellent load and line regulation. The
device includes a voltage reference,
oscillation circuit, error amplifier, internal
PMOS and etc.
The PWM control circuit is able to adjust
the duty ratio linearly from 0 to 100%. An
enable function, an over current protection
function and a short circuit protection
function are built inside. An internal
compensation block is built in to minimize
external component count.
The YB1685 serves as ideal power supply
units for portable devices.
Features
2A Constant Output Current
140mΩ RDSON Internal Power PMOSFET
Switch
Up to 92% Efficiency Fixed 380KHz
Frequency
Wide 3.6V to 32V Input Voltage Range
Output Adjustable from 1.235V to 30V
Output Current Protection
Built in Frequency Compensation
Built in Thermal Shutdown Function
Built in Current Limit Function
SOP8 Package is Available
The Minimum Dropout up to 0.3V
Pb-free Package
Applications
Portable DVD
LCD Monitor / TV
Battery Charger
ADSL Modem
Telecom / Networking Equipment
Typical Application Circuit
Figure 1: Typical Application Circuit


Similar Part No. - YB1685SPX8P

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1680 YOBON-YB1680 Datasheet
862Kb / 10P
   1.5MHz, 600mA Synchronous Step-Down Converter
YB1680ST25XADJP YOBON-YB1680ST25XADJP Datasheet
862Kb / 10P
   1.5MHz, 600mA Synchronous Step-Down Converter
YB1682 YOBON-YB1682 Datasheet
212Kb / 9P
   2A 380KHz 20V PWM Buck DC/DC Converter
YB1682SPX8P YOBON-YB1682SPX8P Datasheet
212Kb / 9P
   2A 380KHz 20V PWM Buck DC/DC Converter
YB1683 YOBON-YB1683 Datasheet
227Kb / 9P
   3A 380KHz 28V PWM Buck DC/DC Converter
More results

Similar Description - YB1685SPX8P

ManufacturerPart #DatasheetDescription
logo
TECHCODE SEMICONDUCTOR,...
TD1591 TECHCODE-TD1591 Datasheet
635Kb / 16P
   2A 380KHz 32V PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1591 FS-FAC1591 Datasheet
747Kb / 12P
   2A 380KHZ 32V PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD3112 TECHCODE-TD3112 Datasheet
637Kb / 16P
   2.2A 380KHz 32V PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1410 FS-FAC1410 Datasheet
313Kb / 10P
   2A 380KHZ 20V PWM Buck DC/DC Converter
logo
YOBON TECHNOLOGIES,INC.
YB1682 YOBON-YB1682 Datasheet
212Kb / 9P
   2A 380KHz 20V PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1534 TECHCODE-TD1534 Datasheet
710Kb / 16P
   2A 380KHz 20V PWM Buck DC/DC Converter
TD1410 TECHCODE-TD1410 Datasheet
635Kb / 15P
   2A 380KHz 20V PWM Buck DC/DC Converter
logo
BCD Semiconductor Manuf...
AP3201A BCDSEMI-AP3201A Datasheet
448Kb / 11P
   380kHz, 2A Asynchronous DC-DC Buck Converter
AP3202 BCDSEMI-AP3202 Datasheet
556Kb / 11P
   380kHz, 2A Asynchronous DC-DC Buck Converter
logo
First Silicon Co., Ltd
FAC1534 FS-FAC1534 Datasheet
863Kb / 15P
   2A 380KHz 20V PWM Buck DC/DC Converte
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com