Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YB1253ST89X170 Datasheet(PDF) 10 Page - YOBON TECHNOLOGIES,INC.

Part # YB1253ST89X170
Description  300mA, Low Power, High PSRR LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.

YB1253ST89X170 Datasheet(HTML) 10 Page - YOBON TECHNOLOGIES,INC.

Back Button YB1253ST89X170 Datasheet HTML 3Page - YOBON TECHNOLOGIES,INC. YB1253ST89X170 Datasheet HTML 4Page - YOBON TECHNOLOGIES,INC. YB1253ST89X170 Datasheet HTML 5Page - YOBON TECHNOLOGIES,INC. YB1253ST89X170 Datasheet HTML 6Page - YOBON TECHNOLOGIES,INC. YB1253ST89X170 Datasheet HTML 7Page - YOBON TECHNOLOGIES,INC. YB1253ST89X170 Datasheet HTML 8Page - YOBON TECHNOLOGIES,INC. YB1253ST89X170 Datasheet HTML 9Page - YOBON TECHNOLOGIES,INC. YB1253ST89X170 Datasheet HTML 10Page - YOBON TECHNOLOGIES,INC. YB1253ST89X170 Datasheet HTML 11Page - YOBON TECHNOLOGIES,INC.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
YB1253
300mA, Low Power, High PSRR LDO Regulator
YB1253 Rev. 1.5
www.yobon.com.tw
10
SOT-23 Package Information
A
A1
A2
E1
E
GAUGE PLANE
L
L2
milimeters
Inches
MIN.
MAX.
MIN.
MAX.
0.95
1.45
.037
.057
A
0.05
0.15
.002
.006
A1
0.90
1.30
.035
.051
A2
0.30
0.50
.0118
.019
b
0.08
0.20
.0031
.0078
C
2.84
3.00
.1118
.118
D
1.50
1.70
.059
.0669
E
2.60
3.00
.102
.118
E1
0.95 BSC.
.0374 BSC.
e
1.90 BSC.
.0748 BSC.
e1
0.35
0.55
.0137
.0216
L
0.10 BSC.
.0039 BSC.
L1
0.60 REF.
.0236 REF.
L2
t


Similar Part No. - YB1253ST89X170

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1200 YOBON-YB1200 Datasheet
434Kb / 11P
   High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
YB1200R YOBON-YB1200R Datasheet
698Kb / 11P
   150mA High PSRR with Auto-Discharge LDO Regulator
YB1200SC70S-1.8G YOBON-YB1200SC70S-1.8G Datasheet
434Kb / 11P
   High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
YB1200SC70S-2.5G YOBON-YB1200SC70S-2.5G Datasheet
434Kb / 11P
   High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
YB1200SC70S-2.6G YOBON-YB1200SC70S-2.6G Datasheet
434Kb / 11P
   High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
More results

Similar Description - YB1253ST89X170

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M8218 PERICOM-PT7M8218 Datasheet
409Kb / 11P
   300mA, High PSRR, LDO Regulator
logo
Holtek Semiconductor In...
HT72BXX HOLTEK-HT72BXX Datasheet
1Mb / 13P
   High PSRR 300mA LDO Regulator
logo
Excelliance MOS Corp.
EM1103 EXCELLIANCE-EM1103 Datasheet
275Kb / 8P
   300mA, High PSRR, Low Noise LDO Regulator
logo
Holtek Semiconductor In...
HT72D1518 HOLTEK-HT72D1518 Datasheet
6Mb / 14P
   High PSRR 300mA Dual LDO Regulator
logo
Excelliance MOS Corp.
EM1105 EXCELLIANCE-EM1105 Datasheet
756Kb / 8P
   300mA, High PSRR, Low Noise, Adjustable LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1210 YOBON-YB1210 Datasheet
449Kb / 12P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
Excelliance MOS Corp.
EM1101 EXCELLIANCE-EM1101 Datasheet
260Kb / 8P
   300mA High PSRR Low Noise, Adjustable LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1210R YOBON-YB1210R Datasheet
388Kb / 12P
   300mA, Ultra-Low-Noise, High PSRR LDO Regulator
logo
Asahi Kasei Microsystem...
AP1152 AKM-AP1152 Datasheet
1,005Kb / 27P
   300mA Output,High PSRR,Low Noise LDO Regulator
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007 Datasheet
205Kb / 5P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com