Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YB1253ST89X170 Datasheet(PDF) 3 Page - YOBON TECHNOLOGIES,INC.

Part # YB1253ST89X170
Description  300mA, Low Power, High PSRR LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.

YB1253ST89X170 Datasheet(HTML) 3 Page - YOBON TECHNOLOGIES,INC.

  YB1253ST89X170 Datasheet HTML 1Page - YOBON TECHNOLOGIES,INC. YB1253ST89X170 Datasheet HTML 2Page - YOBON TECHNOLOGIES,INC. YB1253ST89X170 Datasheet HTML 3Page - YOBON TECHNOLOGIES,INC. YB1253ST89X170 Datasheet HTML 4Page - YOBON TECHNOLOGIES,INC. YB1253ST89X170 Datasheet HTML 5Page - YOBON TECHNOLOGIES,INC. YB1253ST89X170 Datasheet HTML 6Page - YOBON TECHNOLOGIES,INC. YB1253ST89X170 Datasheet HTML 7Page - YOBON TECHNOLOGIES,INC. YB1253ST89X170 Datasheet HTML 8Page - YOBON TECHNOLOGIES,INC. YB1253ST89X170 Datasheet HTML 9Page - YOBON TECHNOLOGIES,INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
YB1253
300mA, Low Power, High PSRR LDO Regulator
YB1253 Rev. 1.5
www.yobon.com.tw
3
Ordering Information
Y B1253
X
O utput V oltage
120 : 1.2V
130 : 1.3V
:
360 : 3.6V
X : fixed
P ackage Type
S T23 : S O T-23
S T25 : S O T-25
S T89 : S O T-89
ST8R : SO T-89R
*O rder exam ple :
Y B 1253 S T89X 250 for Y B 1253 of
2.5V output and S O T-89 package
*S hipping Q uantity :
S O T-23
: 3000 units tape & reel
S O T-25
: 3000 units tape & reel
S O T-89
: 1000 units tape & reel
S O T-89R
: 1000 units tape & reel
*O nly green package
Marking Information
Absolute Maximum Ratings (Note 1)
Supply Voltage ................................-0.3V to 6.0V
Output Voltage .......................-0.3V to (VIN+0.3V)
Output Short-Circuit Duration.................... Infinite
Junction Temperature Range................... +150℃
Storage Temperature Range...... -65℃ to +150℃
Lead Temperature.................................... +250℃
ESD Susceptibility (HBM)…………… ………2KV
ESD Susceptibility (MM) ............................. 200V
Recommended Operating Conditions
Input Supply Voltage.........................2V to 5.5V
Operating Temperature..............-40℃ to +85℃
Thermal Information (Note 3)
Thermal Resistance (SOT-23/25,
θJA).280℃/W
Thermal Resistance (SOT-89,
θJA)…...180℃/W
Internal Power Dissipation (SOT-23/25, PD)……0.4W
Internal Power Dissipation (SOT-89, PD)0.55W
Note:
1. Exceeding these ratings may damage the device.
2. The device is not guaranteed to function outside of its operating conditions.
3. θJA is measured in free air at TA = 25℃ on a low effective thermal conductivity board.
(Note 2)


Similar Part No. - YB1253ST89X170

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1200 YOBON-YB1200 Datasheet
434Kb / 11P
   High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
YB1200R YOBON-YB1200R Datasheet
698Kb / 11P
   150mA High PSRR with Auto-Discharge LDO Regulator
YB1200SC70S-1.8G YOBON-YB1200SC70S-1.8G Datasheet
434Kb / 11P
   High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
YB1200SC70S-2.5G YOBON-YB1200SC70S-2.5G Datasheet
434Kb / 11P
   High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
YB1200SC70S-2.6G YOBON-YB1200SC70S-2.6G Datasheet
434Kb / 11P
   High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
More results

Similar Description - YB1253ST89X170

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M8218 PERICOM-PT7M8218 Datasheet
409Kb / 11P
   300mA, High PSRR, LDO Regulator
logo
Holtek Semiconductor In...
HT72BXX HOLTEK-HT72BXX Datasheet
1Mb / 13P
   High PSRR 300mA LDO Regulator
logo
Excelliance MOS Corp.
EM1103 EXCELLIANCE-EM1103 Datasheet
275Kb / 8P
   300mA, High PSRR, Low Noise LDO Regulator
logo
Holtek Semiconductor In...
HT72D1518 HOLTEK-HT72D1518 Datasheet
6Mb / 14P
   High PSRR 300mA Dual LDO Regulator
logo
Excelliance MOS Corp.
EM1105 EXCELLIANCE-EM1105 Datasheet
756Kb / 8P
   300mA, High PSRR, Low Noise, Adjustable LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1210 YOBON-YB1210 Datasheet
449Kb / 12P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
Excelliance MOS Corp.
EM1101 EXCELLIANCE-EM1101 Datasheet
260Kb / 8P
   300mA High PSRR Low Noise, Adjustable LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1210R YOBON-YB1210R Datasheet
388Kb / 12P
   300mA, Ultra-Low-Noise, High PSRR LDO Regulator
logo
Asahi Kasei Microsystem...
AP1152 AKM-AP1152 Datasheet
1,005Kb / 27P
   300mA Output,High PSRR,Low Noise LDO Regulator
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007 Datasheet
205Kb / 5P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com