Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YB1901 Datasheet(PDF) 7 Page - YOBON TECHNOLOGIES,INC.

Part # YB1901
Description  2.0A High-Side Power Switch with Flag
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.

YB1901 Datasheet(HTML) 7 Page - YOBON TECHNOLOGIES,INC.

Back Button YB1901 Datasheet HTML 3Page - YOBON TECHNOLOGIES,INC. YB1901 Datasheet HTML 4Page - YOBON TECHNOLOGIES,INC. YB1901 Datasheet HTML 5Page - YOBON TECHNOLOGIES,INC. YB1901 Datasheet HTML 6Page - YOBON TECHNOLOGIES,INC. YB1901 Datasheet HTML 7Page - YOBON TECHNOLOGIES,INC. YB1901 Datasheet HTML 8Page - YOBON TECHNOLOGIES,INC. YB1901 Datasheet HTML 9Page - YOBON TECHNOLOGIES,INC. YB1901 Datasheet HTML 10Page - YOBON TECHNOLOGIES,INC. YB1901 Datasheet HTML 11Page - YOBON TECHNOLOGIES,INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
YB1901
2.0A High-Side Power Switch with Flag
YB1901 Rev.1.2
www.yobon.com.tw
7
Function Block
Figure 3: Function Block
Functional Description
The YB1901 is an N-channel high-side
power switch with an internal charge-pump
circuitry to drive the switch. The enable
signal is either active high. It is ideal for
battery-powered applications and adaptor
card operation with less than 2.0A
requirement.
NMOS Switch
The drain of the NMOS is connected to VIN
and the source to VOUT. The bulk contact is
grounded, instead of the source terminal,
so there is no parasitic diode between the
two terminals. It prevents reverse current
flow from VOUT to VIN if VOUT being forced to
higher voltage than VIN when the enable is
inactive. This feature makes the main
difference
between
YB1901
and
a
traditional external MOSFET.
Chip Enable
The enable signal is available with either or
active low of customer’s request. When the
enable is inactive, the switch is turned off,
the internal oscillation stopped, the charge
pump discharged, and the whole chip
current consumption is kept at lower than
0.1μA typically. When the enable is set
active, the oscillation starts, the charge
pump works. But it takes time building up
the control voltage necessary to drive the
MOSFET switch. The turn-on delay time is
around 0.42ms typically.
Floating the enable pin may cause
unpredictable operation. It should be
avoided.
Under-Voltage Lock-Out (UVLO)
UVLO prevents the chip from turning on
until a safe input voltage is reached. For
YB1901 UVLO is set to around 2.4V, and
there is a hysteresis voltage of 0.2V
UVLO
BIAS
OSC
Charge
pump
Current
Limit
Thermal
Protection
Delay
VIN
VOUT
OCB
EN
GND


Similar Part No. - YB1901

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1900 YOBON-YB1900 Datasheet
436Kb / 8P
   Ultra Low Quiescent Current Smart Load Switch
YB1900C YOBON-YB1900C Datasheet
352Kb / 9P
   Ultra Low Quiescent Current Smart Load Switch
YB1900ST25 YOBON-YB1900ST25 Datasheet
436Kb / 8P
   Ultra Low Quiescent Current Smart Load Switch
YB1900ST25 YOBON-YB1900ST25 Datasheet
352Kb / 9P
   Ultra Low Quiescent Current Smart Load Switch
YB1900ST26 YOBON-YB1900ST26 Datasheet
352Kb / 9P
   Ultra Low Quiescent Current Smart Load Switch
More results

Similar Description - YB1901

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPU2065S5 TECHPUBLIC-TPU2065S5 Datasheet
5Mb / 13P
   2.0A Low Loss Power Switch With Flag
logo
Richtek Technology Corp...
RT9706 RICHTEK-RT9706 Datasheet
295Kb / 14P
   80m廓, 500mA High-Side Power Switch with Flag
logo
BCD Semiconductor Manuf...
AP2820 BCDSEMI-AP2820 Datasheet
653Kb / 18P
   High-side Power Distribution Switch with Enable and Flag
logo
Richtek Technology Corp...
RT9706 RICHTEK-RT9706_11 Datasheet
300Kb / 14P
   80m廓, 500mA High-Side Power Switch with Flag
logo
Unisonic Technologies
US203 UTC-US203_18 Datasheet
268Kb / 7P
   HIGH-SIDE POWER SWITCHES WITH FLAG
US201-A-B-C UTC-US201-A-B-C Datasheet
219Kb / 7P
   HIGH-SIDE POWER SWITCHES WITH FLAG
US201C UTC-US201C Datasheet
277Kb / 7P
   HIGH-SIDE POWER SWITCHES WITH FLAG
US211 UTC-US211 Datasheet
291Kb / 8P
   HIGH-SIDE POWER SWITCHES WITH FLAG
US223 UTC-US223 Datasheet
217Kb / 7P
   HIGH-SIDE POWER SWITCHES WITH FLAG
US203 UTC-US203_15 Datasheet
254Kb / 7P
   HIGH-SIDE POWER SWITCHES WITH FLAG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com