Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YB1253ST25X170 Datasheet(PDF) 8 Page - YOBON TECHNOLOGIES,INC.

Part # YB1253ST25X170
Description  300mA, Low Power, High PSRR LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.

YB1253ST25X170 Datasheet(HTML) 8 Page - YOBON TECHNOLOGIES,INC.

Back Button YB1253ST25X170 Datasheet HTML 3Page - YOBON TECHNOLOGIES,INC. YB1253ST25X170 Datasheet HTML 4Page - YOBON TECHNOLOGIES,INC. YB1253ST25X170 Datasheet HTML 5Page - YOBON TECHNOLOGIES,INC. YB1253ST25X170 Datasheet HTML 6Page - YOBON TECHNOLOGIES,INC. YB1253ST25X170 Datasheet HTML 7Page - YOBON TECHNOLOGIES,INC. YB1253ST25X170 Datasheet HTML 8Page - YOBON TECHNOLOGIES,INC. YB1253ST25X170 Datasheet HTML 9Page - YOBON TECHNOLOGIES,INC. YB1253ST25X170 Datasheet HTML 10Page - YOBON TECHNOLOGIES,INC. YB1253ST25X170 Datasheet HTML 11Page - YOBON TECHNOLOGIES,INC.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
YB1253
300mA, Low Power, High PSRR LDO Regulator
YB1253 Rev. 1.5
www.yobon.com.tw
8
Internal P-Channel Pass Transistor
The YB1253 features a low impedance P-channel
MOSFET pass transistor. This provides several
advantages over similar designs using a PNP pass
transistor, including low operating power and longer
battery life. The YB1253 consumes only 10µA of
quiescent current under most conditions.
Output Short-Circuit Current Limit
The YB1253 includes a current limiter, which
monitors and controls the pass transistor’s gate
voltage, limiting the output current to about 500mA,
for example, in a short-circuit output situation.
Shutdown
The YB1253 also features a low-power active
shutdown mode. It has a switch that turns off the
device when disabled. This allows the output
capacitor and load to discharge and de-energize the
load. In the shutdown mode, the internal functional
blocks, such as voltage reference and the error
amplifier are turned off completely, and the
quiescent current is less than 1µA.
Thermal Protection Shutdown
The thermal protection shutdown function protects
the device from operating in over temperature
condition. When the junction temperature exceeds
+160°C, the thermal sensor signals the shutdown
logic, turning off the pass transistor and allowing the
IC to cool down. The thermal sensor turns the pass
transistor on again after the IC’s junction
temperature drops to +140°C.
Application Information
Enable/Shutdown
The YB1253 comes with an active-high enable pin
that allows the regulator to be enabled. Forcing the
enable pin low disables the regulator and puts it into
the shutdown mode. This pin cannot be left floating
as it may cause an undetermined state.
Input/Output Capacitor
It is recommended to use a 1.0µF capacitor in the
YB1253 input and a 1.0µF capacitor in the output.
For high regulation performance, larger input
capacitor values and lower ESRs provide better
noise rejection and line-transient response. The
output noise, load-transient response, stability, and
power-supply rejection can be improved by using
large output capacitors. Low ESR ceramic
capacitors provide optimal performance and save
space.


Similar Part No. - YB1253ST25X170

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1200 YOBON-YB1200 Datasheet
434Kb / 11P
   High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
YB1200R YOBON-YB1200R Datasheet
698Kb / 11P
   150mA High PSRR with Auto-Discharge LDO Regulator
YB1200SC70S-1.8G YOBON-YB1200SC70S-1.8G Datasheet
434Kb / 11P
   High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
YB1200SC70S-2.5G YOBON-YB1200SC70S-2.5G Datasheet
434Kb / 11P
   High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
YB1200SC70S-2.6G YOBON-YB1200SC70S-2.6G Datasheet
434Kb / 11P
   High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
More results

Similar Description - YB1253ST25X170

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M8218 PERICOM-PT7M8218 Datasheet
409Kb / 11P
   300mA, High PSRR, LDO Regulator
logo
Holtek Semiconductor In...
HT72BXX HOLTEK-HT72BXX Datasheet
1Mb / 13P
   High PSRR 300mA LDO Regulator
logo
Excelliance MOS Corp.
EM1103 EXCELLIANCE-EM1103 Datasheet
275Kb / 8P
   300mA, High PSRR, Low Noise LDO Regulator
logo
Holtek Semiconductor In...
HT72D1518 HOLTEK-HT72D1518 Datasheet
6Mb / 14P
   High PSRR 300mA Dual LDO Regulator
logo
Excelliance MOS Corp.
EM1105 EXCELLIANCE-EM1105 Datasheet
756Kb / 8P
   300mA, High PSRR, Low Noise, Adjustable LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1210 YOBON-YB1210 Datasheet
449Kb / 12P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
Excelliance MOS Corp.
EM1101 EXCELLIANCE-EM1101 Datasheet
260Kb / 8P
   300mA High PSRR Low Noise, Adjustable LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1210R YOBON-YB1210R Datasheet
388Kb / 12P
   300mA, Ultra-Low-Noise, High PSRR LDO Regulator
logo
Asahi Kasei Microsystem...
AP1152 AKM-AP1152 Datasheet
1,005Kb / 27P
   300mA Output,High PSRR,Low Noise LDO Regulator
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007 Datasheet
205Kb / 5P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com