Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YB1921 Datasheet(PDF) 2 Page - YOBON TECHNOLOGIES,INC.

Part # YB1921
Description  3-Pin Microprocessor Reset Monitor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.

YB1921 Datasheet(HTML) 2 Page - YOBON TECHNOLOGIES,INC.

  YB1921 Datasheet HTML 1Page - YOBON TECHNOLOGIES,INC. YB1921 Datasheet HTML 2Page - YOBON TECHNOLOGIES,INC. YB1921 Datasheet HTML 3Page - YOBON TECHNOLOGIES,INC. YB1921 Datasheet HTML 4Page - YOBON TECHNOLOGIES,INC. YB1921 Datasheet HTML 5Page - YOBON TECHNOLOGIES,INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
YB1921
www.yobon.com.tw
2
YB1921
3-Pin Microprocessor Reset Monitor
Value
Unit
Parameter
Symbol
Value
Input Voltage
VCC
5.5
V
Output Voltage
RESET
-0.3 to (Vcc+0.3)
V
Input Current
20
mA
Output Current
IOUT
20
mA
Power Dissipation
PD
Internally Limited
(3)
Output Short Circuit Duration
Infinite
Thermal Resistance, Junction-to-Ambient
ΘJA
230
°C/W
Operating Temperature Range
TA
0~85
°C
Lead Temperature (Soldering, 10 sec.)
260
°C
Junction Temperature
TJ
0 to+125
°C
Storage Temperature
TS
-60 to+150
°C
Value
Parameter
Symbol
Min
Type.
Max
Unit
Power Supply Voltage
VCC
2.0
5.5
V
Junction Temperature
TJ
0
+125
°C
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
(2)


Similar Part No. - YB1921

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1900 YOBON-YB1900 Datasheet
436Kb / 8P
   Ultra Low Quiescent Current Smart Load Switch
YB1900C YOBON-YB1900C Datasheet
352Kb / 9P
   Ultra Low Quiescent Current Smart Load Switch
YB1900ST25 YOBON-YB1900ST25 Datasheet
436Kb / 8P
   Ultra Low Quiescent Current Smart Load Switch
YB1900ST25 YOBON-YB1900ST25 Datasheet
352Kb / 9P
   Ultra Low Quiescent Current Smart Load Switch
YB1900ST26 YOBON-YB1900ST26 Datasheet
352Kb / 9P
   Ultra Low Quiescent Current Smart Load Switch
More results

Similar Description - YB1921

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC95809 E-CMOS-EC95809 Datasheet
246Kb / 6P
   3-Pin Microprocessor Reset Monitor
logo
Seaward Electronics Inc...
SE810 SEAWARD-SE810 Datasheet
209Kb / 6P
   3-Pin Microprocessor Reset Monitor
SE809 SEAWARD-SE809 Datasheet
184Kb / 5P
   3-Pin Microprocessor Reset Monitor
logo
List of Unclassifed Man...
CYT809 ETC2-CYT809 Datasheet
170Kb / 4P
   3-Pin Microprocessor Reset Monitor (Preliminary)
logo
Seaward Electronics Inc...
SE811 SEAWARD-SE811 Datasheet
235Kb / 8P
   4-Pin Microprocessor Reset Monitor
logo
ON Semiconductor
MAX803 ONSEMI-MAX803_07 Datasheet
108Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
October, 2007 - Rev. 4
NCP803SN293T3G ONSEMI-NCP803SN293T3G Datasheet
52Kb / 6P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
April, 2005 ??Rev. 5
NCP803SN400T1G ONSEMI-NCP803SN400T1G Datasheet
135Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
June, 2013 ??Rev. 7
MAX803 ONSEMI-MAX803_15 Datasheet
97Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
August, 2015 ??Rev. 9
MAX803 ONSEMI-MAX803 Datasheet
86Kb / 9P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
March, 2006 ??Rev. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com