Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FD7715T-25.0M-PLE-T500 Datasheet(PDF) 5 Page - Pletronics, Inc.

Part # FD7715T-25.0M-PLE-T500
Description  Multi-Output CMOS Clock Oscillator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

FD7715T-25.0M-PLE-T500 Datasheet(HTML) 5 Page - Pletronics, Inc.

  FD7715T-25.0M-PLE-T500 Datasheet HTML 1Page - Pletronics, Inc. FD7715T-25.0M-PLE-T500 Datasheet HTML 2Page - Pletronics, Inc. FD7715T-25.0M-PLE-T500 Datasheet HTML 3Page - Pletronics, Inc. FD7715T-25.0M-PLE-T500 Datasheet HTML 4Page - Pletronics, Inc. FD7715T-25.0M-PLE-T500 Datasheet HTML 5Page - Pletronics, Inc. FD7715T-25.0M-PLE-T500 Datasheet HTML 6Page - Pletronics, Inc. FD7715T-25.0M-PLE-T500 Datasheet HTML 7Page - Pletronics, Inc. FD7715T-25.0M-PLE-T500 Datasheet HTML 8Page - Pletronics, Inc. FD7715T-25.0M-PLE-T500 Datasheet HTML 9Page - Pletronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
FD7T Series Multi-Output
CMOS Clock Oscillator
May 2008
www.pletronics.com
425-776-1880
5
PLL Multipliers
There are up to 4 each independent PLL Multipliers and these can multiply the Reference Oscillator
frequency from 1 (bypass mode) to any value that is <=230MHz (the lowest frequency is the Reference
Oscillator frequency).
Each of the PLL Multipliers can have two setup options, 0 or 1, depending on which option is chosen
and set by the Sx control signals and the user’s definitions are stored in eePROM.
Spread Spectrum
Each PLL has its individual Spread Spectrum (SS) function that can be enabled. This permits the
modulation of the output frequency by a user-set amount. The modulation can be centered on the
output frequency or down side only. Which of the 1 of 8 SS settings is being used is set by the Sx input
and the user definition. The value is a percentage of the output frequency that will be modulated.
SS Option
Down Side Modulation
Centered Modulation
0
No SS
No SS
1
-0.25%
+
_0.25%
2
-0.50%
+
_0.50%
3
-0.75%
+
_0.75%
4
-1.00%
+
_1.00%
5
-1.25%
+
_1.25%
6
-1.50%
+
_1.50%
7
-2.00%
+
_2.00%
Divider Section
The dividers operate on the output of the PLLs. There are two dividers on each PLL that divide by 1
through 127, the value is user defined. There is only 1 setting allowed per divider. These are not set by
the Sx input state.
The dividers add very little jitter to the output signals.
Multiplexers
MUX #1 selects the input to the Divider #1, this can be the reference oscillator signal or the output from
PLL Multiplier #1. MUX #2 through MUX #7 connect various divider outputs to the output buffers.
The device can make only one of the setting of connections shown in the block diagram (only one
pattern stored in eePROM).


Similar Part No. - FD7715T-25.0M-PLE-T500

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FD777 FAIRCHILD-FD777 Datasheet
36Kb / 1P
   Ultra Fast Diodes
logo
New Jersey Semi-Conduct...
FD777 NJSEMI-FD777 Datasheet
123Kb / 2P
   Ultra Fast Diodes
More results

Similar Description - FD7715T-25.0M-PLE-T500

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-300C ECS-ECS-300C Datasheet
154Kb / 1P
   DUAL OUTPUT CMOS CLOCK OSCILLATOR
ECS-300CX ECS-ECS-300CX Datasheet
157Kb / 1P
   DUAL OUTPUT CMOS CLOCK OSCILLATOR
logo
List of Unclassifed Man...
ECS-300C ETC1-ECS-300C Datasheet
135Kb / 1P
   DUAL OUTPUT CMOS CLOCK OSCILLATOR
logo
QUARTZCOM the communica...
MCO-6SP QUARTZCOM-MCO-6SP Datasheet
119Kb / 1P
   SMD Clock Oscillator Programmable Output signal CMOS
logo
Pletronics, Inc.
FD51XXT PLETRONICS-FD51XXT Datasheet
134Kb / 11P
   CMOS Clock Oscillator
logo
Wolfgang Knap
SXO2000 WK-SXO2000 Datasheet
35Kb / 1P
   HS CMOS CLOCK OSCILLATOR
logo
List of Unclassifed Man...
CB3 ETC1-CB3 Datasheet
145Kb / 4P
   CMOS/TTL CLOCK OSCILLATOR
logo
Wolfgang Knap
SXO100 WK-SXO100 Datasheet
30Kb / 1P
   CMOS/TTL CLOCK-OSCILLATOR
logo
CTS Corporation
636 CTS-636 Datasheet
154Kb / 4P
   CMOS/TTL CLOCK OSCILLATOR
logo
Pletronics, Inc.
FD5T PLETRONICS-FD5T Datasheet
213Kb / 12P
   Programmable CMOS Clock Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com