Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV8820DV-106M-1K Datasheet(PDF) 2 Page - Pletronics, Inc.

Part # LV8820DV-106M-1K
Description  LVDS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

LV8820DV-106M-1K Datasheet(HTML) 2 Page - Pletronics, Inc.

  LV8820DV-106M-1K Datasheet HTML 1Page - Pletronics, Inc. LV8820DV-106M-1K Datasheet HTML 2Page - Pletronics, Inc. LV8820DV-106M-1K Datasheet HTML 3Page - Pletronics, Inc. LV8820DV-106M-1K Datasheet HTML 4Page - Pletronics, Inc. LV8820DV-106M-1K Datasheet HTML 5Page - Pletronics, Inc. LV8820DV-106M-1K Datasheet HTML 6Page - Pletronics, Inc. LV8820DV-106M-1K Datasheet HTML 7Page - Pletronics, Inc. LV8820DV-106M-1K Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LV88D Single Frequency
LVDS Clock Oscillators
April 2007
www.pletronics.com
425-776-1880
2
Part Number:
LV88
45
D
E
V
- 106.25M
-XX
Packaging code or blank
T250 = 250 per Tape and Reel
T500 = 500 per Tape and Reel
T1K = 1000 per Tape and Reel
Frequency in MHz
106.25 MHz or 212.50 MHz
Supply Voltage V
CC
V
= 3.3V +
_ 10%
Optional Enhanced OTR
Blank
= Temp. range -10 to +70oC
E
= Temp. range -40 to +85oC
Series Model
Frequency Stability
45
= +
_ 50 ppm
44
= +
_ 25 ppm
20
= +
_ 20 ppm
Series Model
Marking Legend:
PLE = Pletronics
YYWW or YWW or YMD = Date of Manufacture (year and week, or year-month-day)
All other marking is internal factory codes
Specifications such as frequency stability, supply voltage and operating temperature range, etc. are
not identified from the marking. External packaging labels and packing list will correctly identify the
ordered Pletronics part number.
Codes for Date Code YMD
Code
6
7
8
9
0
1
2
Year
2006
2007
2008
2009
2010
2011
2012
Code
A
B
C
D
E
F
G
H
J
K
L
M
Month
JAN
FEB
MAR
APR
MAY
JUN
JUL
AUG
SEP
OCT
NOV
DEC
Code
123456789
A
B
C
Day
123456789
10
11
12
Code
D
E
F
G
H
J
K
L
M
N
P
R
Day
13
14
15
16
17
18
19
20
21
22
23
24
Code
T
U
V
W
X
Y
Z
Day
25
26
27
28
29
30
31
Part Marking:
PLE LV88
106.25 M
C YMDXX
or
PLE LV88
212.50 M
C YMDXX
or
LV8XYWWXX
106.25 M
C PLE XXX
or
LV8XYWWXX
212.50 M
C PLE XXX


Similar Part No. - LV8820DV-106M-1K

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
LV8820DV-106M-1K PLETRONICS-LV8820DV-106M-1K Datasheet
149Kb / 8P
   LVDS Clock Oscillators
More results

Similar Description - LV8820DV-106M-1K

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
LV7745DEX PLETRONICS-LV7745DEX Datasheet
149Kb / 8P
   LVDS Clock Oscillators
LV7745DEW PLETRONICS-LV7745DEW Datasheet
148Kb / 8P
   LVDS Clock Oscillators
LV1145BEV PLETRONICS-LV1145BEV Datasheet
129Kb / 8P
   LVDS Clock Oscillators
LV7845DEV PLETRONICS-LV7845DEV Datasheet
161Kb / 8P
   LVDS Clock Oscillators
LV7645DEV PLETRONICS-LV7645DEV Datasheet
160Kb / 8P
   LVDS Clock Oscillators
LV7745DEV PLETRONICS-LV7745DEV Datasheet
148Kb / 8P
   LVDS Clock Oscillators
LV9345DEV PLETRONICS-LV9345DEV Datasheet
116Kb / 8P
   LVDS Clock Oscillators
LV5545DEW PLETRONICS-LV5545DEW Datasheet
110Kb / 8P
   LVDS Clock Oscillators
LV5545DEV PLETRONICS-LV5545DEV Datasheet
109Kb / 8P
   LVDS Clock Oscillators
LV7X45DEW PLETRONICS-LV7X45DEW Datasheet
200Kb / 9P
   LVDS Clock Oscillators
LV8845DEV-D PLETRONICS-LV8845DEV-D Datasheet
149Kb / 8P
   LVDS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com