Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3853IUJ-PBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3853IUJ-PBF
Description  Triple Output, Multiphase Synchronous Step-Down Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3853IUJ-PBF Datasheet(HTML) 5 Page - Linear Technology

  LTC3853IUJ-PBF Datasheet HTML 1Page - Linear Technology LTC3853IUJ-PBF Datasheet HTML 2Page - Linear Technology LTC3853IUJ-PBF Datasheet HTML 3Page - Linear Technology LTC3853IUJ-PBF Datasheet HTML 4Page - Linear Technology LTC3853IUJ-PBF Datasheet HTML 5Page - Linear Technology LTC3853IUJ-PBF Datasheet HTML 6Page - Linear Technology LTC3853IUJ-PBF Datasheet HTML 7Page - Linear Technology LTC3853IUJ-PBF Datasheet HTML 8Page - Linear Technology LTC3853IUJ-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
LTC3853
5
3853f
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Output Current
and Mode
Efficiency and Power Loss
vs Input Voltage
Efficiency vs Output Current
and Mode
Load Step
(Burst Mode Operation)
Load Step
(Forced Continuous Mode)
LOAD CURRENT (mA)
1.00E-02
1.00E-01
1.00E+00
1.00E+01
40
50
60
70
80
30
20
10
0
90
100
3853 G01
BURST
DCM
CCM
VIN = 12V
VOUT = 1.8V
FIGURE 15 MODIFIED
WITH DCR SENSING
LOAD CURRENT (mA)
1.00E-02
1.00E-01
1.00E+00
1.00E+01
40
50
60
70
80
30
20
10
0
90
100
3853 G02
BURST
DCM
CCM
VIN = 12V
VOUT = 3.3V
FIGURE 15 MODIFIED
WITH DCR SENSING
INPUT VOLTAGE (V)
0
75
80
85
15
25
3853 G03
70
65
60
510
20
90
95
100
1.0
0.8
1.2
1.4
0.4
0.6
0.2
0
1.6
1.8
2.0
30
VOUT = 3.3V
IOUT = 2A
FIGURE 15 MODIFIED
WITH DCR SENSING
EFFICIENCY
POWER LOSS
40μs/DIV
VOUT
100mV/DIV
AC COUPLED
IL
2A/DIV
ILOAD
2A/DIV
3853 G04
VIN = 12V
VOUT = 3.3V
ILOAD = 0A TO 3A
FIGURE 15 CIRCUIT
40μs/DIV
VOUT
100mV/DIV
AC COUPLED
IL
2A/DIV
ILOAD
2A/DIV
3853 G05
VIN = 12V
VOUT = 3.3V
ILOAD = 0A TO 3A
FIGURE 15 CIRCUIT
Inductor Current at Light Load
Load Step
(Pulse Skip Mode)
40μs/DIV
VOUT
100mV/DIV
AC COUPLED
IL
2A/DIV
ILOAD
2A/DIV
3853 G06
VIN = 12V
VOUT = 3.3V
ILOAD = 0A TO 3A
FIGURE 15 CIRCUIT
1μs/DIV
Burst Mode
OPERATION
2A/DIV
FORCED
CONTINUOUS
MODE
2A/DIV
PULSE SKIPPING
MODE
2A/DIV
3853 G07
VIN = 12
VOUT = 1.8V
ILOAD = 100mA
FIGURE 15 CIRCUIT


Similar Part No. - LTC3853IUJ-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3853 LINER-LTC3853 Datasheet
2Mb / 40P
   Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
LTC3853 LINER-LTC3853 Datasheet
349Kb / 30P
   550kHz, PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator
LTC3853 LINER-LTC3853 Datasheet
398Kb / 32P
   2-Phase, High Efficiency DC/DC Controller for Intel Mobile CPUs
LTC3853 LINER-LTC3853 Datasheet
721Kb / 54P
   Dual, Fast, Accurate Step-Down DC/DC Controller
LTC3853 LINER-LTC3853 Datasheet
696Kb / 50P
   Fast, Accurate, 2-Phase, Single-Output Step-Down DC/DC Controller
More results

Similar Description - LTC3853IUJ-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3853 LINER-LTC3853_15 Datasheet
752Kb / 36P
   Triple Output, Multiphase Synchronous Step-Down Controller
logo
Texas Instruments
TPS65263-Q1 TI1-TPS65263-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   Output Current Triple Synchronous Step-Down Converter
TPS65265 TI1-TPS65265 Datasheet
2Mb / 47P
[Old version datasheet]   Output Current Triple Synchronous Step-Down Converter
TPS65262-2 TI1-TPS65262-2 Datasheet
2Mb / 41P
[Old version datasheet]   Output Current Triple Synchronous Step-Down Converter
logo
Analog Devices
LTC7819 AD-LTC7819 Datasheet
1Mb / 36P
   40V Low IQ, Triple Output, 3-Phase Synchronous Step-Down Controller
logo
Maxim Integrated Produc...
MAX17548 MAXIM-MAX17548 Datasheet
1Mb / 28P
   42V, Dual-Output, Synchronous Step-Down Controller
Rev 0; 2/17
MAX17559 MAXIM-MAX17559 Datasheet
951Kb / 28P
   60V, Dual-Output, Synchronous Step-Down Controller
Rev 0; 6/15
logo
Vishay Siliconix
SIP12202 VISHAY-SIP12202 Datasheet
768Kb / 10P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
SIP12201 VISHAY-SIP12201 Datasheet
865Kb / 11P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
logo
Linear Technology
LTC3892-2 LINER-LTC3892-2 Datasheet
426Kb / 8P
   60V, Low IQ Multiphase Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com