Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3862 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3862
Description  Multi-Phase Current Mode Step-Up DC/DC Controller
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3862 Datasheet(HTML) 2 Page - Linear Technology

  LTC3862 Datasheet HTML 1Page - Linear Technology LTC3862 Datasheet HTML 2Page - Linear Technology LTC3862 Datasheet HTML 3Page - Linear Technology LTC3862 Datasheet HTML 4Page - Linear Technology LTC3862 Datasheet HTML 5Page - Linear Technology LTC3862 Datasheet HTML 6Page - Linear Technology LTC3862 Datasheet HTML 7Page - Linear Technology LTC3862 Datasheet HTML 8Page - Linear Technology LTC3862 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
LTC3862
2
3862fb
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage (VIN)......................... –0.3V to 40V
INTVCC Voltage ............................................ –0.3V to 6V
INTVCC LDO RMS Output Current .........................50mA
RUN Voltage ................................................ –0.3V to 8V
SYNC Voltage............................................... –0.3V to 6V
SLOPE, PHASEMODE, DMAX,
BLANK Voltage........................................... –0.3V to 3V8
SENSE1+, SENSE1, SENSE2+,
SENSE2Voltage ....................................... –0.3V to 3V8
SS, PLLFLTR Voltage ................................. –0.3V to 3V8
(Notes 1, 2)
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
FE PACKAGE
24-LEAD PLASTIC TSSOP
24
23
22
21
20
19
18
17
16
15
14
13
DMAX
SLOPE
BLANK
PHASEMODE
FREQ
SS
ITH
FB
SGND
CLKOUT
SYNC
PLLFLTR
3V8
SENSE1+
SENSE1
RUN
VIN
INTVCC
GATE1
PGND
GATE2
NC
SENSE2
SENSE2+
25
TJMAX = 150°C, θJA = 38°C/W
EXPOSED PAD (PIN 25) IS PGND, MUST BE SOLDERED TO PCB
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
GN PACKAGE
24-LEAD NARROW PLASTIC SSOP
24
23
22
21
20
19
18
17
16
15
14
13
DMAX
SLOPE
BLANK
PHASEMODE
FREQ
SS
ITH
FB
SGND
CLKOUT
SYNC
PLLFLTR
3V8
SENSE1+
SENSE1
RUN
VIN
INTVCC
GATE1
PGND
GATE2
NC
SENSE2
SENSE2+
TJMAX = 150°C, θJA = 85°C/W
24 23 22 21 20 19
7
8
9
TOP VIEW
25
UH PACKAGE
24-LEAD (5mm
5mm) PLASTIC QFN
10 11 12
6
5
4
3
2
1
13
14
15
16
17
18
BLANK
PHASEMODE
FREQ
SS
ITH
FB
VIN
INTVCC
GATE1
PGND
GATE2
NC
TJMAX = 150°C, θJA = 34°C/W
EXPOSED PAD (PIN 25) IS PGND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3862EFE#PBF
LTC3862EFE#TRPBF
3862FE
24-Lead Plastic TSSOP
–40°C to 85°C
LTC3862IFE#PBF
LTC3862IFE#TRPBF
3862FE
24-Lead Plastic TSSOP
–40°C to 125°C
LTC3862HFE#PBF
LTC3862HFE#TRPBF
3862FE
24-Lead Plastic TSSOP
–40°C to 150°C
LTC3862EGN#PBF
LTC3862EGN#TRPBF
LTC3862GN
24-Lead Plastic SSOP
–40°C to 85°C
LTC3862IGN#PBF
LTC3862IGN#TRPBF
LTC3862GN
24-Lead Plastic SSOP
–40°C to 125°C
LTC3862HGN#PBF
LTC3862HGN#TRPBF
LTC3862GN
24-Lead Plastic SSOP
–40°C to 150°C
LTC3862EUH#PBF
LTC3862EUH#TRPBF
3862
24-Lead (5mm
× 5mm) Plastic QFN
–40°C to 85°C
LTC3862IUH#PBF
LTC3862IUH#TRPBF
3862
24-Lead (5mm
× 5mm) Plastic QFN
–40°C to 125°C
LTC3862HUH#PBF
LTC3862HUH#TRPBF
3862
24-Lead (5mm
× 5mm) Plastic QFN
–40°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ITH Voltage ............................................... –0.3V to 2.7V
FB Voltage.................................................. –0.3V to 3V8
FREQ Voltage ............................................ –0.3V to 1.5V
Operating Junction Temperature Range (Notes 3, 4)
LTC3862E............................................. –40°C to 85°C
LTC3862I............................................ –40°C to 125°C
LTC3862H .......................................... –40°C to 150°C
Storage Temperature Range................... –65°C to 150°C
Reflow Peak Body Temperature ........................... 260°C


Similar Part No. - LTC3862

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3862 LINER-LTC3862 Datasheet
373Kb / 36P
   PolyPhase Synchronous Boost Controller
LTC3862 LINER-LTC3862 Datasheet
523Kb / 38P
   60V PolyPhase Synchronous Boost Controller
LTC3862 LINER-LTC3862 Datasheet
302Kb / 20P
   No RSENSE Current Mode Boost DC/DC Controller
logo
Analog Devices
LTC3862 AD-LTC3862 Datasheet
1Mb / 48P
   PolyPhase Synchronous Boost Controller with PMBus Interface
LTC3862 AD-LTC3862 Datasheet
1Mb / 38P
   2-Phase Dual Output Nonsynchronous Boost Controller with Hiccup Mode
Rev 0
More results

Similar Description - LTC3862

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3862-1 LINER-LTC3862-1_15 Datasheet
1Mb / 42P
   Multi-Phase Current Mode Step-Up DC/DC Controller
LTC3862-2 LINER-LTC3862-2_15 Datasheet
880Kb / 46P
   Multi-Phase Current Mode Step-Up DC/DC Controller
LTC3862-1 LINER-LTC3862-1 Datasheet
738Kb / 40P
   Multi-Phase Current Mode Step-Up DC/DC Controller
LTC3862 LINER-LTC3862_15 Datasheet
1,021Kb / 42P
   Multi-Phase Current Mode Step-Up DC/DC Controller
logo
Analog Devices
LT8277 AD-LT8277 Datasheet
601Kb / 31P
   Multiphase Current Mode Step-Up DC/DC Controller
Rev 0
ADP1621 AD-ADP1621_15 Datasheet
598Kb / 32P
   Constant-Frequency, Current-Mode Step-Up DC/DC Controller
REV. B
ADP1621 AD-ADP1621 Datasheet
819Kb / 32P
   Constant-Frequency, Current-Mode Step-Up DC/DC Controller
REV. A
logo
Linear Technology
LT3782 LINER-LT3782_15 Datasheet
233Kb / 20P
   2-Phase Step-UP DC/DC Controller
LT3782A LINER-LT3782A Datasheet
238Kb / 20P
   2-Phase Step-Up DC/DC Controller
LT3782A LINER-LT3782A_15 Datasheet
275Kb / 20P
   2-Phase Step-Up DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com