Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV3344BE-70.0M Datasheet(PDF) 5 Page - Pletronics, Inc.

Part # LV3344BE-70.0M
Description  6 Pad Leadless Surface Mount Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

LV3344BE-70.0M Datasheet(HTML) 5 Page - Pletronics, Inc.

  LV3344BE-70.0M Datasheet HTML 1Page - Pletronics, Inc. LV3344BE-70.0M Datasheet HTML 2Page - Pletronics, Inc. LV3344BE-70.0M Datasheet HTML 3Page - Pletronics, Inc. LV3344BE-70.0M Datasheet HTML 4Page - Pletronics, Inc. LV3344BE-70.0M Datasheet HTML 5Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Mar 2004
(425) 776 -1880, Fax: (425) 776-2760, ple-sales@pletronics.com, www.pletronics.com
6A
Pl tronics, Inc.
PECL and LVDS Layout Guidelines Continued
Pl tronics, Inc.
19013 36th Ave. W, Suite H Lynnwood, WA 98036 USA
Manufacturer of High Quality Frequency Control Products
.
Vcc
Vcc - 2.00 V
GND
Out
Vcc
Oscillator
Vcc
GND
Out
Vcc
Oscillator
PECL Terminations:
LVDS Terminations:
Mixed System Power Supply:
50 ohm
Vcc
GND
Out
Vcc
Oscillator
R load
Vcc
GND
Q Out
QN Out
Vcc
Oscillator
100 ohm
R1
R2
Suggested Terminations for 50 ohm impedance matched termination
Simple termination for NON impedance matched termination
Vcc
5.0 V
3.3 V
2.5 V
R1
82 ohm
130 ohm
249 ohm
Vcc
5.0 V
3.3 V
2.5 V
R load
274 ohm
147 ohm
86.6 ohm
R2
130 ohm
82 ohm
61.9 ohm
Thevenin Equivalent Termination
Design PCB traces for 50 ohm characteristic impedance
To use multiple supply voltages requires level translation. Direct circuit connection is not valid.
Mixed supply voltages are allowed. No translation is necessary. (ECL is returned to the most positive
supply and this is common to all circuits)
Mixed supply voltages are allowed. LVDS signal levels are power supply independent.
3.3 V LVDS oscillators properly interface 2.5 V Logic Arrays for example.
PECL
ECL
LVDS


Similar Part No. - LV3344BE-70.0M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV3311PNM SANYO-LV3311PNM Datasheet
144Kb / 20P
   Bi-CMOS LSI For Car Audio Systems Electronic Volume IC
LV3313PM SANYO-LV3313PM Datasheet
143Kb / 18P
   Bi-CMOS LSI For Car Audio Systems Electronic Volume IC
logo
ON Semiconductor
LV3313PM ONSEMI-LV3313PM Datasheet
123Kb / 18P
   Electronic Volume IC for Car Audio Systems
May, 2013
LV3313PM-TLM-E ONSEMI-LV3313PM-TLM-E Datasheet
123Kb / 18P
   Electronic Volume IC for Car Audio Systems
May, 2013
logo
Sanyo Semicon Device
LV3319PM SANYO-LV3319PM Datasheet
875Kb / 26P
   For Car Audio Systems Electronic Volume IC
More results

Similar Description - LV3344BE-70.0M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PE2245B ETC1-PE2245B Datasheet
41Kb / 1P
   10 Pad Leadless Surface Mount Clock Oscillator,see PE1145B for 6Pad
PVM5VBV ETC1-PVM5VBV Datasheet
48Kb / 2P
   6 Pad Leadless Surface Mount or 4 Lead Thru-Hole PECL Voltage Controlled Xtal Oscillator
logo
Connor-Winfield Corpora...
MSD611 CONNOR-WINFIELD-MSD611 Datasheet
210Kb / 2P
   LEADLESS SURFACE MOUNT HCMOS CLOCK OSCILLATOR
MSD621 CONNOR-WINFIELD-MSD621 Datasheet
203Kb / 2P
   LEADLESS SURFACE MOUNT HCMOS CLOCK OSCILLATOR
MSD641 CONNOR-WINFIELD-MSD641 Datasheet
210Kb / 2P
   LEADLESS SURFACE MOUNT HCMOS CLOCK OSCILLATOR
MSD631 CONNOR-WINFIELD-MSD631 Datasheet
203Kb / 2P
   LEADLESS SURFACE MOUNT HCMOS CLOCK OSCILLATOR
logo
CTS Corporation
753 CTS-753 Datasheet
234Kb / 6P
   Leadless Surface Mount
logo
Microsemi Corporation
1N4614UR-1 MICROSEMI-1N4614UR-1 Datasheet
122Kb / 2P
   LEADLESS PACKAGE FOR SURFACE MOUNT
1N746AUR-1 MICROSEMI-1N746AUR-1 Datasheet
44Kb / 2P
   LEADLESS PACKAGE FOR SURFACE MOUNT
BZV55C7V5 MICROSEMI-BZV55C7V5 Datasheet
24Kb / 1P
   LEADLESS PACKAGE FOR SURFACE MOUNT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com