Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3853EUJ Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3853EUJ
Description  Triple Output, Multiphase Synchronous Step-Down Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3853EUJ Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3853EUJ Datasheet HTML 2Page - Linear Technology LTC3853EUJ Datasheet HTML 3Page - Linear Technology LTC3853EUJ Datasheet HTML 4Page - Linear Technology LTC3853EUJ Datasheet HTML 5Page - Linear Technology LTC3853EUJ Datasheet HTML 6Page - Linear Technology LTC3853EUJ Datasheet HTML 7Page - Linear Technology LTC3853EUJ Datasheet HTML 8Page - Linear Technology LTC3853EUJ Datasheet HTML 9Page - Linear Technology LTC3853EUJ Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
LTC3853
6
3853f
TYPICAL PERFORMANCE CHARACTERISTICS
Coincident Tracking
Prebiased Output at 2V
Maximum Current Sense Voltage vs
Feedback Voltage (Current Foldback)
Quiescent Current
vs Input Voltage Without EXTVCC
Internal VCC Line Regulation
Current Sense Threshold
vs ITH Voltage
Maximum Current Sense Threshold
vs Common Mode Voltage
Maximum Current Sense
Threshold vs Duty Cycle
Tracking Up and Down
with External Ramp
50ms/DIV
VOUT
1V/DIV
VTK/SS
500mV/DIV
VFB
500mV/DIV
3853 G08
10ms/DIV
VIN = 12V
VOUT1 = 3.3V
VOUT2 = 2.5V
VOUT3 = 1.8V
RUN1
2V/DIV
VOUT1,2,3
1V/DIV
3853 G09
5ms/DIV
VIN = 12V
VOUT1 = 3.3V
VOUT2 = 2.5V
VOUT3 = 1.8V
TK/SS1
TK/SS2
TK/SS3
2V/DIV
VOUT1,2,3
1V/DIV
3853 G10
INPUT VOLTAGE (V)
5
5.0
5.5
25
3853 G11
4.5
4.0
10
15
20
6.0
INPUT VOLTAGE (V)
0
4.75
5.00
5.25
20
3853 G12
4.50
4.25
510
15
25
4.00
3.75
3.50
VITH (V)
0
–40
–20
0
20
40
60
80
0.5
1
1.5
2
3853 G13
ILIM = INTVCC
ILIM = GND
ILIM = FLOAT
VSENSE COMMON MODE VOLTAGE (V)
0
30
40
50
3
5
20
10
0
12
4
60
70
80
3853 G14
ILIM = INTVCC
ILIM = GND
ILIM = FLOAT
60
80
100
40
20
50
70
90
30
10
0
DUTY CYCLE (%)
0
60
100
20
40
80
3853 G15
ILIM = INTVCC
ILIM = GND
ILIM = FLOAT
FEEDBACK VOLTAGE (V)
0
40
50
60
0.8
3853 G16
30
20
0
0.2
0.4
0.6
0.1
0.9
0.3
0.5
0.7
10
80
70
ILIM = INTVCC
ILIM = FLOAT
ILIM = GND


Similar Part No. - LTC3853EUJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3853 LINER-LTC3853 Datasheet
2Mb / 40P
   Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
LTC3853 LINER-LTC3853 Datasheet
349Kb / 30P
   550kHz, PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator
LTC3853 LINER-LTC3853 Datasheet
398Kb / 32P
   2-Phase, High Efficiency DC/DC Controller for Intel Mobile CPUs
LTC3853 LINER-LTC3853 Datasheet
721Kb / 54P
   Dual, Fast, Accurate Step-Down DC/DC Controller
LTC3853 LINER-LTC3853 Datasheet
696Kb / 50P
   Fast, Accurate, 2-Phase, Single-Output Step-Down DC/DC Controller
More results

Similar Description - LTC3853EUJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3853 LINER-LTC3853_15 Datasheet
752Kb / 36P
   Triple Output, Multiphase Synchronous Step-Down Controller
logo
Texas Instruments
TPS65263-Q1 TI1-TPS65263-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   Output Current Triple Synchronous Step-Down Converter
TPS65265 TI1-TPS65265 Datasheet
2Mb / 47P
[Old version datasheet]   Output Current Triple Synchronous Step-Down Converter
TPS65262-2 TI1-TPS65262-2 Datasheet
2Mb / 41P
[Old version datasheet]   Output Current Triple Synchronous Step-Down Converter
logo
Analog Devices
LTC7819 AD-LTC7819 Datasheet
1Mb / 36P
   40V Low IQ, Triple Output, 3-Phase Synchronous Step-Down Controller
logo
Maxim Integrated Produc...
MAX17548 MAXIM-MAX17548 Datasheet
1Mb / 28P
   42V, Dual-Output, Synchronous Step-Down Controller
Rev 0; 2/17
MAX17559 MAXIM-MAX17559 Datasheet
951Kb / 28P
   60V, Dual-Output, Synchronous Step-Down Controller
Rev 0; 6/15
logo
Vishay Siliconix
SIP12202 VISHAY-SIP12202 Datasheet
768Kb / 10P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
SIP12201 VISHAY-SIP12201 Datasheet
865Kb / 11P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
logo
Linear Technology
LTC3892-2 LINER-LTC3892-2 Datasheet
426Kb / 8P
   60V, Low IQ Multiphase Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com