Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4068-4.2 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4068-4.2
Description  Standalone Linear Li-Ion Battery Charger with Programmable Termination
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4068-4.2 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4068-4.2 Datasheet HTML 3Page - Linear Technology LTC4068-4.2 Datasheet HTML 4Page - Linear Technology LTC4068-4.2 Datasheet HTML 5Page - Linear Technology LTC4068-4.2 Datasheet HTML 6Page - Linear Technology LTC4068-4.2 Datasheet HTML 7Page - Linear Technology LTC4068-4.2 Datasheet HTML 8Page - Linear Technology LTC4068-4.2 Datasheet HTML 9Page - Linear Technology LTC4068-4.2 Datasheet HTML 10Page - Linear Technology LTC4068-4.2 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC4068-4.2/LTC4068X-4.2
406842fa
OPERATIO
The LTC4068 is a single cell lithium-ion battery charger
using a constant-current/constant-voltage algorithm. It
can deliver up to 950mA of charge current (using a good
thermal PCB layout) with a final float voltage accuracy of
±1%. The LTC4068 includes an internal P-channel power
MOSFET and thermal regulation circuitry. No blocking
diode or external current sense resistor is required; thus,
the basic charger circuit requires only two external com-
ponents. Furthermore, the LTC4068 is capable of operat-
ing from a USB power source.
Normal Charge Cycle
A charge cycle begins when the voltage at the VCC pin rises
above the UVLO threshold level and a 1% program resistor
is connected from the PROG pin to ground. If the BAT pin
is less than 2.9V, the charger enters trickle charge mode.
In this mode, the LTC4068 supplies approximately 1/10th
the programmed charge current to bring the battery volt-
age up to a safe level for full current charging. (Note: The
LTC4068X does not include this trickle charge feature.)
When the BAT pin voltage rises above 2.9V, the charger
enters constant-current mode where the programmed
charge current is supplied to the battery. When the BAT pin
approaches the final float voltage (4.2V), the LTC4068
enters constant-voltage mode and the charge current
begins to decrease. When the charge current drops to the
programmed termination threshold (set by the external
resistor RTERM), the charge cycle ends.
Programming Charge Current
The charge current is programmed using a single resistor
from the PROG pin to ground. The charge current out of
the BAT pin is 1000 times the current out of the PROG pin.
The program resistor and the charge current are calcu-
lated using the following equations:
R
V
I
I
V
R
PROG
CHG
CHG
PROG
==
1000
1000
,
Charge current out of the BAT pin can be determined at any
time by monitoring the PROG pin voltage and using the
following equation:
I
V
R
BAT
PROG
PROG
=
• 1000
Programming Charge Termination
The charge cycle terminates when the charge current
falls below the programmed termination threshold. This
threshold is set by connecting an external resistor, RTERM,
from the ITERM pin to ground. The charge termination
current threshold (ITERM) is set by the following equation:
I
V
R
IR
R
R
V
I
TERM
TERM
CHG
PROG
TERM
TERM
TERM
==
=
100
10
100
•,
The termination condition is detected by using an internal
filtered comparator to monitor the ITERM pin. When the
ITERM pin voltage drops below 100mV* for longer than
tTERM (typically 1ms), charging is terminated. The charge
current is latched off and the LTC4068 enters standby
mode where the input supply current drops to 200µA.
(Note: Termination is disabled in trickle charging and
thermal limiting modes.)
ITERMcan be set to be 1/10th of ICHG by shorting the ITERM
pin to the PROG pin, thus eliminating the need for external
resistor RTERM. When configured in this way, ITERM is
always set to ICHG/10, and the programmed charge current
is set by the equation:
I
V
R
R
V
I
CHG
PROG
PROG
CHG
==
500
500
,
**
When charging, transient loads on the BAT pin can cause
the ITERM pin to fall below 100mV for short periods of
time before the DC charge current has dropped to 10% of
the programmed value. The 1ms filter time (tTERM) on the
termination comparator ensures that transient loads of
this nature do not result in premature charge cycle termi-
nation. Once the
average charge current drops below the
programmed termination threshold, the LTC4068 termi-
nates the charge cycle and ceases to provide any current
out of the BAT pin. In this state, any load on the BAT pin
must be supplied by the battery.
The LTC4068 constantly monitors the BAT pin voltage in
standby mode. If this voltage drops below the 4.1V recharge
Any external sources that hold the ITERM pin above 100mV will prevent the LTC4068 from
terminating a charge cycle.
These equations apply only when the ITERM pin is shorted to the PROG pin.
*
**


Similar Part No. - LTC4068-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4068X-4.2 LINER-LTC4068X-4.2 Datasheet
149Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Programmable Termination
LTC4068X-4.2 LINER-LTC4068X-4.2_15 Datasheet
149Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Programmable Termination
More results

Similar Description - LTC4068-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4068X-4.2 LINER-LTC4068X-4.2_15 Datasheet
149Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Programmable Termination
logo
First Silicon Co., Ltd
FC5754 FS-FC5754 Datasheet
795Kb / 19P
   Standalone Linear Li-Ion Battery Charger
logo
Lowpower Semiconductor ...
LP4074 POWER-LP4074 Datasheet
353Kb / 8P
   600mA Standalone Linear Li-Ion Battery Charger
logo
SHANGHAI BELLING CO., L...
BL4054 BELLING-BL4054 Datasheet
337Kb / 16P
   800mA Standalone Linear Li-Ion Battery Charger
logo
Lowpower Semiconductor ...
LP4056H POWER-LP4056H Datasheet
416Kb / 7P
   1A Standalone Linear Li-Ion Battery Charger
LP28057A POWER-LP28057A Datasheet
416Kb / 7P
   1A Standalone Linear Li-Ion Battery Charger
LP4054H POWER-LP4054H Datasheet
354Kb / 8P
   600mA Standalone Linear Li-Ion Battery Charger
LP4075 POWER-LP4075 Datasheet
310Kb / 7P
   600mA Standalone Linear Li-Ion Battery Charger
logo
Linear Technology
LTC4061EDD-4.4 LINER-LTC4061EDD-4.4 Datasheet
224Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Thermistor Input
logo
List of Unclassifed Man...
XT2055 ETC1-XT2055 Datasheet
257Kb / 10P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com