Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LV9945DEV-375.0M-1K Datasheet(PDF) 6 Page - Pletronics, Inc.

Part # LV9945DEV-375.0M-1K
Description  LVDS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

LV9945DEV-375.0M-1K Datasheet(HTML) 6 Page - Pletronics, Inc.

  LV9945DEV-375.0M-1K Datasheet HTML 1Page - Pletronics, Inc. LV9945DEV-375.0M-1K Datasheet HTML 2Page - Pletronics, Inc. LV9945DEV-375.0M-1K Datasheet HTML 3Page - Pletronics, Inc. LV9945DEV-375.0M-1K Datasheet HTML 4Page - Pletronics, Inc. LV9945DEV-375.0M-1K Datasheet HTML 5Page - Pletronics, Inc. LV9945DEV-375.0M-1K Datasheet HTML 6Page - Pletronics, Inc. LV9945DEV-375.0M-1K Datasheet HTML 7Page - Pletronics, Inc. LV9945DEV-375.0M-1K Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LV99D Series 3.3 V
LVDS Clock Oscillators
January 2007
www.pletronics.com
425-776-1880
6
Mechanical:
Inches
mm
A
0.276 +
_0.006
7.00 +
_0.15
B
0.197 +
_0.006
5.00 +
_0.15
C
0.067 max
1.70 max
D
1
0.038
0.96
E
1
0.200
5.08
F
1
0.004
0.10
G
1
0.050
1.27
H
1
0.055
1.40
Contacts
:
Gold 11.8 µinches
0.3 µm minimum over
Nickel 50 to 350 µinches
1.27 to 8.89 µm
1 Typical dimensions
Not to Scale
I
1
0.024
0.60
J
1
0.004r
0.10r
K
1
0.008r
0.20r
L
1
0.089
2.25
Center metalized pad on the base is
not connected.
M
1
0.010r
0.25r
Pad
Function
Note
1
Output
Enable/Disable
When this pad is not connected the oscillator shall operate.
If <0.80 volts, the output will be inhibited (high impedance state.)
Recommend connecting this pad to V
CC if the oscillator is to be always on.
2
No connect
This pad should be connected to Ground or Supply Voltage to lower the packages
thermal resistance.
3
Ground (GND)
4
Output
The outputs must be terminated, 100 ohms between the outputs is the ideal
termination.
Capacitor coupled terminations can be used.
5
Output*
6
Supply Voltage
(V
CC)
Recommend connecting appropriate power supply bypass capacitors as close as
possible.


Similar Part No. - LV9945DEV-375.0M-1K

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
LV9945DEV15625M PLETRONICS-LV9945DEV15625M Datasheet
324Kb / 2P
   Excellent phase noise characteristics
More results

Similar Description - LV9945DEV-375.0M-1K

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
LV7745DEX PLETRONICS-LV7745DEX Datasheet
149Kb / 8P
   LVDS Clock Oscillators
LV7745DEW PLETRONICS-LV7745DEW Datasheet
148Kb / 8P
   LVDS Clock Oscillators
LV1145BEV PLETRONICS-LV1145BEV Datasheet
129Kb / 8P
   LVDS Clock Oscillators
LV7845DEV PLETRONICS-LV7845DEV Datasheet
161Kb / 8P
   LVDS Clock Oscillators
LV7645DEV PLETRONICS-LV7645DEV Datasheet
160Kb / 8P
   LVDS Clock Oscillators
LV7745DEV PLETRONICS-LV7745DEV Datasheet
148Kb / 8P
   LVDS Clock Oscillators
LV9345DEV PLETRONICS-LV9345DEV Datasheet
116Kb / 8P
   LVDS Clock Oscillators
LV5545DEW PLETRONICS-LV5545DEW Datasheet
110Kb / 8P
   LVDS Clock Oscillators
LV5545DEV PLETRONICS-LV5545DEV Datasheet
109Kb / 8P
   LVDS Clock Oscillators
LV7X45DEW PLETRONICS-LV7X45DEW Datasheet
200Kb / 9P
   LVDS Clock Oscillators
LV8845DEV-D PLETRONICS-LV8845DEV-D Datasheet
149Kb / 8P
   LVDS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com