Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3873IDDB-5-TRPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3873IDDB-5-TRPBF
Description  No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3873IDDB-5-TRPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3873IDDB-5-TRPBF Datasheet HTML 6Page - Linear Technology LTC3873IDDB-5-TRPBF Datasheet HTML 7Page - Linear Technology LTC3873IDDB-5-TRPBF Datasheet HTML 8Page - Linear Technology LTC3873IDDB-5-TRPBF Datasheet HTML 9Page - Linear Technology LTC3873IDDB-5-TRPBF Datasheet HTML 10Page - Linear Technology LTC3873IDDB-5-TRPBF Datasheet HTML 11Page - Linear Technology LTC3873IDDB-5-TRPBF Datasheet HTML 12Page - Linear Technology LTC3873IDDB-5-TRPBF Datasheet HTML 13Page - Linear Technology LTC3873IDDB-5-TRPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC3873-5
10
38735fb
Turns Ratios
Due to the use of the external feedback resistor divider
ratio to set output voltage, the user has relative freedom
in selecting a transformer turns ratio to suit a given ap-
plication. Simple ratios of small integers, e.g., 1:1, 2:1, 3:2,
etc. can be employed which yield more freedom in setting
total turns and mutual inductance. Simple integer turns
ratios also facilitate the use of “off-the-shelf” configurable
transformers such as the Coiltronics VERSA-PAC series
in applications with high input to output voltage ratios.
For example, if a 6-winding VERSA-PAC is used with three
windings in series on the primary and three windings in
parallel on the secondary, a 3:1 turns ratio will be achieved.
Turns ratio can be chosen on the basis of desired duty
cycle. However, remember that the input supply voltage
plus the secondary-to-primary referred version of the
flyback pulse (including leakage spike) must not exceed
the allowed external MOSFET breakdown rating.
Leakage Inductance
Transformer leakage inductance (on either the primary
or secondary) causes a voltage spike to occur after the
output switch (Q1) turn-off. This is increasingly prominent
at higher load currents where more stored energy must
be dissipated. In some cases a “snubber” circuit will be
required to avoid overvoltage breakdown at the MOSFET’s
drain node. Application Note 19 is a good reference on
snubber design. A bifilar or similar winding technique is a
good way to minimize troublesome leakage inductances.
However, remember that this will limit the primary-to-
secondary breakdown voltage, so bifilar winding is not
always practical.
Power MOSFET Selection
The power MOSFET serves two purposes in the LTC3873-5:
it represents the main switching element in the power path
and its RDS(ON) represents the current sensing element
for the control loop. Important parameters for the power
MOSFET include the drain-to-source breakdown voltage
(BVDSS), the threshold voltage (VGS(TH)), the on-resistance
(RDS(ON))versusgate-to-sourcevoltage,thegate-to-source
APPLICATIONS INFORMATION
and gate-to-drain charges (QGS and QGD, respectively),
the maximum drain current (ID(MAX)) and the MOSFET’s
thermal resistances (RTH(JC) and RTH(JA)).
Current Limit Programming
During the switch on-time, the control circuit limits the
maximum voltage drop across the current sense com-
ponent to about 270mV, 100mV and 170mV at low duty
cycle with IPRG tied to VIN, GND or left floating respec-
tively. For boost applications with RDS(ON) sensing, refer
to the LTC3872 data sheet for the selection of MOSFET
RDS(ON).
MOSFETs have conduction losses (I2R) and switching
losses. For VDS < 20V, high current efficiency generally
improves with large MOSFETs with low RDS(ON), while
for VDS > 20V the transition losses rapidly increase to the
point that the use of a higher RDS(ON) device with lower
reverse transfer capacitance, CRSS, actually provides
higher efficiency.
Output Capacitors
The output capacitor is normally chosen by its effective
series resistance (ESR), which determines output ripple
voltage and affects efficiency. Low ESR ceramic capaci-
tors are often used to minimize the output ripple. Boost
regulators have large RMS ripple current in the output
capacitor that must be rated to handle the current. The
output ripple current (RMS) is:
II
VV
V
RMS COUT
OUT MAX
OUT
IN MIN
IN MIN
()
(
)
()
()
Output ripple is then simply:
VOUT = RESR(ΔIL(RMS))
The output capacitor for flyback converter should have a
ripple current rating greater than:
II
D
D
RMS
OUT
MAX
MAX
=
1


Similar Part No. - LTC3873IDDB-5-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3873 LINER-LTC3873 Datasheet
176Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873 LINER-LTC3873 Datasheet
183Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873-5 LINER-LTC3873-5 Datasheet
181Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873-5 LINER-LTC3873-5_15 Datasheet
181Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873EDDB LINER-LTC3873EDDB Datasheet
176Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
More results

Similar Description - LTC3873IDDB-5-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3873 LINER-LTC3873 Datasheet
176Kb / 16P
   No RSENSETM Constant Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873-5 LINER-LTC3873-5_15 Datasheet
181Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3873 LINER-LTC3873_15 Datasheet
183Kb / 16P
   Frequency Current Mode Boost/Flyback/SEPIC DC/DC Controller
LTC3805-5 LINER-LTC3805-5 Datasheet
212Kb / 20P
   Adjustable Frequency Current Mode Flyback/ Boost/SEPIC DC/DC Controller
LTC3805-5 LINER-LTC3805-5_15 Datasheet
264Kb / 20P
   Adjustable Frequency Current Mode Flyback/ Boost/SEPIC DC/DC Controller
LTC3803 LINER-LTC3803 Datasheet
181Kb / 12P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-3 LINER-LTC3803-3_15 Datasheet
180Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-5 LINER-LTC3803-5_15 Datasheet
172Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803-3 LINER-LTC3803-3 Datasheet
170Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
LTC3803 LINER-LTC3803_15 Datasheet
174Kb / 16P
   Constant Frequency Current Mode Flyback DC/DC Controller in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com