Selected language     English  â–¼


F-1421 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. F-1421
Description  ISDN S Interface Common Mode Choke
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
Rhombus
Transformers & Magnetic Products
Industries Inc.
1 OF 1
1/26/00
F-172
www.rhombus-ind.com
Physical
Dimensions
inches (mm)
6
4
2
5
3
1
MAX.
.260
(6.60)
MAX.
.300
(7.62)
MAX.
.410
.020
(0.51)
.100
(2.54)
TYP.
.010
(0.25)
.510 (12.95)
.480 (12.19)
MAX.
.410
(10.41)
.040
(1.02)
TYP.
TYP.
(10.41)
TYP.
Surface Mount Common Mode Choke
Operating Temperature Range: -40 oC to +85 oC
Electrical Specifications at 25o C
Winding
DCR
Hi-Pot
Common Mode Attenuation Typ. (dB)
Part
OCL +30%
Max.
Min.
Number
( mH )
(
Ω )
V
RMS
100k
500k
1M
5M
10M
F-172
4.7
1.0
1000
40
43
51
40
38
Schematic
Diagram
5
6
2
1
34
Designed and tested for reflow compatability.
100% incapsulated
Parts shipped in anti-static
tubes. 44 pieces per tube
Tape & Reel
Available
Flammability: Materials used in
the production of these units
meet requirements of UL94-VO
and IEC 695-2-2 needle flame
test.




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CBM6068Common Mode Choke Coils 1 Sumida Corporation
CPFC75DC COMMON MODE CHOKE COIL 1 Sumida Corporation
F-138Surface Mount Common Mode Choke 1 Rhombus Industries Inc.
EPA3393Common Mode Choke 1 PCA ELECTRONICS INC.
CLP82_06DC COMMON MODE CHOKE COIL 1 2 Sumida Corporation
F-139Surface Mount Common Mode Choke 1 Rhombus Industries Inc.
CEP5756ISDN S-Bus Common Mode Inductor 1 Filtran LTD
CLP42-151DC COMMON MODE CHOKE COIL Type:CLP Series> 1 Sumida Corporation
CES5622ISDN S-Bus Common Mode Inductor 1 Filtran LTD
7116Through Hole Common Mode Choke 1 Filtran LTD

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl