Selected language     English  ā–¼


F-173 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. F-173
Description  Surface Mount Common Mode Choke
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
Rhombus
Transformers & Magnetic Products
Industries Inc.
1 OF 1
8/16/98
F-173
www.rhombus-ind.com
F-173
9901
OCL
DCR
Hi-Pot
Common Mode Attenuation (dB)
+ 30%
Max.
Min.
(
ĀµH )
(
ā„¦ )
V
RMS
100k
1M
10M
30M
50M
100M
4700
1.2
1000
31
4236272313
Electrical Specifications at 25o C
Surface Mount Common Mode Choke
Suggested Pad Layout
Physical
Dimensions
inches (mm)
Operating Temperature Range: 0 oC to +70 oC
Schematic
Diagram
Flammability: Materials used in
the production of these units are
UL94-VO and meet requirements
of IEC 695-2-2 needle flame test.
Parts shipped in anti-static
tubes. 50 pieces per tube
Tape & Reel Available
1
2
3
4
8
7
6
5




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
F-138Surface Mount Common Mode Choke 1 Rhombus Industries Inc.
F-139Surface Mount Common Mode Choke 1 Rhombus Industries Inc.
F-172Surface Mount Common Mode Choke 1 Rhombus Industries Inc.
7526Choke Surface Mount Common Mode Choke 1 Filtran LTD
8033Choke Surface Mount Common Mode Chokes 1 Filtran LTD
8041CHOKE Surface Mount Common Mode Choke 1 Filtran LTD
8042CHOKE Surface Mount Common Mode Choke 1 Filtran LTD
8044CHOKE Surface Mount Common Mode Choke 1 Filtran LTD
ICM-0805_06Surface Mount Common Mode Choke 1 2 Vishay Siliconix
ICM-1206_06Surface Mount Common Mode Choke 1 2 Vishay Siliconix

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl