Selected language     English  ā–¼


F-174 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. F-174
Description  Surface Mount Common Mode Choke
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

   
 1 page
background image
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
Rhombus
Transformers & Magnetic Products
Industries Inc.
1 OF 1
4/11/2001
F-174
Schematic
Diagram
Pri. Ind.
DCR
Hi-Pot
Common Mode Attenuation (dB) Frequency in MHz
Part
OCL, Min. Max.
Min.
Number
(
ĀµH )
(
ā„¦ )
V
RMS
10
100
150
200
250
300
400
500
F-174
1.9
0.4
1500
-32
-40
-37
-27
-22
-18
-8
-4
Operating Temperature Range: 0 oC to +70 oC
www.rhombus-ind.com
Electrical Specifications at 25o C
Surface Mount
Common Mode Choke
Physical
Dimensions
inches (mm)
2
4
6
13
5
.200
(5.08)
MAX.
.020
(0.38)
.315
(8.00)
MAX.
.038
(0.96)
TYP.
.100
(2.54)
TYP.
TYP.
.405 (10.29)
.425 (10.80)
.270
(6.86)
.286
(7.27)
.010
(0.25)
TYP.
TYP.
.018
(0.46)
TYP.
TYP.




Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
F-138Surface Mount Common Mode Choke 1 Rhombus Industries Inc.
F-139Surface Mount Common Mode Choke 1 Rhombus Industries Inc.
F-172Surface Mount Common Mode Choke 1 Rhombus Industries Inc.
F-173Surface Mount Common Mode Choke 1 Rhombus Industries Inc.
7526Choke Surface Mount Common Mode Choke 1 Filtran LTD
8033Choke Surface Mount Common Mode Chokes 1 Filtran LTD
8041CHOKE Surface Mount Common Mode Choke 1 Filtran LTD
8042CHOKE Surface Mount Common Mode Choke 1 Filtran LTD
8044CHOKE Surface Mount Common Mode Choke 1 Filtran LTD
ICM-0805_06Surface Mount Common Mode Choke 1 2 Vishay Siliconix

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl